Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-21002-3 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 2-21002-3
Description  Pneumatic Tools
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-21002-3 Datasheet(HTML) 5 Page - Tyco Electronics

  2-21002-3 Datasheet HTML 1Page - Tyco Electronics 2-21002-3 Datasheet HTML 2Page - Tyco Electronics 2-21002-3 Datasheet HTML 3Page - Tyco Electronics 2-21002-3 Datasheet HTML 4Page - Tyco Electronics 2-21002-3 Datasheet HTML 5Page - Tyco Electronics 2-21002-3 Datasheet HTML 6Page - Tyco Electronics 2-21002-3 Datasheet HTML 7Page - Tyco Electronics 2-21002-3 Datasheet HTML 8Page - Tyco Electronics 2-21002-3 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
409-2426
Pneumatic Tools 68068 and 68068-1
Rev A
5 of 17
Tyco Electronics Corporation
Lubricator
Regulator
Airflow
To Tool
Filter and
Moisture Separator
DRAIN REGULARLY
CHECK AIR PRESSURE REGULARLY
(552 kPa [80 psi] Min-689 kPa [100 psi] Max)
CHECK OIL LEVEL REGULARLY
(Adjust to Very Fine Mist
Approximately 1 Drop per 15-20 Cycles)
D
Minimizes clogging and excessive
wear
D
Minimizes rust and corrosion
D
Prevents water from washing away
lubricants
D
Prevents water emission from
exhaust ports
D
Promotes smooth, consistent performance
D
Protects hoses and components from
damage
D
Eliminates sluggish or sticking valves and
pistons
D
Provides protective film for highly
polished or close tolerance surfaces
D
Provides seal in close tolerance areas
D
Extends life of pistons, cylinders, and
valves
SUGGESTED MANUFACTURERS
Filter and Moisture Separator, Regulator, Lubricator
Lubricator Oil
(Only Use Good Quality, Non-Synthetic Air Lubricant)
C.A. Norgen Co., Littleton, CO
Chicago Pneumatic ToolCo., New York, NY
(C.P. Airoilene SAE 10)
Chicago Pneumatic ToolCo., New York, NY
Figure 3
Airoilene is a trademark of Chicago Pneumatic Tool Co.
2. DESCRIPTION
2.1. Physical Description
The tool consists of a housing, handle, and air hose that connects to an air supply. The housing contains the
cylinder, piston, and cam. The front of the housing accepts an interchangeable jaw assembly that is secured to
the housing by two pivot pins. The back of the housing features an identification plate. The handle has a
control button that actuates the tool. Refer to Figure 4.
2.2. Functional Description
To avoid personal injury, ALWAYS DISCONNECT the tool from the air supply when changing the jaw assembly.
Always keep fingers clear of jaws during the crimping operation.
When the tool is connected to the air supply, air pressure on the return side of the cylinder maintains the piston
and cam in a neutral position and allows the spring–loaded jaws to remain open. Refer to Figure 4, Detail A.
The operator can now position the wire–loaded terminal or splice in the jaws.
When the control button is depressed, full air line pressure is directed into the power side of the cylinder,
closing the jaws to the crimp position. Refer to Figure 4, Detail B.
Releasing the control button allows full air line pressure to enter the return side of the cylinder, returning the
piston and cam to neutral position. The spring–loaded jaws will open and the tool is ready for the next crimping
operation.
DANGER


Similar Part No. - 2-21002-3

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2-21002-1 TEC-2-21002-1 Datasheet
106Kb / 4P
   Reasons for reissue are provided in Section 7, REVISION SUMMARY.
2-21002-1 TEC-2-21002-1 Datasheet
128Kb / 3P
   Seating Tool Assembly
2-21002-2 TEC-2-21002-2 Datasheet
520Kb / 1P
   SHOULD BE CONTACTED FOR THE LATEST REVISION.
2-21002-2 TEC-2-21002-2 Datasheet
1Mb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
2-21002-2 TEC-2-21002-2 Datasheet
2Mb / 3P
   THE REPLACEMENT OCEAN STYLE APPLICATOR HAS THE SAME TERMINATOR/PRESS INTERFACE AS APPLICATOR
More results

Similar Description - 2-21002-3

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
600-067 GLENAIR-600-067 Datasheet
258Kb / 1P
   Pneumatic Banding Tools
logo
Rosenberger Hochfrequen...
32W100-023 ROSENBERGER-32W100-023 Datasheet
77Kb / 1P
   FLARING TOOLS
logo
TE Connectivity Ltd
408-7158 TEC-408-7158 Datasheet
468Kb / 2P
   Extraction Tools
logo
List of Unclassifed Man...
WC-620 ETC2-WC-620 Datasheet
70Kb / 6P
   Crimping tools
logo
SICK AG
ES21-XA100 SICK-ES21-XA100 Datasheet
279Kb / 3P
   Mounting tools
logo
Bourns Electronic Solut...
H-90 BOURNS-H-90 Datasheet
50Kb / 1P
   Adjustment Tools
logo
List of Unclassifed Man...
WC-590 ETC2-WC-590 Datasheet
70Kb / 6P
   Crimping tools
logo
NXP Semiconductors
CODEWARRIORPRDS NXP-CODEWARRIORPRDS Datasheet
416Kb / 9P
   Development Tools
REV 0
logo
TE Connectivity Ltd
408-4374 TEC-408-4374 Datasheet
213Kb / 2P
   Extraction Tools
logo
List of Unclassifed Man...
36590 ETC2-36590 Datasheet
280Kb / 1P
   Wiha TORX Tools Wiha TORX Plus Tools
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com