Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-21003-4 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1-21003-4
Description  Micro Pneumatic Tooling
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-21003-4 Datasheet(HTML) 2 Page - Tyco Electronics

  1-21003-4 Datasheet HTML 1Page - Tyco Electronics 1-21003-4 Datasheet HTML 2Page - Tyco Electronics 1-21003-4 Datasheet HTML 3Page - Tyco Electronics 1-21003-4 Datasheet HTML 4Page - Tyco Electronics 1-21003-4 Datasheet HTML 5Page - Tyco Electronics 1-21003-4 Datasheet HTML 6Page - Tyco Electronics 1-21003-4 Datasheet HTML 7Page - Tyco Electronics 1-21003-4 Datasheet HTML 8Page - Tyco Electronics 1-21003-4 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
409- 10039
“Micro” Pneumatic Tooling Assembly 1490567- 1
Rev C
2
of 15
Tyco Electronics Corporation
SAFETY PRECAUTIONS AVOID INJURY
Safeguards are designed into this application equipment to protect operators and maintenance personnel from
most hazards during equipment operation. However, certain safety precautions must be taken by the operator
and repair personnel to avoid personal injury, as well as damage to the equipment. For best results, application
equipment must be operated in a dry, dust--free environment. Do not operate equipment in a gaseous or
hazardous environment.
Carefully observe the following safety precautions before and during operation of the equipment:
D
ALWAYS wear appropriate ear protection.
D
ALWAYS wear approved eye protection when operating powered equipment.
D
ALWAYS keep guard(s) in place during normal operation.
D
ALWAYS insert power plug into a properly grounded receptacle to avoid electrical shock.
D
ALWAYS turn off the main power switch and disconnect electrical cord from the power source when
performing maintenance on the equipment.
D
NEVER wear loose clothing or jewelry that may catch in moving parts of the application equipment.
D
NEVER insert hands into installed application equipment.
D
NEVER alter, modify, or misuse the application equipment.
TOOLING ASSISTANCE CENTER
CALL TOLL FREE 1- 800- 722- 1111 (CONTINENTAL UNITED STATES AND PUERTO RICO ONLY)
The Tooling Assistance Center offers a means of providing technical assistance when required.
In addition, Field Service Specialists are available to provide assistance in the adjustment or repair of the
application equipment when problems arise which your maintenance personnel are unable to correct.
INFORMATION REQUIRED WHEN CONTACTING THE TOOLING ASSISTANCE CENTER
When calling the Tooling Assistance Center regarding service to equipment, it is suggested that a person
familiar with the device be present with a copy of the manual (and drawings) to receive instructions. Many
difficulties can be avoided in this manner.
When calling the Tooling Assistance Center, be ready with the following information:
01. Customer name
02. Customer address
03. Person to contact (name, title, telephone number, and extension)
04. Person calling
05. Equipment number (and serial number if applicable)
06. Product part number (and serial number if applicable)
07. Urgency of request
08. Nature of problem
09. Description of inoperative component(s)
10. Additional information/comments that may be helpful
DANGER


Similar Part No. - 1-21003-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-21003-4 MACOM-1-21003-4 Datasheet
547Kb / 5P
   Pistol Grip Seating Tool
More results

Similar Description - 1-21003-4

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
62201-3700 MOLEX-62201-3700 Datasheet
28Kb / 1P
   Flat Rock Tooling for Pneumatic Press
09/04/2013
logo
TE Connectivity Ltd
408-8878 TEC-408-8878 Datasheet
217Kb / 4P
   626 Pneumatic Crimping Head 1490191-1 (Used with 626 Pneumatic Tooling Assemblies)
logo
Tyco Electronics
408-4105 MACOM-408-4105 Datasheet
138Kb / 6P
   Adapt Various Crimping Dies For Use with 626 Pneumatic Tooling Assemblies
logo
TE Connectivity Ltd
408-8413 TEC-408-8413 Datasheet
1Mb / 11P
   626 Pneumatic Crimping Head PN 1338317-1 (Used with 626Pneumatic Tooling Assemblies)
logo
Molex Electronics Ltd.
0634441216 MOLEX11-0634441216 Datasheet
28Kb / 1P
   Application Tooling
0634460705 MOLEX11-0634460705 Datasheet
54Kb / 1P
   Application Tooling
69012-0960 MOLEX11-69012-0960 Datasheet
36Kb / 1P
   Application Tooling
logo
Harwin Plc
T5746 HARWIN-T5746 Datasheet
943Kb / 1P
   Datamate Tooling
logo
List of Unclassifed Man...
SJ4F-71GF-M3.0 ETC2-SJ4F-71GF-M3.0 Datasheet
224Kb / 8P
   APPLICATION TOOLING
logo
Molex Electronics Ltd.
0690080229 MOLEX11-0690080229 Datasheet
35Kb / 1P
   Application Tooling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com