Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-21003-3 Datasheet(PDF) 8 Page - Tyco Electronics

Part # 1-21003-3
Description  Micro Pneumatic Tooling
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-21003-3 Datasheet(HTML) 8 Page - Tyco Electronics

Back Button 1-21003-3 Datasheet HTML 4Page - Tyco Electronics 1-21003-3 Datasheet HTML 5Page - Tyco Electronics 1-21003-3 Datasheet HTML 6Page - Tyco Electronics 1-21003-3 Datasheet HTML 7Page - Tyco Electronics 1-21003-3 Datasheet HTML 8Page - Tyco Electronics 1-21003-3 Datasheet HTML 9Page - Tyco Electronics 1-21003-3 Datasheet HTML 10Page - Tyco Electronics 1-21003-3 Datasheet HTML 11Page - Tyco Electronics 1-21003-3 Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
409- 10039
“Micro” Pneumatic Tooling Assembly 1490567- 1
Rev C
8
of 15
Tyco Electronics Corporation
Lubricator
Regulator
Airflow
To Machine
Filter and Moisture
Separator
DRAIN REGULARLY
CHECK AIR PRESSURE REGULARLY
(620 kPa [90 psi] Min—690 kPa [100 psi] Max)
CHECK OIL LEVEL REGULARLY
(Adjust to Very Fine Mist—Approximately
1 Drop per 15--20 Tool Cycles)
D
Minimizes clogging and excessive
wear
D
Minimizes rust and corrosion
D
Prevents water from washing
away lubricants
D
Prevents water emission from
exhaust ports
D
Promotes smooth, consistent performance
D
Protects hoses and components from
damage
D
Eliminates sluggish or sticking valves and
pistons
D
Provides protective film for highly polished
or close tolerance surfaces
D
Provides seal in close tolerance areas
D
Extends life of pistons, cylinders, and
valves
SUGGESTED MANUFACTURERS
Filter/Moisture Separator, Regulator, Lubricator
Lubricator Oil
(Use Only Good Quality, Non--Synthetic Air Lubricant)
C.A. Norgen Co., Littleton, CO
Chicago Pneumatic Tool Co., New York, NY
(C.P. Airoilene SAE 10)
Chicago Pneumatic Tool Co., New York, NY
Figure 5
4. SYSTEM SETUP AND PREPARATION FOR OPERATION
As delivered, the system has all required air lines installed with the main air supply line ready for connection to
the main air supply. Perform the steps in this section for initial setup and any time a different cam and/or tool
holder assembly is to be used.
System setup includes the following general steps:
1. Making sure the power unit is not connected to the main air supply.
2. Assembling the proper cam to the power unit.
3. Assembling the tool holder assembly to the power unit, ensuring that the cam and tool holder
assembly are properly aligned.
4. Connecting the main air supply.
4.1. Air Supply
If the tool is connected to an air supply, disconnect the tool and make sure there is no residual pressure in the
tool.
4.2. Extending the Piston
If the piston is not extended, grasp the piston with the piston pliers and pull away from the body of the tool.


Similar Part No. - 1-21003-3

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1-21003-3 TEC-1-21003-3 Datasheet
268Kb / 5P
   Pistol Grip Pneumatic Handle Assembly
More results

Similar Description - 1-21003-3

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
62201-3700 MOLEX-62201-3700 Datasheet
28Kb / 1P
   Flat Rock Tooling for Pneumatic Press
09/04/2013
logo
TE Connectivity Ltd
408-8878 TEC-408-8878 Datasheet
217Kb / 4P
   626 Pneumatic Crimping Head 1490191-1 (Used with 626 Pneumatic Tooling Assemblies)
logo
Tyco Electronics
408-4105 MACOM-408-4105 Datasheet
138Kb / 6P
   Adapt Various Crimping Dies For Use with 626 Pneumatic Tooling Assemblies
logo
TE Connectivity Ltd
408-8413 TEC-408-8413 Datasheet
1Mb / 11P
   626 Pneumatic Crimping Head PN 1338317-1 (Used with 626Pneumatic Tooling Assemblies)
logo
Molex Electronics Ltd.
0634441216 MOLEX11-0634441216 Datasheet
28Kb / 1P
   Application Tooling
0634460705 MOLEX11-0634460705 Datasheet
54Kb / 1P
   Application Tooling
69012-0960 MOLEX11-69012-0960 Datasheet
36Kb / 1P
   Application Tooling
logo
Harwin Plc
T5746 HARWIN-T5746 Datasheet
943Kb / 1P
   Datamate Tooling
logo
List of Unclassifed Man...
SJ4F-71GF-M3.0 ETC2-SJ4F-71GF-M3.0 Datasheet
224Kb / 8P
   APPLICATION TOOLING
logo
Molex Electronics Ltd.
0690080229 MOLEX11-0690080229 Datasheet
35Kb / 1P
   Application Tooling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com