Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMH11 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # EMH11
Description  Dual Digital Transistors (NPNNPN)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

EMH11 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  EMH11 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd EMH11 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd EMH11 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
EMH11
FEATURES
Two DTC1
14E chips in a package
Mounting possible with SOT-563 automatic mounting machines
Transistor elements are independent, eliminating interference
Mounting cost and area be cut in half
Marking: H11
Absolute maximum ratings(Ta=25
℃)
Parameter
Symbol
Value
Unit
Supply voltage
VCC
50
V
Input voltage
VIN
-
10~40
V
IO
50
Output current
IC(MAX)
100
mA
Power dissipation
Pd
150
mW
Junction temperature
Tj
150
Storage temperature
Tstg
-55~
+150
Electrical characteristics (Ta=25
℃)
Parameter
Symbol
Min.
Typ
Max.
Unit
Conditions
VI(off)
0.5
VCC=5V, IO=100μA
Input voltage
VI(on)
3
V
VO=0.3V, IO=
10mA
Output voltage
VO(on)
0.3
V
IO/II=
10mA/0.5mA
Input current
II
0.88
mA
VI=5V
Output current
IO(off)
0.5
μA
VCC=50V, VI=0
DC current gain
GI
30
VO=5V, IO=
5mA
Input resistance
R1
7
10
13
kΩ
-
Resistance ratio
R2/R1
0.8
1
1.2
-
Transition frequency
fT
250
MHz
VCE=10V, IO=5mA, f=100MHz
JC T
SOT-563
Dual Digital Transistors (NPN+NPN)
www.cj-elec.com
1
C,May,2015
www.cj-elec.com
Digital Transistors (Built-in Resistors)


Similar Part No. - EMH11

ManufacturerPart #DatasheetDescription
logo
Rohm
EMH11 ROHM-EMH11 Datasheet
44Kb / 3P
   General purpose (dual digital transistors)
EMH11 ROHM-EMH11 Datasheet
81Kb / 4P
   General purpose (dual digital transistors)
EMH11 ROHM-EMH11 Datasheet
1Mb / 9P
   General purpose (dual digital transistors)
EMH11 ROHM-EMH11 Datasheet
471Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMH11FHA ROHM-EMH11FHA Datasheet
1Mb / 8P
   General purpose (Dual digital transistors)
More results

Similar Description - EMH11

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
EMH1 JIANGSU-EMH1 Datasheet
5Mb / 3P
   Dual Digital Transistors (NPNNPN)
UMH15N JIANGSU-UMH15N Datasheet
2Mb / 4P
   Dual Digital Transistors (NPNNPN)
EMH4 JIANGSU-EMH4 Datasheet
813Kb / 3P
   Dual Digital Transistors (NPNNPN)
EMH2 JIANGSU-EMH2 Datasheet
3Mb / 3P
   Dual Digital Transistors (NPNNPN)
EMH3 JIANGSU-EMH3 Datasheet
1Mb / 4P
   Dual Digital Transistors (NPNNPN)
logo
Shenzhen Jin Yu Semicon...
EMG8 HTSEMI-EMG8 Datasheet
655Kb / 2P
   dual digital transistors ( NPN NPN)
logo
Jiangsu Changjiang Elec...
EMH10 JIANGSU-EMH10 Datasheet
4Mb / 3P
   Dual Digital Transistors (NPNNPN)
EMG11 JIANGSU-EMG11 Datasheet
703Kb / 3P
   Dual Digital Transistors (NPNNPN)
EMD2 JIANGSU-EMD2 Datasheet
6Mb / 5P
   Dual Digital Transistors (NPNNPN)
logo
Shenzhen Jin Yu Semicon...
UMH14N HTSEMI-UMH14N Datasheet
399Kb / 1P
   dual digital transistors (NPN NPN)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com