Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4-21086-5 Datasheet(PDF) 11 Page - Tyco Electronics

Part # 4-21086-5
Description  Pneumatic Tools
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

4-21086-5 Datasheet(HTML) 11 Page - Tyco Electronics

Back Button 4-21086-5 Datasheet HTML 7Page - Tyco Electronics 4-21086-5 Datasheet HTML 8Page - Tyco Electronics 4-21086-5 Datasheet HTML 9Page - Tyco Electronics 4-21086-5 Datasheet HTML 10Page - Tyco Electronics 4-21086-5 Datasheet HTML 11Page - Tyco Electronics 4-21086-5 Datasheet HTML 12Page - Tyco Electronics 4-21086-5 Datasheet HTML 13Page - Tyco Electronics 4-21086-5 Datasheet HTML 14Page - Tyco Electronics 4-21086-5 Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
409-2426
Pneumatic Tools 68068 and68068-1
Rev A
11 of 17
Tyco Electronics Corporation
6. TROUBLESHOOTING
In the event of tool malfunction, perform the following five–point visual inspection of the tool before attempting
a detailed troubleshooting procedure.
1. Ensure that the air pressure is regulated at 552 kPa [80 psi] minimum to 689 kpa [100 psi] maximum.
2. Ensure that the pivot pins are fully inserted.
3. Ensure that the jaws are properly mated with the cam.
4. Ensure that the jaw cam rollers are not binding and are properly lubricated.
5. Ensure that the cam is properly lubricated.
If the five–point visual inspection does not eliminate the malfunction, refer to Paragraph 2.2, Functional
Description; Figure 8 (troubleshooting table); and Section 7, Parts List (which contains an exploded view of the
tool). If the malfunction cannot be remedied with these aids, contact TOOLING ASSISTANCE CENTER at the
number at the bottom of page 1.
To avoid personal injury or damage to the tool, ALWAYS DISCONNECT the tool from the air supply before attempting
to disassemble the tool for parts inspection or replacement.
MALFUNCTION
PROBABLE CAUSE
REMEDY
Jaws closetoo slowly or will not
bottom and completethecrimp.
Insufficient air pressure.
Ensurethat theair pressureis at least 552 kPa
[80 psi].
Piston O" ring is deteriorated allowing too much
blow-by."
Replace piston O" ring. Refer to Paragraph 8.2.
Air valve spool O" rings are deteriorated
allowing too much blow-by."
Replace air valve spool O" rings. Refer to
Paragraph 8.3.
Air valve spool needs to be adjusted.
Adjust air valve spool. Refer to Paragraph 8.4.
Jaw cam rollers are binding or need to be
lubricated.
Clean, inspect, and lubricate the jaw cam rollers.
Refer to Section 5.
Cam is damaged or needs to be lubricated.
Replace the cam (refer to Paragraph 8.1) or
lubricatethecam (refer to Paragraph 5.3).
Piston cam will not retract to open
jaws or retracts too slowly.
Piston rod O" ring is deteriorated (air leaks into
jaw housing from behind the main piston cam).
Replace piston rod O" ring. Refer to Paragraph
8.2.
Air valve spool O" rings are deteriorated
allowing too much blow-by."
Replace air valve spool O" rings. Refer to
Paragraph 8.3.
Air valve spool needs to be adjusted.
Adjust air valve spool. Refer to Paragraph 8.4.
There is insufficient air pressure.
Ensurethat theair pressureis at least
552 kPa [80 psi].
Figure 8
DANGER


Similar Part No. - 4-21086-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
4-21002-4 MACOM-4-21002-4 Datasheet
205Kb / 4P
   Read the following instructions carefully before and during the installation of the conversion kits on the machine.
4-21010-1 MACOM-4-21010-1 Datasheet
237Kb / 5P
   Remove protective dust caps from both quick connect/disconnect couplers
4-21010-1 MACOM-4-21010-1 Datasheet
132Kb / 4P
   Hydraulic Crimping
logo
TE Connectivity Ltd
4-21012-0 TEC-4-21012-0 Datasheet
315Kb / 5P
   Hydraulic Hand Crimping Tool
logo
Tyco Electronics
4-21012-0 MACOM-4-21012-0 Datasheet
237Kb / 5P
   Remove protective dust caps from both quick connect/disconnect couplers
More results

Similar Description - 4-21086-5

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
600-067 GLENAIR-600-067 Datasheet
258Kb / 1P
   Pneumatic Banding Tools
logo
Rosenberger Hochfrequen...
32W100-023 ROSENBERGER-32W100-023 Datasheet
77Kb / 1P
   FLARING TOOLS
logo
TE Connectivity Ltd
408-7158 TEC-408-7158 Datasheet
468Kb / 2P
   Extraction Tools
logo
List of Unclassifed Man...
WC-620 ETC2-WC-620 Datasheet
70Kb / 6P
   Crimping tools
logo
SICK AG
ES21-XA100 SICK-ES21-XA100 Datasheet
279Kb / 3P
   Mounting tools
logo
Bourns Electronic Solut...
H-90 BOURNS-H-90 Datasheet
50Kb / 1P
   Adjustment Tools
logo
List of Unclassifed Man...
WC-590 ETC2-WC-590 Datasheet
70Kb / 6P
   Crimping tools
logo
NXP Semiconductors
CODEWARRIORPRDS NXP-CODEWARRIORPRDS Datasheet
416Kb / 9P
   Development Tools
REV 0
logo
TE Connectivity Ltd
408-4374 TEC-408-4374 Datasheet
213Kb / 2P
   Extraction Tools
logo
List of Unclassifed Man...
36590 ETC2-36590 Datasheet
280Kb / 1P
   Wiha TORX Tools Wiha TORX Plus Tools
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com