Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4300.0704 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 4300.0704
Description  IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder Terminal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4300.0704 Datasheet(HTML) 1 Page - Schurter Inc.

  4300.0704 Datasheet HTML 1Page - Schurter Inc. 4300.0704 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Connectors (Inlets/Outlets)
0711
www.schurter.com /PG07
Connectors
IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder Terminal
Snap-In Version
C14
70° C
Description
- Panel Mount :
Snap-in version , from front side
- 1 Function
- Appliance Inlet , Pin temperature 70 °C Protection class I
- Solder terminals
Approvals
- UL File Number: E96454
- CSA File Number: 73165
Characteristics
- Designed for standard applications
- Suitable for use in equipment according to IEC/UL 60950
Weblinks
pdf-datasheet, html-datasheet, General Product Information, RoHS,
CHINA-RoHS, REACH, Distributor-Stock-Check, Accessories, Detailed
request for product
Technical Data
Ratings IEC
10 A / 250 VAC; 50 Hz
Ratings UL/CSA
15 A / 250 VAC; 60 Hz
Dielectric Strength
> 2 kVAC between L-N
> 2 kVAC between L/N-PE
(1 min/50 Hz)
Allowable Operation Temp.
-25 °C to +70 °C
IP-Protection
from front side IP 30 acc. to IEC 60529
Insulation cover
Suitable for appliances with protection
class I acc. to IEC 61140
Terminal
Solder
Panel Thickness s
Snap-in from 0.8 mm to
2 mm
universal
Material: Housing
Thermoplastic, black, UL 94V-0
appliance inlet/-outlet
C14 acc. to IEC 60320-1
UL 498, CSA C22.2 no. 42 (for cold
conditions) pin-temperature 70 °C, 10 A,
Protection Class I
Dimensions
Terminals: 4.8x0.8
X=20.3: 0.8-1.2
X=20.5: 1.3-2.0


Similar Part No. - 4300.0704

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4300.0704 SCHURTER-4300.0704 Datasheet
241Kb / 3P
   IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder Terminal
More results

Similar Description - 4300.0704

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0711_1809 SCHURTER-0711_1809 Datasheet
241Kb / 3P
   IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder Terminal
6130-56 SCHURTER-6130-56 Datasheet
350Kb / 2P
   IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder Terminal
0711 SCHURTER-0711_18 Datasheet
232Kb / 3P
   IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder Terminal
0711 SCHURTER-0711_V01 Datasheet
251Kb / 3P
   IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder Terminal
05.01.2022
6100-4 SCHURTER-6100-4_18 Datasheet
311Kb / 4P
   IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
6100-4 SCHURTER-6100-4_V02 Datasheet
334Kb / 4P
   IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
05.01.2022
6100-4 SCHURTER-6100-4 Datasheet
274Kb / 3P
   IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
6100-4_1809 SCHURTER-6100-4_1809 Datasheet
322Kb / 4P
   IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
0721-PP SCHURTER-0721-PP Datasheet
337Kb / 2P
   IEC Appliance Inlet C8, Snap-in Mounting, Front Side, Solder Terminal
0721-PS SCHURTER-0721-PS Datasheet
342Kb / 2P
   IEC Appliance Inlet C8, Snap-in Mounting, Front Side, Solder Terminal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com