Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LERTDUWS2WJAKB-1 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LERTDUWS2WJAKB-1
Description  Compact lightsource in SMT technology
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LERTDUWS2WJAKB-1 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LERTDUWS2WJAKB-1 Datasheet HTML 4Page - OSRAM GmbH LERTDUWS2WJAKB-1 Datasheet HTML 5Page - OSRAM GmbH LERTDUWS2WJAKB-1 Datasheet HTML 6Page - OSRAM GmbH LERTDUWS2WJAKB-1 Datasheet HTML 7Page - OSRAM GmbH LERTDUWS2WJAKB-1 Datasheet HTML 8Page - OSRAM GmbH LERTDUWS2WJAKB-1 Datasheet HTML 9Page - OSRAM GmbH LERTDUWS2WJAKB-1 Datasheet HTML 10Page - OSRAM GmbH LERTDUWS2WJAKB-1 Datasheet HTML 11Page - OSRAM GmbH LERTDUWS2WJAKB-1 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
2014-09-10
8
Version 2.0
LE RTDUW S2W
Relativer zonaler Lichtstromanteil
2) Seite 23
Relative Partial flux
2) page 23
Φ
E/V (2ϕ)/ΦE/V(180°) = f (ϕ); TJ = 25 °C
0
10
20
30
40
50
60
70
80
90 100 110 120 130 140 150 160 170 180
2*ϕ [°]
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
ΦE/V(2ϕ)
ΦE/V(180°)


Similar Part No. - LERTDUWS2WJAKB-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LERTDUWS2W OSRAM-LERTDUWS2W Datasheet
983Kb / 23P
   OSRAM OSTAR Stage
LERTDUWS2WM OSRAM-LERTDUWS2WM Datasheet
3Mb / 28P
   Compact lightsource in SMT technology, glass window on top, RoHS compliant
Version 1.6 2022-08-22
LERTDUWS2WN OSRAM-LERTDUWS2WN Datasheet
1Mb / 25P
   Architectural lighting
LERTDUWS2WN OSRAM-LERTDUWS2WN Datasheet
1Mb / 25P
   OSRAM OSTAR Stage
LERTDUWS2WNKBLA-1 OSRAM-LERTDUWS2WNKBLA-1 Datasheet
2Mb / 25P
   Compact lightsource in SMT technology
More results

Similar Description - LERTDUWS2WJAKB-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LERTDUWS2WNKBLA-1 OSRAM-LERTDUWS2WNKBLA-1 Datasheet
2Mb / 25P
   Compact lightsource in SMT technology
LERTDUWS2WPKBMA-1 OSRAM-LERTDUWS2WPKBMA-1 Datasheet
1Mb / 24P
   Compact lightsource in SMT technology
LE-B-Q8WP OSRAM-LE-B-Q8WP Datasheet
859Kb / 23P
   compact lightsource in SMT technology
LE-BA-Q6WM OSRAM-LE-BA-Q6WM Datasheet
754Kb / 18P
   compact lightsource in SMT
LE-BR-Q7WM OSRAM-LE-BR-Q7WM Datasheet
719Kb / 18P
   compact lightsource in SMT
LE-ATB-N7WM OSRAM-LE-ATB-N7WM Datasheet
845Kb / 21P
   compact lightsource in SMT technology with glass window on top
LE-B-Q9WN OSRAM-LE-B-Q9WN Datasheet
745Kb / 22P
   compact lightsource in SMT technology with glass window on top
LEUWQ9WP OSRAM-LEUWQ9WP Datasheet
861Kb / 22P
   compact lightsource in SMT technology with glass window on top
LE-CW-S2LN OSRAM-LE-CW-S2LN Datasheet
531Kb / 22P
   compact lightsource in multi chip SMT technology with silicone lens
LE-A-Q9WN OSRAM-LE-A-Q9WN Datasheet
664Kb / 21P
   compact lightsource in SMT technology with glass window on top
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com