Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR40045CTS Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # MBR40045CTS
Description  High Surge Capability
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

MBR40045CTS Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  MBR40045CTS Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. MBR40045CTS Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. MBR40045CTS Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MBR40045CTS
Mar 2012
http://www.genesicsemi.com/silicon-products/schottky-rectifiers/
Pg1 of 3
Silicon Power
Schottky Diode
Features
Package
 High Surge Capability
SOT
– 227
Maximum Ratings at Tj = 125 °C, unless otherwise specified
Parameter
Symbol
Conditions
Values
Unit
Repetitive peak reverse voltage
VRRM
45
V
RMS reverse voltage
VRMS
32
V
DC blocking voltage
VDC
45
V
Continuous forward current
IF
TC ≤ 85 °C
400
A
Operating temperature
Tj
-40 to 175
°C
Storage temperature
Tstg
-40 to 175
°C
Electrical Characteristics at Tj = 125 °C, unless otherwise specified (Per Leg)
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Diode forward voltage
VF
IF = 200 A, Tj = 25 °C
1.1
1.2
V
IF = 200 A, Tj = 125 °C
1
Reverse current
IR
VR = 36 V, Tj = 25 °C
1.2
5
µA
VR = 36 V, Tj = 125 °C
835
2500
Total capacitance
C
VR = 1 V, f = 1 MHz, Tj = 25 °C
4910
pF
VR = 20 V, f = 1 MHz, Tj = 25 °C
1399
VR = 45 V, f = 1 MHz, Tj = 25 °C
1032
Thermal Characteristics
Thermal resistance, junction - case
RthJC
2.16
°C/W
Figure 1: Typical Forward Characteristics(Per Leg)
Figure 2: Typical Reverse Characteristics(Per Leg)
VRRM
=
45 V
IF
=
400 A
Pin 2
Pin 1
Pin 4
Pin 3


Similar Part No. - MBR40045CTS

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR40045CT MCC-MBR40045CT Datasheet
132Kb / 3P
   400 Amp Rectifier 20 to 100 Volts Schottky Barrier
logo
Microsemi Corporation
MBR40045CT MICROSEMI-MBR40045CT Datasheet
163Kb / 2P
   SCHOTTKY POWERMOD
logo
TRANSYS Electronics Lim...
MBR40045CT TEL-MBR40045CT Datasheet
133Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 400A
logo
Microsemi Corporation
MBR40045CT MICROSEMI-MBR40045CT Datasheet
123Kb / 2P
   Schottky PowerMod
logo
List of Unclassifed Man...
MBR40045CT ETC2-MBR40045CT Datasheet
524Kb / 2P
   High Surge Capability
More results

Similar Description - MBR40045CTS

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
MBR20020CT GENESIC-MBR20020CT Datasheet
450Kb / 3P
   High Surge Capability
MSRT100120A GENESIC-MSRT100120A Datasheet
415Kb / 3P
   High Surge Capability
1N1206AR GENESIC-1N1206AR Datasheet
741Kb / 3P
   High Surge Capability
MBR200100CTS GENESIC-MBR200100CTS Datasheet
384Kb / 3P
   High Surge Capability
1N1190R GENESIC-1N1190R Datasheet
705Kb / 3P
   High Surge Capability
1N3294AR GENESIC-1N3294AR Datasheet
485Kb / 3P
   High Surge Capability
1N4593R GENESIC-1N4593R Datasheet
722Kb / 3P
   High Surge Capability
1N6098R GENESIC-1N6098R Datasheet
355Kb / 3P
   High Surge Capability
FR12MR05 GENESIC-FR12MR05 Datasheet
728Kb / 3P
   High Surge Capability
FR16JR05 GENESIC-FR16JR05 Datasheet
747Kb / 3P
   High Surge Capability
FR16MR05 GENESIC-FR16MR05 Datasheet
746Kb / 3P
   High Surge Capability
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com