Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLX90363EGOABB-000TU Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # MLX90363EGOABB-000TU
Description  Triaxis짰 Magnetometer IC With High Speed Serial Interface
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90363EGOABB-000TU Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  MLX90363EGOABB-000TU Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90363EGOABB-000TU Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90363EGOABB-000TU Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90363EGOABB-000TU Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90363EGOABB-000TU Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90363EGOABB-000TU Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90363EGOABB-000TU Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90363EGOABB-000TU Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90363EGOABB-000TU Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
MLX90363
Triaxis® Magnetometer IC
With High Speed Serial Interface
3901090363
Page 1 of 57
Data Sheet
Rev. 005
Jul/13
Features and Benefits
Tria⊗is® Magnetometer (BX, BY, BZ)
On Chip Signal Processing for Robust Position Sensing
High Speed Serial Interface (SPI compatible – Full Duplex)
Enhanced Self-Diagnostics Features
5V and 3V3 Application Compatible
14 bit Output Resolution
48 bit ID Number
Single Die – SO8 Package RoHS Compliant
Dual Die (Full Redundant) – TSSOP16 Package RoHS Compliant
Applications
Absolute Contactless Position Sensor
Ordering Code
Product Code Temperature Code
Package Code
Option Code
Packing Form Code
MLX90363
K
DC
ABB-000
RE
MLX90363
K
DC
ABB-000
TU
MLX90363
K
GO
ABB-000
RE
MLX90363
K
GO
ABB-000
TU
MLX90363
E
DC
ABB-000
RE
MLX90363
E
DC
ABB-000
TU
MLX90363
E
GO
ABB-000
RE
MLX90363
E
GO
ABB-000
TU
MLX90363
L
DC
ABB-000
RE
MLX90363
L
DC
ABB-000
TU
MLX90363
L
GO
ABB-000
RE
MLX90363
L
GO
ABB-000
TU
Legend:
Temperature Code:
L for Temperature Range - 40°C to 150°C,
K for Temperature Range - 40°C to 125°C,
E for Temperature Range - 40°C to 85°C.
Package Code:
DC for SOIC-8, GO for TSSOP-16.
Option Code:
xxx-000: Standard version
Packing Form:
RE for Reel
TU for Tube
Ordering example:
MLX90363LGO-ABB-000-TU
GO [TSSO-16]
PPS


Similar Part No. - MLX90363EGOABB-000TU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90360 MELEXIS-MLX90360 Datasheet
651Kb / 35P
   Triaxis횘 Position Sensor IC
MLX90360 MELEXIS-MLX90360 Datasheet
651Kb / 35P
   Triaxis횘 Position Sensor IC
MLX90360 MELEXIS-MLX90360 Datasheet
313Kb / 9P
   Daughter Board for Melexis PTC devices
MLX90360EDCACD-000RE MELEXIS-MLX90360EDCACD-000RE Datasheet
651Kb / 35P
   Triaxis횘 Position Sensor IC
MLX90360EDCACD-000TU MELEXIS-MLX90360EDCACD-000TU Datasheet
651Kb / 35P
   Triaxis횘 Position Sensor IC
More results

Similar Description - MLX90363EGOABB-000TU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90395 MELEXIS-MLX90395 Datasheet
944Kb / 57P
   Triaxis짰 Magnetometer Node
MLX90365EDC-ABB MELEXIS-MLX90365EDC-ABB Datasheet
897Kb / 35P
   Triaxis짰 Position Sensor IC
logo
Rohm
BU17074KV ROHM-BU17074KV Datasheet
668Kb / 9P
   High-speed differential serial interface
logo
Melexis Microelectronic...
MLX90365 MELEXIS-MLX90365 Datasheet
897Kb / 35P
   Triaxis짰 Position Sensor IC
MLX90377 MELEXIS-MLX90377 Datasheet
3Mb / 90P
   Triaxis짰 Position Sensor IC
logo
List of Unclassifed Man...
EDE702 ETC-EDE702 Datasheet
458Kb / 9P
   Serial LCD Interface IC
logo
Analog Devices
ADE7756 AD-ADE7756_15 Datasheet
797Kb / 32P
   Active Energy Metering IC with Serial Interface
REV. 0
ADE7756 AD-ADE7756 Datasheet
347Kb / 32P
   Active Energy Metering IC with Serial Interface
REV. 0
logo
Holt Integrated Circuit...
HI-3582A HOLTIC-HI-3582A Datasheet
126Kb / 17P
   ARINC 429 3.3V Terminal IC with High-Speed Interface
logo
Exar Corporation
XRT4500 EXAR-XRT4500 Datasheet
1Mb / 99P
   MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com