Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLX90363KGOABB-000TU Datasheet(PDF) 10 Page - Melexis Microelectronic Systems

Part # MLX90363KGOABB-000TU
Description  Triaxis짰 Magnetometer IC With High Speed Serial Interface
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90363KGOABB-000TU Datasheet(HTML) 10 Page - Melexis Microelectronic Systems

Back Button MLX90363KGOABB-000TU Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90363KGOABB-000TU Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90363KGOABB-000TU Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90363KGOABB-000TU Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90363KGOABB-000TU Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90363KGOABB-000TU Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90363KGOABB-000TU Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90363KGOABB-000TU Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90363KGOABB-000TU Datasheet HTML 14Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
MLX90363
Triaxis® Magnetometer IC
With High Speed Serial Interface
3901090363
Page 10 of 57
Data Sheet
Rev. 005
Jul/13
10.2. Timing Specification for 3V3 Application Diagram
DC Operating Parameters at VDD = 3.3V and for TA as specified by the Temperature suffix (E, K)
9.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Main Clock Frequency
Ck
13.1
18.8
MHz
Frame Rate
FR
Trigger Mode 1 (Trg. Mod. 1),
Markers 0&2, SCI 2MHz
All other modes, markers and SCI
Frequencies
862
430
s-1
s-1
Watchdog time-out
Wd
See Section 18
15.3
23.2
ms
Power On to First SCI message
(Start-up Time)
tStartUp
See Section 14.20
23.2
ms
SCI protocol: Slave-select rising-
edge to falling-edge
tShort
139
us
SCI protocol: EEPROMWrite Time
teewrite
3.3V Trimmed oscillator
37
ms
Diagnostic Loop Time
tDiag
FR = 862 s-1,Trg.Mod.1, Mark 0&2
FR = 430 s-1
FR = 215 s-1
46.4
23.2
11.6
ms
ms
ms
Internal 1MHz signal
t1us
Ck = 19MHz
1
us
MISO Rise Time
CL = 30pF, RL = 10 k
35
60
ns
MISO Fall Time
CL = 30pF, RL = 10 k
35
60
ns
Magnetic Flux Density Frequency
FR = 862 s-1(10)
FR = 430 s-1(10)
FR = 215 s-1(10)
24
12
4.8
Hz
Hz
Hz
9
Please contact Melexis for Timing specification for “L” Temperature suffix.
10
Limitation linked to the Automatic Gain Control. Beyond that frequency, there is a reduced immunity to norm change (like
vibration). See also Section 19.4.


Similar Part No. - MLX90363KGOABB-000TU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90360 MELEXIS-MLX90360 Datasheet
651Kb / 35P
   Triaxis횘 Position Sensor IC
MLX90360 MELEXIS-MLX90360 Datasheet
651Kb / 35P
   Triaxis횘 Position Sensor IC
MLX90360 MELEXIS-MLX90360 Datasheet
313Kb / 9P
   Daughter Board for Melexis PTC devices
MLX90360EDCACD-000RE MELEXIS-MLX90360EDCACD-000RE Datasheet
651Kb / 35P
   Triaxis횘 Position Sensor IC
MLX90360EDCACD-000TU MELEXIS-MLX90360EDCACD-000TU Datasheet
651Kb / 35P
   Triaxis횘 Position Sensor IC
More results

Similar Description - MLX90363KGOABB-000TU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90395 MELEXIS-MLX90395 Datasheet
944Kb / 57P
   Triaxis짰 Magnetometer Node
MLX90365EDC-ABB MELEXIS-MLX90365EDC-ABB Datasheet
897Kb / 35P
   Triaxis짰 Position Sensor IC
logo
Rohm
BU17074KV ROHM-BU17074KV Datasheet
668Kb / 9P
   High-speed differential serial interface
logo
Melexis Microelectronic...
MLX90365 MELEXIS-MLX90365 Datasheet
897Kb / 35P
   Triaxis짰 Position Sensor IC
MLX90377 MELEXIS-MLX90377 Datasheet
3Mb / 90P
   Triaxis짰 Position Sensor IC
logo
List of Unclassifed Man...
EDE702 ETC-EDE702 Datasheet
458Kb / 9P
   Serial LCD Interface IC
logo
Analog Devices
ADE7756 AD-ADE7756_15 Datasheet
797Kb / 32P
   Active Energy Metering IC with Serial Interface
REV. 0
ADE7756 AD-ADE7756 Datasheet
347Kb / 32P
   Active Energy Metering IC with Serial Interface
REV. 0
logo
Holt Integrated Circuit...
HI-3582A HOLTIC-HI-3582A Datasheet
126Kb / 17P
   ARINC 429 3.3V Terminal IC with High-Speed Interface
logo
Exar Corporation
XRT4500 EXAR-XRT4500 Datasheet
1Mb / 99P
   MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com