Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLX90364LVSADB-200RE Datasheet(PDF) 11 Page - Melexis Microelectronic Systems

Part # MLX90364LVSADB-200RE
Description  Triaxis짰 Position Sensor Assembly
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90364LVSADB-200RE Datasheet(HTML) 11 Page - Melexis Microelectronic Systems

Back Button MLX90364LVSADB-200RE Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90364LVSADB-200RE Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90364LVSADB-200RE Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90364LVSADB-200RE Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90364LVSADB-200RE Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90364LVSADB-200RE Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90364LVSADB-200RE Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90364LVSADB-200RE Datasheet HTML 14Page - Melexis Microelectronic Systems MLX90364LVSADB-200RE Datasheet HTML 15Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
MLX90364
Triaxis® Position Sensor Assembly
MLX90364
Page 11 of 36
Datasheet
Rev 4.1
19/11/2015
Passive Diagnostic Output
Level
(Broken Track Diagnostic) (6)
BVSSPD
Broken VSS &
Pull-down load RL ≥ 10 kΩ
97.5
%VDD
BVSSPU
Broken VSS &
Pull-up load RL ≥ 1kΩ
99.5
100
%VDD
BVDDPD
Broken VDD &
Pull-down load RL ≥ 1kΩ
0
0.5
%VDD
BVDDPU
Broken VDD & Pull-up load RL
5kΩ
2
%VDD
Digital output Ron
Ron
Diag_Low
Diag_Hi
15
120
30
300
Ohm
Clamped Output Level
Clamp_lo
Programmable
0
100
%VDD(7)
Clamp_hi
Programmable
0
100
%VDD(7)
As an illustration of the previous table, the MLX90364 fits the typical classification of the output span
described on the Figure 3.
Figure 3 Example of Output Span Classification for typical application.
6
For detailed information, see also section 16
7
Clamping levels need to be considered vs the saturation of the output stage (see Vsat_lo and Vsat_hi)
Diagnostic Band (High)
Linear Range
Diagnostic Band (Low)
Clamping High
Clamping Low
0 %
10 %
20 %
30 %
40 %
50 %
60 %
70 %
80 %
90 %
100 %
96 %
4 %
92 %
88 %
12 %
8 %


Similar Part No. - MLX90364LVSADB-200RE

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90364LVS-ADD MELEXIS-MLX90364LVS-ADD Datasheet
1Mb / 36P
   Triaxis짰 Position Sensor Assembly
More results

Similar Description - MLX90364LVSADB-200RE

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90364LVS-ADD MELEXIS-MLX90364LVS-ADD Datasheet
1Mb / 36P
   Triaxis짰 Position Sensor Assembly
MLX90371EAC MELEXIS-MLX90371EAC Datasheet
1Mb / 40P
   Triaxis짰 Position Sensor
MLX90333 MELEXIS-MLX90333_13 Datasheet
1Mb / 48P
   Triaxis짰 Position Sensor
MLX90365EDC-ABB MELEXIS-MLX90365EDC-ABB Datasheet
897Kb / 35P
   Triaxis짰 Position Sensor IC
MLX90365 MELEXIS-MLX90365 Datasheet
897Kb / 35P
   Triaxis짰 Position Sensor IC
MLX90377 MELEXIS-MLX90377 Datasheet
3Mb / 90P
   Triaxis짰 Position Sensor IC
MLX90374 MELEXIS-MLX90374 Datasheet
2Mb / 77P
   Triaxis짰 Position Processor
MLX90373 MELEXIS-MLX90373 Datasheet
3Mb / 55P
   Triaxis짰 Position Processor
MLX90378 MELEXIS-MLX90378 Datasheet
2Mb / 66P
   Triaxis짰 Position Processor
MLX90324 MELEXIS-MLX90324 Datasheet
879Kb / 41P
   ?쏹nder-the-Hood??Triaxis짰 Rotary Position
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com