Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLX90364LVSADB-200RE Datasheet(PDF) 8 Page - Melexis Microelectronic Systems

Part # MLX90364LVSADB-200RE
Description  Triaxis짰 Position Sensor Assembly
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90364LVSADB-200RE Datasheet(HTML) 8 Page - Melexis Microelectronic Systems

Back Button MLX90364LVSADB-200RE Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90364LVSADB-200RE Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90364LVSADB-200RE Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90364LVSADB-200RE Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90364LVSADB-200RE Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90364LVSADB-200RE Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90364LVSADB-200RE Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90364LVSADB-200RE Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90364LVSADB-200RE Datasheet HTML 12Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
MLX90364
Triaxis® Position Sensor Assembly
MLX90364
Page 8 of 36
Datasheet
Rev 4.1
19/11/2015
5. Absolute Maximum Ratings
Parameter
Value
Supply Voltage, VDD (overvoltage)
+
24 V
Reverse Voltage Protection
12 V (breakdown at -14 V)
Positive Output Voltage
+
18 V (breakdown at 24 V)
Output Current (IOUT)
+
30 mA (in breakdown)
Reverse Output Voltage
0.3 V
Reverse Output Current
50 mA (in breakdown)
Operating Ambient Temperature Range, TA
40°C … + 150°C
Storage Temperature Range, TS
40°C … + 150°C
Magnetic Flux Density
±
1 T
Exceeding the absolute maximum ratings may cause permanent damage.
Exposure to absolute
maximum rated conditions for extended periods may affect device reliability.
These max ratings are guaranteed by mean of a qualification test where the device is supplied at 24V for
48h, the Output voltage is supplied at 18V for 48h and the device is reversely supplied at -12V for 1h.
6. Description
As described on the block diagram the three vector components of the magnetic flux density (BX, BY and
BZ) applied to the IC are sensed through the sensor front-end. The respective Hall signals (VX, VY and VZ)
are generated at the Hall plates and amplified.
The analog signal processing is based on a fully differential analog chain featuring the classic offset
cancellation technique (Hall plate 2-Phases spinning and chopper-stabilized amplifier).
The conditioned analog signals are converted through an ADC (15 bits) and provided to a DSP block for
further processing. The DSP stage is based on a 16 bit RISC micro-controller whose primary function is
the extraction of the position from two (out of three) raw signals (after so-called front-end compensation
steps) through the following function:
(
)
2
1 ,
V
k
V
=
α
where alpha is the magnetic angle <(B1, B2), V1 = VX or VY or VZ , V2 = VX or VY or VZ and k is a
programmable factor to match the amplitude of V1 and k V2.
The DSP functionality is governed by the micro-code (firmware − F/W) of the micro-controller which is
stored into the ROM (mask programmable). In addition to the magnetic angle extraction, the F/W controls
the whole analog chain, the output transfer characteristic, the output protocol, the programming/calibration
and also the self-diagnostic modes.
The magnetic angular information is intrinsically self-compensated vs. flux density variations. This feature
allows therefore an improved thermal accuracy vs. position sensor based on conventional linear Hall
sensors.
In addition to the improved thermal accuracy, the realized position sensor features excellent linearity
performances taking into account typical manufacturing tolerances (e.g. relative placement between the
Hall IC and the magnet).


Similar Part No. - MLX90364LVSADB-200RE

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90364LVS-ADD MELEXIS-MLX90364LVS-ADD Datasheet
1Mb / 36P
   Triaxis짰 Position Sensor Assembly
More results

Similar Description - MLX90364LVSADB-200RE

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90364LVS-ADD MELEXIS-MLX90364LVS-ADD Datasheet
1Mb / 36P
   Triaxis짰 Position Sensor Assembly
MLX90371EAC MELEXIS-MLX90371EAC Datasheet
1Mb / 40P
   Triaxis짰 Position Sensor
MLX90333 MELEXIS-MLX90333_13 Datasheet
1Mb / 48P
   Triaxis짰 Position Sensor
MLX90365EDC-ABB MELEXIS-MLX90365EDC-ABB Datasheet
897Kb / 35P
   Triaxis짰 Position Sensor IC
MLX90365 MELEXIS-MLX90365 Datasheet
897Kb / 35P
   Triaxis짰 Position Sensor IC
MLX90377 MELEXIS-MLX90377 Datasheet
3Mb / 90P
   Triaxis짰 Position Sensor IC
MLX90374 MELEXIS-MLX90374 Datasheet
2Mb / 77P
   Triaxis짰 Position Processor
MLX90373 MELEXIS-MLX90373 Datasheet
3Mb / 55P
   Triaxis짰 Position Processor
MLX90378 MELEXIS-MLX90378 Datasheet
2Mb / 66P
   Triaxis짰 Position Processor
MLX90324 MELEXIS-MLX90324 Datasheet
879Kb / 41P
   ?쏹nder-the-Hood??Triaxis짰 Rotary Position
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com