Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLX90616 Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # MLX90616
Description  Infra Red Thermometer in TO-39 for high temperature thermometer guns
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90616 Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  MLX90616 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90616 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90616 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90616 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90616 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90616 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90616 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90616 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90616 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
MLX90616ESF-HCA
Infra Red Thermometer in TO-39
for high temperature thermometer guns
3901090616
Page 1 of 36
Data Sheet
Rev 002
August 20, 2012
Features and Benefits
 Easy to integrate
 Factory calibrated in wide temperature range
-
40…+85 ˚C for sensor temperature
 Measurement range -70°C to 1030°C
 Measurement resolution of 0.02°C
 Built in thermal gradient compensation sensor
for fast, stable readings
 SMBus compatible digital interface
 Customizable PWM output for continuous
reading
 3V supply voltage;
 Sleep mode for reduced power consumption
 8-14um spectral sensitivity
Applications Examples
 Sensor element for high temperature
thermometer guns
Ordering Information
Part No.
Temperature
Code
Package
Code
-Option Code
Standard
Part
Packing
Form
MLX90616
E:(-40
C to 85C)
SF (TO-39)
- X X X
(1) (2) (3)
-000
- TU
(1) Supply Voltage/ Accuracy
H - 3V , no IR calibration
(2) Number of thermopiles
C
– gradient compensated:
See page 2
(3) Package options:
A
– Standard package
Example:
MLX90616ESF-HCA-000-TU
1 Functional diagram
Figure 1: Typical application schematics
2 General Description
The MLX90616 is an Infra Red thermopile sensor for high
temperature non-contact thermometers.
Both the IR
sensitive
thermopile
detector
chip
and
the
signal
conditioning ASSP are integrated in the same TO-39 can.
A low noise amplifier, 17-bit ADC and powerful DSP unit,
result
in
a
high
accuracy
and
resolution
of
the
thermometer. The ambient temperature sensor in the
MLX90616 is calibrated in the factory. The digital interface
of the sensor is SMBus compatible.
The MLX90616 is intended to be used in applications where the user places a lens in front of the sensor to
adjust the FOV to his application. The sensor-lens combination temperature measurement has to be
calibrated by the customer.
Melexis provides the necessary software to do this in an engineering
controlled environment.
The MLX90616 consists of a chipset developed and manufactured by Melexis:
The Infra Red thermopile detector MLX81101
The signal conditioning ASSP MLX90302, specially designed to process the output of IR sensor.
The device is available in an industry standard TO-39 package.
J1
CON1
SCL
SDA
GND
Vdd
U1
MLX90616
1
PWM
SDA
C1
MLX90616 connection to SMBus
4
Vss
SCL
3
2
Vdd
0.1uF


Similar Part No. - MLX90616

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone
MLX90614 ETC2-MLX90614 Datasheet
1Mb / 35P
   Single and Dual Zone Infra Red Thermometer
logo
Melexis Microelectronic...
MLX90614 MELEXIS-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
MLX90614 MELEXIS-MLX90614 Datasheet
4Mb / 52P
   Single and Dual Zone Infra Red Thermometer in TO-39
MLX90614 MELEXIS-MLX90614 Datasheet
2Mb / 51P
   Single and Dual Zone Infra Red Thermometer in TO-39
More results

Similar Description - MLX90616

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB90615 MELEXIS-EVB90615 Datasheet
522Kb / 30P
   Infra Red Thermometer
MLX90614 MELEXIS-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
EVB90614 MELEXIS-EVB90614 Datasheet
4Mb / 52P
   Single and Dual Zone Infra Red Thermometer in TO-39
MLX90615 MELEXIS-MLX90615_13 Datasheet
832Kb / 31P
   Infra Red Thermometer
MLX90614 MELEXIS-MLX90614_15 Datasheet
2Mb / 51P
   Single and Dual Zone Infra Red Thermometer in TO-39
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614_06 Datasheet
1Mb / 35P
   Single and Dual Zone Infra Red Thermometer
logo
Extech Instruments Corp...
42542 EXTECH-42542 Datasheet
821Kb / 1P
   High Temperature IR Thermometer
logo
Testo SE & Co. KGaA
TESTO106 TESTO-TESTO106 Datasheet
229Kb / 2P
   Core temperature thermometer
logo
Extech Instruments Corp...
RH101 EXTECH-RH101 Datasheet
155Kb / 8P
   Hygro-Thermometer InfraRed Thermometer
RH101 EXTECH-RH101_15 Datasheet
281Kb / 1P
   Hygro-Thermometer InfraRed Thermometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com