Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLX92211LSE-BAA-xxx-RE Datasheet(PDF) 4 Page - Melexis Microelectronic Systems

Part # MLX92211LSE-BAA-xxx-RE
Description  3-Wire Hall Effect Latch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX92211LSE-BAA-xxx-RE Datasheet(HTML) 4 Page - Melexis Microelectronic Systems

  MLX92211LSE-BAA-xxx-RE Datasheet HTML 1Page - Melexis Microelectronic Systems MLX92211LSE-BAA-xxx-RE Datasheet HTML 2Page - Melexis Microelectronic Systems MLX92211LSE-BAA-xxx-RE Datasheet HTML 3Page - Melexis Microelectronic Systems MLX92211LSE-BAA-xxx-RE Datasheet HTML 4Page - Melexis Microelectronic Systems MLX92211LSE-BAA-xxx-RE Datasheet HTML 5Page - Melexis Microelectronic Systems MLX92211LSE-BAA-xxx-RE Datasheet HTML 6Page - Melexis Microelectronic Systems MLX92211LSE-BAA-xxx-RE Datasheet HTML 7Page - Melexis Microelectronic Systems MLX92211LSE-BAA-xxx-RE Datasheet HTML 8Page - Melexis Microelectronic Systems MLX92211LSE-BAA-xxx-RE Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MLX92211-BAA-xxx
3-Wire Hall Effect Latch
390109221106 – REV 8
Page 4 of 12
Aug/14
4 General Electrical Specifications
DC Operating Parameters VDD = 2.7V to 24V, TA = -40°C to 150°C (unless otherwise specified)
Parameter
Symbol Test Conditions
Min
Typ
(2)
Max
Units
Supply Voltage
VDD
Operating
2.7
-
24
V
Supply Current
IDD
1.5
3.0
4.5
mA
Reverse supply current
IDDREV
VDD = -16V
1
mA
Output Saturation Voltage
VDSON
VDD = 3.5 to 24V, IOUT = 20mA
0.3
0.5
V
Output Leakage
IOFF
VOUT = 12V, VDD = 12V
10
µA
Output Rise Time (1, 6)
(RPU dependent)
tR
RPU = 1kΩ, VDD = 12V, VPU = 5V
CLOAD = 50pF to GND
0.1
0.3
1
µs
Output Fall Time (1, 6)
(On-chip controlled )
tF
RPU = 1kΩ, VDD = 12V, VPU = 5V
CLOAD = 50pF to GND
0.1
0.3
1
µs
Power-On Time (3,4,7)
tON
VDD = 5V, dVDD/dt > 2V/us
-
40
70
µs
Power-On Output State
-
t < tON
High (VPU)
-
Output Current Limit
ICL
VDD=3.5 to 24V, VOUT = 12V
25
40
70
mA
Output ON Time under Current
Limit conditions(8)
tCLON
VPU = 12V, RPU = 100Ω
150
240
µs
Output OFF Time under
Current Limit conditions(
8)
tCLOFF
VPU = 12V, RPU = 100Ω
3.5
ms
Chopping Frequency
fCHOP
340
-
kHz
Refresh Period
tPER
-
6
-
µs
Output Jitter (p-p) (1)
tJITTER
Over 1000 successive switching events
@1kHz square wave magnetic field, B >
±(BOPMAX +20mT)
-
±4
-
µs
Maximum Switching
Frequency (1, 5)
fSW
B > ±3(BOPMAX +1mT), square wave
magnetic field
30
50
-
kHz
Under-voltage Lockout
Threshold
VUVL
-
-
2.7
V
Under-voltage Lockout
Reaction time (1)
tUVL
-
1
-
µs
Thermal Protection Threshold
TPROT
Junction temperature
-
190
-
°C
Thermal Protection Release
TREL
Junction temperature
-
180
-
°C
Table 2: General specifications
1
Guaranteed by design and verified by characterization, not production tested
2
Typical values are defined at T
A
= +25ºC and V
DD
= 12V
3
The Power-On Time represents the time from reaching V
DD
= 2.7V to the first refresh of the output
4
Power-On Slew Rate is not critical for the proper device start-up.
5
Maximum switching frequency corresponds to the maximum frequency of the applied magnetic field which is detected without loss of pulses
6
R
PU
and V
PU
are respectively the external pull-up resistor and pull-up power supply
7
B > B
opmax
+1mT for direct output sensors or B < B
rpmin
-1mT for inverted output sensors.
8
If the Output is in Current Limitation longer than t
CLON
the Output is switched off in high-impedance state. The Output returns back in active state at next reaching of B
OP
or
after t
CLOFF
time interval


Similar Part No. - MLX92211LSE-BAA-xxx-RE

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX92211LSE-AAA-000-RE MELEXIS-MLX92211LSE-AAA-000-RE Datasheet
911Kb / 13P
   3-Wire Hall Effect Latch
MLX92211LSE-ACA-000-RE MELEXIS-MLX92211LSE-ACA-000-RE Datasheet
911Kb / 13P
   3-Wire Hall Effect Latch
MLX92211LSE-ADA-000-RE MELEXIS-MLX92211LSE-ADA-000-RE Datasheet
911Kb / 13P
   3-Wire Hall Effect Latch
More results

Similar Description - MLX92211LSE-BAA-xxx-RE

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX92211 MELEXIS-MLX92211 Datasheet
911Kb / 13P
   3-Wire Hall Effect Latch
MLX92211-AXA MELEXIS-MLX92211-AXA Datasheet
1Mb / 16P
   3-wire hall effect Latch
MLX92214LSE MELEXIS-MLX92214LSE Datasheet
940Kb / 10P
   3-Wire Hall Effect Latch
MLX92215 MELEXIS-MLX92215 Datasheet
872Kb / 13P
   3-Wire Hall Effect Latch
MLX92212 MELEXIS-MLX92212 Datasheet
737Kb / 12P
   3-Wire Hall Effect Latch / Switch
MLX92221 MELEXIS-MLX92221 Datasheet
801Kb / 14P
   2-Wire Hall Effect Latch
MLX92221LSE-AAA-002 MELEXIS-MLX92221LSE-AAA-002 Datasheet
732Kb / 11P
   2-Wire Hall Effect Latch
logo
Allegro MicroSystems
APS12400 ALLEGRO-APS12400 Datasheet
1Mb / 19P
   Two-Wire Hall-Effect Latch
logo
Melexis Microelectronic...
MLX92221-AAA MELEXIS-MLX92221-AAA Datasheet
868Kb / 17P
   2-Wire Hall Effect Latch
logo
Asahi Kasei Microsystem...
EM6011 AKM-EM6011 Datasheet
543Kb / 13P
   Hall Effect Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com