Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLX92211 Datasheet(PDF) 11 Page - Melexis Microelectronic Systems

Part # MLX92211
Description  3-Wire Hall Effect Latch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX92211 Datasheet(HTML) 11 Page - Melexis Microelectronic Systems

Back Button MLX92211 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX92211 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX92211 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX92211 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX92211 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX92211 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX92211 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX92211 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX92211 Datasheet HTML 13Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MLX92211-AxA
3-Wire Hall Effect Latch
390109221101
Page 11 of 13
Datasheet
Rev. 007
www.melexis.com
Jan/15
12 Packages
12.1 SE Package (TSOT-23)
Package Outline Drawing & Hall Plate Position
2.75 BSC
1.60 BSC
0.88
+0.02
- 0.03
1.00 MAX
0.075
+0.025
- 0.050
SEATING PLANE
0.575 REF.
0.40
+/-0.10
0.50 BSC
WITH PLATING
~
BASE METAL
SECTION B-
B’
B
B’
Notes:
1. All dimensions are in millimeters
2. Outermost plastic extreme width does not include mold flash or
protrusions. Mold flash and protrusions shall not exceed
0.15mm per side.
3. Outermost plastic extreme length does not include mold flash
or protrusions. Mold flash and protrusions shall not exceed
0.25mm per side.
4. The lead width dimension does not include dambar protrusion.
Allowable dambar protrusion shall be 0.07mm total in excess
of the lead width dimension at maximum material condition.
5. Dimension is the length of terminal for soldering to a substrate.
6. Dimension on SECTION B-
B’ applies to the flat section of the
lead between 0.08mm and 0.15mm from the lead tip.
7. Formed lead shall be planar with respect to one another with
0.076mm at seating plane.
Marking:
Top side :11YY (11: Part Number 92211; YY: Year (last 2 digits))
Bottom side: XXXX (XXXX: Lot Number (last 4 digits)
see note 2
see note 5
12° REF.
TYP.
0.35
+0.05
- 0.10
0.30
0.45
0.10 R.
MIN.
+/-4
0.10 R.
MIN.
see note 6
SEATING PLANE
TOP VIEW
END VIEW
SIDE VIEW
Hall plate location
Notes:
1. All dimensions are in millimeters
TOP VIEW
END VIEW
Package line
0.275 TYP
1.45
Pin №
Name
Type
Function
1
VDD
Supply
Supply Voltage pin
2
OUT
Output
Open Drain output pin
3
GND
Ground
Ground pin


Similar Part No. - MLX92211

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX92211-AXA MELEXIS-MLX92211-AXA Datasheet
1Mb / 16P
   3-wire hall effect Latch
MLX92211-BAA MELEXIS-MLX92211-BAA Datasheet
769Kb / 12P
   3-Wire Hall Effect Latch
MLX92211LSE-BAA-xxx-RE MELEXIS-MLX92211LSE-BAA-xxx-RE Datasheet
769Kb / 12P
   3-Wire Hall Effect Latch
MLX92211LUA-BAA-xxx-BU MELEXIS-MLX92211LUA-BAA-xxx-BU Datasheet
769Kb / 12P
   3-Wire Hall Effect Latch
More results

Similar Description - MLX92211

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX92211-BAA MELEXIS-MLX92211-BAA Datasheet
769Kb / 12P
   3-Wire Hall Effect Latch
MLX92211-AXA MELEXIS-MLX92211-AXA Datasheet
1Mb / 16P
   3-wire hall effect Latch
MLX92214LSE MELEXIS-MLX92214LSE Datasheet
940Kb / 10P
   3-Wire Hall Effect Latch
MLX92215 MELEXIS-MLX92215 Datasheet
872Kb / 13P
   3-Wire Hall Effect Latch
MLX92212 MELEXIS-MLX92212 Datasheet
737Kb / 12P
   3-Wire Hall Effect Latch / Switch
MLX92221 MELEXIS-MLX92221 Datasheet
801Kb / 14P
   2-Wire Hall Effect Latch
MLX92221LSE-AAA-002 MELEXIS-MLX92221LSE-AAA-002 Datasheet
732Kb / 11P
   2-Wire Hall Effect Latch
logo
Allegro MicroSystems
APS12400 ALLEGRO-APS12400 Datasheet
1Mb / 19P
   Two-Wire Hall-Effect Latch
logo
Melexis Microelectronic...
MLX92221-AAA MELEXIS-MLX92221-AAA Datasheet
868Kb / 17P
   2-Wire Hall Effect Latch
logo
Asahi Kasei Microsystem...
EM6011 AKM-EM6011 Datasheet
543Kb / 13P
   Hall Effect Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com