Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARJ11B-MESAO-A-B-ELU2 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ARJ11B-MESAO-A-B-ELU2
Description  10/100 Base-T Jack with Magnetic Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ARJ11B-MESAO-A-B-ELU2 Datasheet(HTML) 1 Page - Abracon Corporation

  ARJ11B-MESAO-A-B-ELU2 Datasheet HTML 1Page - Abracon Corporation ARJ11B-MESAO-A-B-ELU2 Datasheet HTML 2Page - Abracon Corporation ARJ11B-MESAO-A-B-ELU2 Datasheet HTML 3Page - Abracon Corporation ARJ11B-MESAO-A-B-ELU2 Datasheet HTML 4Page - Abracon Corporation ARJ11B-MESAO-A-B-ELU2 Datasheet HTML 5Page - Abracon Corporation ARJ11B-MESAO-A-B-ELU2 Datasheet HTML 6Page - Abracon Corporation ARJ11B-MESAO-A-B-ELU2 Datasheet HTML 7Page - Abracon Corporation ARJ11B-MESAO-A-B-ELU2 Datasheet HTML 8Page - Abracon Corporation ARJ11B-MESAO-A-B-ELU2 Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
RJ45 10/100 Base-T Jack with Magnetic Module
|||| | | | | | | | | | | |
STANDARD SPECIFICATIONS:
APPLICATIONS:
FEATURES:
ARJ11B
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 04.21.11
Visit www.abracon.com for Terms & Conditions of Sale
16.26 x 13.84 x 21.59mm
• LAN-on-Motherboard (LOM)
• SOHO (ADSL modems), Hubs.
• Suitable for CAT 5 & 6 Fast Ethernet Cable or better UTP
• Excellent EMI suppression
• Meet IEEE 802.3 standards and FCC mechanical requirements
Low Cost, RoHS Compliant Reflow-able device
Operating Temperature: - 0°C to + 70°C
Storage Temperature:
- 40°C to +85°C
RoHS
Compliant
Part Number
Turns Ratio ±5%
EMI
Fingers
LED
(L/R)
TX
RX
ARJ11B-MASAA-MU2
to
ARJ11B-MASAI-MU2
1CT:1CT
1CT:1CT
YES
---
-1
ARJ11B-MASAJ-MU2
to
ARJ11B-MASAM-MU2
1CT:1CT
1CT:1CT
YES
---
-1
ARJ11B-MASAN-LU2
to
ARJ11B-MASBF-LU2
1CT:1
1CT:1CT
YES
---
-1
ARJ11B-MESCB-A-B-ELT2
1CT:1
1CT:1
NO
G/Y
-1
ARJ11B-MASCB-LT2
1CT:1
1CT:1
YES
---
-1
ARJ11B-MBSCB-A-B-ELT2
1CT:1
1CT:1
YES
G/Y
-1
ARJ11B-MDSBQ-MU2
1CT:1CT
1CT:1CT
NO
---
-1
ARJ11B-MESBQ-A-B-EMU2
1CT:1CT
1CT:1CT
NO
G/Y
-1
ARJ11B-MASBQ-MU2
1CT:1CT
1CT:1CT
YES
---
-1
ARJ11B-MBSBQ-A-B-EMU2
1CT:1CT
1CT:1CT
YES
G/Y
-1
ARJ11B-MFSBQ-A-A-EMU2
1CT:1CT
1CT:1CT
YES
G/G
-1
ARJ11B-MASAJ-MU2
1CT:1CT
1CT:1CT
YES
---
-1
ARJ11B-MASBR-QU2
1CT:1.414CT
1CT:1CT
YES
---
-1
ARJ11B-MFSBR-A-A-EQU2
1CT:1.414CT
1CT:1CT
YES
G/G
-1
ARJ11B-MDSAO-LU2
1CT:1
1CT:1CT
NO
---
-1
ARJ11B-MESAO-A-B-ELU2
1CT:1
1CT:1CT
NO
G/Y
-1
ARJ11B-MESAO-A-A-ELU2
1CT:1
1CT:1CT
NO
G/G
-1
ARJ11B-MASAO-LU2
1CT:1
1CT:1CT
YES
---
-1
ARJ11B-MBSAO-A-B-ELU2
1CT:1
1CT:1CT
YES
G/Y
-1
ARJ11B-MFSAO-A-A-ELU2
1CT:1
1CT:1CT
YES
G/G
-1
ARJ11B-MFSAO-BA-A-GLU2
1CT:1
1CT:1CT
YES
YG/G
-1
ARJ11B-MBSAP-A-B-ELU2
1CT:1
1CT:1CT
YES
G/Y
-1
ARJ11B-MASAC-MU2
1CT:1CT
1CT:1CT
YES
---
-1
ARJ11B-MASAD-OW2
1CT;1.41CT
1CT:1.41CT
YES
---
---
ARJ11B-MBSAI-A-B-EMU2
1CT:1CT
1CT:1CT
YES
G/Y
-1
ARJ11B-MASCC-MU2
1CT:1CT
1CT:1CT
YES
---
-1
ARJ11B-MESBW-B-A-EMU2
1CT:1CT
1CT:1CT
NO
Y/G
-1
Insertion
Loss
(dB max)
0.3-100
MHz


Similar Part No. - ARJ11B-MESAO-A-B-ELU2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARJ11B-MESAO-A-B-ELU2 ABRACON-ARJ11B-MESAO-A-B-ELU2 Datasheet
15Mb / 11P
   RJ45 10/100 Base-T Jack with Magnetic Module
04.21.11
ARJ11B-MESAO-A-B-ELU2 ABRACON-ARJ11B-MESAO-A-B-ELU2 Datasheet
15Mb / 11P
   RJ45 10/100 Base-T Jack with Magnetic Module
04.21.11
More results

Similar Description - ARJ11B-MESAO-A-B-ELU2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARJ11G ABRACON-ARJ11G Datasheet
2Mb / 3P
   10/100 Base-T Jack with Magnetic Module
04.22.13
ARJ11D ABRACON-ARJ11D Datasheet
6Mb / 5P
   10/100 Base-T Jack with Magnetic Module
05.03.11
logo
MPS Industries, Inc.
N5447F MPSIND-N5447F Datasheet
1Mb / 4P
   RJ45 10/100 BASE-T JACK WITH MAGNETIC MODULE
N5415 MPSIND-N5415 Datasheet
216Kb / 1P
   RJ45 10/100 BASE-T Jack with Magnetic Module
N5414 MPSIND-N5414 Datasheet
197Kb / 1P
   RJ45 10/100 BASE-T Jack with Magnetic Module
logo
Abracon Corporation
ARJ11B-MBSBQ-A ABRACON-ARJ11B-MBSBQ-A Datasheet
15Mb / 11P
   RJ45 10/100 Base-T Jack with Magnetic Module
04.21.11
ARJ11C ABRACON-ARJ11C Datasheet
5Mb / 8P
   10/100/1000 Base-T Jack with Magnetic Module
11.27.13
ARJ11F ABRACON-ARJ11F Datasheet
2Mb / 4P
   10/100/1000 Base-T Jack with Magnetic Module
05.09.11
ARJ11B-MESCB-A ABRACON-ARJ11B-MESCB-A Datasheet
15Mb / 11P
   RJ45 10/100 Base-T Jack with Magnetic Module
04.21.11
ARJ11G-MASA-A ABRACON-ARJ11G-MASA-A Datasheet
2Mb / 3P
   RJ45 10/100 Base-T Jack with Magnetic Module
04.22.13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com