Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACMV-0603LC-180-C100 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ACMV-0603LC-180-C100
Description  SMD Multilayer Chip Varistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACMV-0603LC-180-C100 Datasheet(HTML) 1 Page - Abracon Corporation

  ACMV-0603LC-180-C100 Datasheet HTML 1Page - Abracon Corporation ACMV-0603LC-180-C100 Datasheet HTML 2Page - Abracon Corporation ACMV-0603LC-180-C100 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Multilayer Chip Varistor
AMCV-0603LC
STANDARD SPECIFICATIONS:
APPLICATIONS:
FEATURES:
1.6 x 0.8 x 0.8 mm
.
RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 11.30.12
Visit
www.abracon.com for Terms & Conditions of Sale
ISO 9001:2008
Operating Temperature: -55˚C ~ +125˚C
Storage Temperature: -10˚C ~ +40˚C and RH 70% (Max.)
• SMD type, small size suitable for high density mounting
• Excellent clamping ratio and strong capability of voltage surge suppression
• Excellent solderability (Ni, Sn plating)
• Transient voltage protection and voltage surge suppression for
LED lighting
• Suitable for LCD-TV, STB, Switch, Router, PLC, Security
System, smart meters, mobile phones
• Suppressing Induced / switching over-voltage caused by
lightning and power
• Protecting DC-DC Module, I/O ports, IC driver
Test Conditions
Unless otherwise specified, the standard atmospheric conditions for measurement/test as:
a. Ambient Temperature: 20±15˚C
b. Relative Humidity: 65±20%
c. Air Pressure: 86 kPa to 106 kPa
Items
Test Methods and Remarks
Varistor Voltage at 1mA DC (VB)
Measuring current: 1mA DC
Duration: 0.2 to 2 sec
Capacitance (C)
Measure source: 0.5 VRMS
Test frequency: 1MHz.
Leakage Current (IL)
Measuring voltage: Maximum DC working voltage
Clamping Voltage (VC)
Measuring source: 8/20us waveform, ESD waveform
Part Number
Max. Working
Voltage
Varistor
Voltage
Max. Clamping
Voltage
Rated Single Pulse
Transient
Typical
Capacitance
Test Condition
<20μA
@1mA
DC
8/20μs
ESD
Energy
10/1000μs
Peak
Current
8/20μs
@0.5Vrms,
1MHz
DC
AC
RMS
Units
Volts
Volts
Volts
Volts
Volts
Joules
Amps
pF
Symbol
VWDC VWAC
VB
VC*1
VC*2
ET
IP
C
ACMV-0603LC-140-C100
14.0
10.0
16.0-22.0
30
39
0.005
2
10
ACMV-0603LC-140-C120
14.0
10.0
16.0-22.0
30
39
0.005
2
12
ACMV-0603LC-180-C050
18.0
12.7
22.0-28.0
40
48
0.003
1
5
ACMV-0603LC-180-C100
18.0
12.7
22.0-28.0
40
48
0.005
2
10
ACMV-0603LC-180-C120
18.0
12.7
22.0-28.0
40
48
0.005
2
12
ACMV-0603LC-260-C030
26.0
18.4
31.0-38.0
58
70
0.003
1
3
ACMV-0603LC-260-C100
26.0
18.4
31.0-38.0
58
70
0.005
2
10
ACMV-0603LC-260-C120
26.0
18.4
31.0-38.0
58
70
0.005
2
12
*1: Vc, Maximum peak voltage across the varistor measured at a specified pulse current and waveform.
Energy Rating
Pulse & Waveform
0.00- 0.05 Joule
1A, 8/20μs
0.10 Joule
2A, 8/20μs
0.20-0.50 Joule
5A, 8/20μs
*2: Vc, Maximum peak voltage across the varistor measured at 30ns after initiation of pulse on IEC61000-4-2 30A/8KV.


Similar Part No. - ACMV-0603LC-180-C100

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACMV-0603-090-C101 ABRACON-ACMV-0603-090-C101 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
ACMV-0603-090-C101 ABRACON-ACMV-0603-090-C101 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
ACMV-0603-090-C180 ABRACON-ACMV-0603-090-C180 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
ACMV-0603-090-C180 ABRACON-ACMV-0603-090-C180 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
ACMV-0603-090-C300 ABRACON-ACMV-0603-090-C300 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
More results

Similar Description - ACMV-0603LC-180-C100

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AMCV-0402LC ABRACON-AMCV-0402LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0201-5R5 ABRACON-AMCV-0201-5R5 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0402-180 ABRACON-AMCV-0402-180 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0402 ABRACON-AMCV-0402 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-1206H ABRACON-AMCV-1206H Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.22.12
AMCV-0201 ABRACON-AMCV-0201 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0603-180 ABRACON-AMCV-0603-180 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-1210H-140-T ABRACON-AMCV-1210H-140-T Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.24.12
AMCV-1812H ABRACON-AMCV-1812H Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.24.12
AMCV-0805 ABRACON-AMCV-0805 Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com