Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACMV-0402LC-140-C120 Datasheet(PDF) 3 Page - Abracon Corporation

Part # ACMV-0402LC-140-C120
Description  SMD Multilayer Chip Varistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACMV-0402LC-140-C120 Datasheet(HTML) 3 Page - Abracon Corporation

  ACMV-0402LC-140-C120 Datasheet HTML 1Page - Abracon Corporation ACMV-0402LC-140-C120 Datasheet HTML 2Page - Abracon Corporation ACMV-0402LC-140-C120 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Multilayer Chip Varistor
AMCV-0402LC
1.0 x 0.5 x 0.5 mm
.
RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 11.30.12
Visit
www.abracon.com for Terms & Conditions of Sale
ISO 9001:2008
REFLOW PROFILE:
Preheat Condition
150 to 200 ˚C; 60 to 120 sec.
Allowed time above 217 ˚C
60 to 90 sec.
Max temperature
260 ˚C
Max time at max temperature
10 sec.
Solder paste
Sn/3.0Ag/0.5Cu
Allowed Reflow time
2x max.
TAPE & REEL:
a. The solderability of the external electrode may be deteriorated if packages are stored where they are exposed to high humidity
Package must be stored at 40oCor less and 70% RH or less.
b. The solderability of the external electrode may be deteriorated if packages are stored where they are exposed to dust of
harmful gas (e.g. HCI, sulfurous gas of H2S).
c. Packaging material may be deformed if package are stored where they are exposed to heat of direct sunlight.
d. Solderability shall be guaranteed for 6 months from the date of delivery on condition that they are stored at the environment
specified in 1.3. The parts that are stored more than 6 months shall be checked solderability before use.
Storage Conditions
Dimension: mm
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applications.
Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where component
failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from
Abracon Corporation is required. Please contact Abracon Corporation for more information.
T: 10,000pcs / reel
A
B
P
T (max)
0.65±0.1
1.15±0.1
2.0±0.05
0.8
10.0±1.5mm


Similar Part No. - ACMV-0402LC-140-C120

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACMV-0402-090-C101 ABRACON-ACMV-0402-090-C101 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
ACMV-0402-090-C101 ABRACON-ACMV-0402-090-C101 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
ACMV-0402-090-C101 ABRACON-ACMV-0402-090-C101 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
ACMV-0402-090-C180 ABRACON-ACMV-0402-090-C180 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
ACMV-0402-090-C180 ABRACON-ACMV-0402-090-C180 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
More results

Similar Description - ACMV-0402LC-140-C120

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AMCV-0201-5R5 ABRACON-AMCV-0201-5R5 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0603LC ABRACON-AMCV-0603LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0402-180 ABRACON-AMCV-0402-180 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0402 ABRACON-AMCV-0402 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-1206H ABRACON-AMCV-1206H Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.22.12
AMCV-0201 ABRACON-AMCV-0201 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0603-180 ABRACON-AMCV-0603-180 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-1210H-140-T ABRACON-AMCV-1210H-140-T Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.24.12
AMCV-1812H ABRACON-AMCV-1812H Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.24.12
AMCV-0805 ABRACON-AMCV-0805 Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com