Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0034.6975 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 0034.6975
Description  Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0034.6975 Datasheet(HTML) 3 Page - Schurter Inc.

  0034.6975 Datasheet HTML 1Page - Schurter Inc. 0034.6975 Datasheet HTML 2Page - Schurter Inc. 0034.6975 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Non resettable fuses
MXT 250
www.schurter.com /PG01_2
Fuses
Rated
Cur-
rent [A]
Rated Vol-
tage [VAC]
Breaking
Capacity
Voltage Drop
1.0 In max.
[mV]
Voltage Drop
1.0 In typ.
[mV]
Power Dissi-
pation 1.5 In
max. [mW]
Melting I²t
10.0 Intyp.
[A²s]
S L T Order Number
5
250
1)
-
70
-
155
l
l
l
0034.6952
6.3
250
1)
-
60
-
262
l
l
l
l
l
0034.6953
8
250
1)
-
62
-
397
l
l
0034.6954
10
250
1)
-
62
-
440
l
l
0034.6955
0.8
250
1)
160
128
430
1.5
l
l
l
l
l
0034.6974
1
250
1)
140
130
500
4.4
l
l
l
l
l
l
0034.6975
1.25
250
1)
130
120
600
6.3
l
l
l
l
l
l
0034.6976
1.6
250
1)
120
110
730
10
l
l
l
l
l
l
0034.6977
2
250
1)
100
85
870
16
l
l
l
l
l
l
0034.6978
2.5
250
1)
100
85
1000
32
l
l
l
l
l
l
0034.6979
3.15
250
1)
100
75
1200
57
l
l
l
l
l
l
0034.6980
4
250
1)
100
75
1400
77
l
l
l
l
l
l
0034.6981
5
250
1)
-
70
-
155
l
l
l
0034.6982
6.3
250
1)
-
60
-
262
l
l
l
l
l
0034.6983
8
250
2)
-
62
-
397
l
l
0034.6984
10
250
2)
-
62
-
440
l
l
0034.6985
Most Popular.
Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/Stock-Check-SCHURTER
1) 100 A @ 250 VAC, cos
φ = 1.0
2) 100 A @ 250 VAC, cos
φ = 0.95 - 1.0
Packaging Unit
S =
Plastic Bag (100 pcs.)
L =
Bulk (100 pcs.)
T =
Taped 36 cm Reel (750 pcs.)
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - 0034.6975

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0034.6975 SCHURTER-0034.6975 Datasheet
516Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
More results

Similar Description - 0034.6975

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
00346914 SCHURTER-00346914 Datasheet
516Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
MXT250 SCHURTER-MXT250_V01 Datasheet
394Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
MXT250 SCHURTER-MXT250_18 Datasheet
386Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
MXT250 SCHURTER-MXT250_V02 Datasheet
394Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
04.01.2022
00346602 SCHURTER-00346602 Datasheet
565Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 35 A
MSTU250 SCHURTER-MSTU250_18 Datasheet
291Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
MSTU250 SCHURTER-MSTU250_V01 Datasheet
302Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
MSTU250 SCHURTER-MSTU250 Datasheet
259Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
00347103 SCHURTER-00347103 Datasheet
471Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
MSTU250 SCHURTER-MSTU250_V02 Datasheet
302Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
04.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com