Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4303.2014.34 Datasheet(PDF) 5 Page - Schurter Inc.

Part # 4303.2014.34
Description  Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4303.2014.34 Datasheet(HTML) 5 Page - Schurter Inc.

  4303.2014.34 Datasheet HTML 1Page - Schurter Inc. 4303.2014.34 Datasheet HTML 2Page - Schurter Inc. 4303.2014.34 Datasheet HTML 3Page - Schurter Inc. 4303.2014.34 Datasheet HTML 4Page - Schurter Inc. 4303.2014.34 Datasheet HTML 5Page - Schurter Inc. 4303.2014.34 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Accessories
Fusedrawer 3
www.schurter.com /PGZ01
Connectors
Mounting
Fuse-Link
Fuseholder
Comment
Order Number
Fingergrip
5 x 20
2-pole
-
4303.2014.06
Fingergrip
5 x 20
2-pole
-
4303.2014.08
Fingergrip
5 x 20
2-pole
-
4303.2014.09
Fingergrip
5 x 20
2-pole
-
4303.2014.11
Fingergrip
5 x 20
2-pole
-
4303.2014.12
Fingergrip
5 x 20
2-pole
-
4303.2014.13
Fingergrip
5 x 20
2-pole
-
4303.2014.15
Fingergrip
5 x 20
2-pole
-
4303.2014.16
Fingergrip
5 x 20
2-pole
-
4303.2014.17
Fingergrip
5 x 20
2-pole
-
4303.2014.19
Fingergrip
5 x 20
2-pole
-
4303.2014.20
Fingergrip
5 x 20
2-pole
-
4303.2014.21
Fingergrip
5 x 20
2-pole
-
4303.2014.22
Fingergrip
5 x 20
2-pole
-
4303.2014.24
Fingergrip
5 x 20
2-pole
-
4303.2014.27
Fingergrip
5 x 20
2-pole
-
4303.2014.34
Fingergrip
5 x 20
2-pole
-
4303.2014.35
Fingergrip
5 x 20
2-pole
-
4303.2014.36
Fingergrip
5 x 20
2-pole
-
4303.2014.42
Extra-Safe
5 x 20
2-pole
-
4303.2024.00
Extra-Safe
5 x 20
2-pole
-
4303.2024.01
Extra-Safe
5 x 20
2-pole
-
4303.2024.02
Extra-Safe
5 x 20
2-pole
-
4303.2024.03
Extra-Safe
5 x 20
2-pole
-
4303.2024.04
Extra-Safe
5 x 20
2-pole
-
4303.2024.05
Extra-Safe
5 x 20
2-pole
-
4303.2024.06
Extra-Safe
5 x 20
2-pole
-
4303.2024.08
Extra-Safe
5 x 20
2-pole
-
4303.2024.09
Extra-Safe
5 x 20
2-pole
-
4303.2024.10
Extra-Safe
5 x 20
2-pole
-
4303.2024.11
Extra-Safe
5 x 20
2-pole
-
4303.2024.12
Extra-Safe
5 x 20
2-pole
-
4303.2024.15
Extra-Safe
5 x 20
2-pole
-
4303.2024.16
Extra-Safe
5 x 20
2-pole
-
4303.2024.17
Extra-Safe
5 x 20
2-pole
-
4303.2024.18
Extra-Safe
5 x 20
2-pole
-
4303.2024.19
Extra-Safe
5 x 20
2-pole
-
4303.2024.20
Extra-Safe
5 x 20
2-pole
-
4303.2024.22
Extra-Safe
5 x 20
2-pole
-
4303.2024.25
Extra-Safe
5 x 20
2-pole
-
4303.2024.28
Extra-Safe
5 x 20
2-pole
-
4303.2024.30
Extra-Safe
5 x 20
2-pole
-
4303.2024.35
Extra-Safe
5 x 20
2-pole
-
4303.2024.40
Extra-Safe
5 x 20
2-pole
-
4303.2024.44
Extra-Safe
5 x 20
2-pole
-
4303.2024.45
Extra-Safe
5 x 20
2-pole
-
4303.2024.46
Fingergrip
5 x 20
2-pole
-
4303.2401
Extra-Safe
5 x 20
2-pole
-
4303.2403
Fingergrip
5 x 20
2-pole
shorting bar on the neutral side
4303.2036.01
Fingergrip
5 x 20
2-pole
shorting bar on the neutral side
4303.2036.01.1
Fingergrip
5 x 20
2-pole
shorting bar on the neutral side
4303.2036.03
Fingergrip
5 x 20
2-pole
shorting bar on the neutral side
4303.2036.04
Fingergrip
5 x 20
2-pole
shorting bar on the neutral side
4303.2036.05
Fingergrip
5 x 20
2-pole
shorting bar on the neutral side
4303.2036.11
Fingergrip
5 x 20
2-pole
shorting bar on the neutral side
4303.2036.23
Index
Marking on Voltage Selector Insert / Terminal No.
yy
KEC
1
2
3
4
KD
3
4
5
6
4303.2624.04
110
220
240
-
4303.2624.22
100
120
220
230
4303.2714.08
110 V
-
220 V
-
4303.2737.01
100
120
220
240
4303.2737.05
115
-
230
-
4303.2737.06
117
220
240
-
4303.2901
-
-
-
-
4303.2903
-
-
-
-
4303.2906
-
-
-
-
4303.2908
-
-
-
-
4303.2911
-
-
-
-
4303.2913
-
-
-
-
Index "yy" matches the last two characters of the Order Number within the Variants


Similar Part No. - 4303.2014.34

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4303.2014.00 SCHURTER-4303.2014.00 Datasheet
571Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step)
4303.2014.00 SCHURTER-4303.2014.00 Datasheet
578Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), optional Voltage Selector
4303.2014.01 SCHURTER-4303.2014.01 Datasheet
571Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step)
4303.2014.01 SCHURTER-4303.2014.01 Datasheet
578Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), optional Voltage Selector
4303.2014.02 SCHURTER-4303.2014.02 Datasheet
571Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step)
More results

Similar Description - 4303.2014.34

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FUSEDRAWER3 SCHURTER-FUSEDRAWER3_V01 Datasheet
398Kb / 7P
   Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
4305.0006 SCHURTER-4305.0006 Datasheet
162Kb / 1P
   Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
FUSEDRAWER1 SCHURTER-FUSEDRAWER1_V02 Datasheet
206Kb / 2P
   Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
04.01.2022
FUSEDRAWER3 SCHURTER-FUSEDRAWER3 Datasheet
384Kb / 7P
   Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
FUSEDRAWER1 SCHURTER-FUSEDRAWER1 Datasheet
192Kb / 2P
   Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
FUSEDRAWER1 SCHURTER-FUSEDRAWER1_V01 Datasheet
206Kb / 2P
   Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
4303.2114.01 SCHURTER-4303.2114.01_V01 Datasheet
398Kb / 7P
   Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm7
04.01.2022
FUSEDRAWER2 SCHURTER-FUSEDRAWER2_V01 Datasheet
371Kb / 6P
   Fusedrawer for Fuse Links 5x20 mm, with or without Voltage Selector Insert
FUSEDRAWER2 SCHURTER-FUSEDRAWER2_V02 Datasheet
371Kb / 6P
   Fusedrawer for Fuse Links 5x20 mm, with or without Voltage Selector Insert
04.01.2022
FUSEDRAWER2 SCHURTER-FUSEDRAWER2 Datasheet
336Kb / 5P
   Fusedrawer f체r Fuse Links 5x20 mm, with or without Voltage Selector Insert
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com