Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2040.0718 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 2040.0718
Description  Subminiature Fuse, 8.5 mm, Time-Lag T, Telecom, 250 VAC, 63 VDC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

2040.0718 Datasheet(HTML) 2 Page - Schurter Inc.

  2040.0718 Datasheet HTML 1Page - Schurter Inc. 2040.0718 Datasheet HTML 2Page - Schurter Inc. 2040.0718 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Telecom Fuses
MSU 250
www.schurter.com /PG01_3
Fuses
Pre-Arcing Time
Rated Current In
1.5 x In min.
2.1 x In max. 2.75 x In min. 2.75 x In max. 4.0 x In min.
4.0 x In max. 10.0 x In min. 10.0 x In max.
0.25 A - 3.15 A
60 min
120 s
400 ms
10 s
150 ms
3 s
20 ms
150 ms
[Kennlinien]
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
Multiple of Rated Current In
All Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Voltage Drop
1.0 In typ.
[mV]
Power Dissi-
pation 1.5 In
typ. [mW]
Melting I²t
10.0 Intyp.
[A²s]
GR-1089-
CORE [A]
UL60950
ITU - Light-
ning Surge
[A]
ITU -
Power
Induc-
ITU - Power
Contact [A]
S L T Order Number
0.25
250
120
80
0.6
> 14.0
25.3
l
35.0 l
2040.0609
0.315
250
120
100
0.8
> 14.0
29.2
l
35.0 l
2040.0610
0.4
250
110
100
1.1
> 14.0
39.5
l
35.0 l
2040.0611
0.5
250
100
100
2.5
> 14.0
57
l
35.0 l
2040.0612
0.63
250
90
100
4
> 14.0
67
l
35.0 l
2040.0613
0.8
250
80
200
8
> 14.0
l
67
l
35.0 l
2040.0614
1
250
70
200
12
> 14.0
l
67
l
35.0 l
2040.0615
1.25
250
70
300
15
> 14.0
l
67
l
35.0 l
2040.0616
1.6
250
60
300
30
> 14.0
l
67
l
50.0 l
2040.0617
2
250
60
300
34
> 14.0
l
67
l
50.0 l
2040.0618
2.5
250
50
400
55
> 14.0
l
67
l
50.0 l
2040.0619
3.15
250
50
500
76
> 14.0
l
67
l
50.0 l
2040.0620
0.25
250
120
80
0.6
> 14.0
25.3
l
35.0
l
2040.0709
0.315
250
120
100
0.8
> 14.0
29.2
l
35.0
l
2040.0710
0.4
250
110
100
1.1
> 14.0
39.5
l
35.0
l
2040.0711
0.5
250
100
100
2.5
> 14.0
57
l
35.0
l
2040.0712
0.63
250
90
100
4
> 14.0
67
l
35.0
l
2040.0713
0.8
250
80
200
8
> 14.0
l
67
l
35.0
l
2040.0714
1
250
70
200
12
> 14.0
l
67
l
35.0
l
2040.0715
1.25
250
70
300
15
> 14.0
l
67
l
35.0
l
2040.0716
1.6
250
60
300
30
> 14.0
l
67
l
50.0
l
2040.0717
2
250
60
300
34
> 14.0
l
67
l
50.0
l
2040.0718


Similar Part No. - 2040.0718

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2040.0718 SCHURTER-2040.0718 Datasheet
451Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, Telecom
More results

Similar Description - 2040.0718

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MSU250 SCHURTER-MSU250_V01 Datasheet
300Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, Telecom, 250 VAC, 63 VDC
MST250 SCHURTER-MST250_18 Datasheet
449Kb / 5P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 63 VDC
MST250 SCHURTER-MST250 Datasheet
388Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 63 VDC
MST250 SCHURTER-MST250_V02 Datasheet
494Kb / 5P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 63 VDC
04.01.2022
20400609 SCHURTER-20400609 Datasheet
451Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, Telecom
MSTU250 SCHURTER-MSTU250_18 Datasheet
291Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
MSTU250 SCHURTER-MSTU250_V01 Datasheet
302Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
MSTU250 SCHURTER-MSTU250 Datasheet
259Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
00347103 SCHURTER-00347103 Datasheet
471Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
MSTU250 SCHURTER-MSTU250_V02 Datasheet
302Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
04.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com