Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4430.2960 Datasheet(PDF) 6 Page - Schurter Inc.

Part # 4430.2960
Description  Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with undervoltage
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4430.2960 Datasheet(HTML) 6 Page - Schurter Inc.

Back Button 4430.2960 Datasheet HTML 2Page - Schurter Inc. 4430.2960 Datasheet HTML 3Page - Schurter Inc. 4430.2960 Datasheet HTML 4Page - Schurter Inc. 4430.2960 Datasheet HTML 5Page - Schurter Inc. 4430.2960 Datasheet HTML 6Page - Schurter Inc. 4430.2960 Datasheet HTML 7Page - Schurter Inc. 4430.2960 Datasheet HTML 8Page - Schurter Inc. 4430.2960 Datasheet HTML 9Page - Schurter Inc. 4430.2960 Datasheet HTML 10Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Thermal (T- and TA-Line)
TA45-2RU
www.schurter.com /PG17_20
Circuit Breakers
Effect of ambient temperature
The units are calibrated for an ambient temperature of +23°C. To determine the rated cur-
rent for a lower or higher ambient temperature, use a correction factor (typical value) from
the table below:
Ambient temperature [°C]
Correction factor
-10
0.89
-5
0.91
0
0.92
+23
1.00
+30
1.03
+40
1.08
+55
1.16
Example: Rated current = 5 A; Environmental temperature = 40 °C; --> Correction factor =
1.08; Resulting current = 5.5 A --> Fount to next higher rated current: 6 A
Undervoltage release
Max. operating voltage
1.1 Ue
Rated operating voltage Ue
5 V
12 V
24 V
48 V
120 V
240 V
400 V 1)
Current consumption (± 10%)
10.5 mA
16.5 mA
17.0 mA
3.2 mA
3.7 mA
3.1 mA
2.65 mA
Highest reset level
0.85 Ue
Lowest trip level
0.20 Ue
Trip delay
20 ms - 50 ms
Impulse withstand voltage (1.2 / 50 µs)
≥4 kV
1) only for 3pole
Remote trip
Permissible impuls duration of the make contact (no)
Between terminal C and P1
unlimited
Electrical load of the make contact (no)
Current max. 12 mA / power max. 1.1 W
Time-Current-Curves
Type
TA45
Rated current
In <3 A
1 pole protected
2 pole protected
Ambient temp.
+23ºC
10'000
60
2`000
1`000
500
200
100
50
20
10
5
2
1
0,5
0,3
0,2
0,1
[ sec ]
[ min ]
10
5
1
30
20
1,05
10
8
5
4
3
2
1,32
Multiple of Rated Current In
Reference Temperature +23°
0,5
0,3
0,2
0,1
10'000
60
2`000
1`000
500
200
100
50
20
10
5
2
1
[ sec ]
[ min ]
10
5
1
30
20
1,05
10
8
5
4
3
2
1,32
Type
TA45
Rated current
3 A > In <18 A
1 pole protected
2 pole protected
Ambient temp.
+23ºC
Multiple of Rated Current In
Reference Temperature +23°


Similar Part No. - 4430.2960

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4430.0022 SCHURTER-4430.0022 Datasheet
601Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
4430.0499 SCHURTER-4430.0499 Datasheet
284Kb / 3P
   Accessories to TA45
13.04.2022
4430.0519 SCHURTER-4430.0519 Datasheet
369Kb / 4P
   Accessories to TA45
09.12.2021
4430.0519 SCHURTER-4430.0519 Datasheet
284Kb / 3P
   Accessories to TA45
13.04.2022
4430.0685 SCHURTER-4430.0685 Datasheet
369Kb / 4P
   Accessories to TA45
09.12.2021
More results

Similar Description - 4430.2960

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TA45-3RU SCHURTER-TA45-3RU Datasheet
465Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with undervoltage
TA45-2RAU SCHURTER-TA45-2RAU Datasheet
625Kb / 9P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with auxiliary contact, with undervoltage
TA45 SCHURTER-TA45_V01 Datasheet
1Mb / 14P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
14.04.2022
TA45-2R SCHURTER-TA45-2R Datasheet
601Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE Datasheet
1,007Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE_18 Datasheet
992Kb / 8P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
TA45-2R SCHURTER-TA45-2R_18 Datasheet
603Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
TA45-3RAU SCHURTER-TA45-3RAU Datasheet
465Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with auxiliary contact, with undervoltage
TA45-2PU SCHURTER-TA45-2PU Datasheet
663Kb / 9P
   Circuit Breaker for Equipment thermal, 2 pole, Push button actuation, with undervoltage
TA35ROCKER1POLE SCHURTER-TA35ROCKER1POLE Datasheet
506Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com