Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1301.2209 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 1301.2209
Description  NH-Sicherung, SEV G2
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

1301.2209 Datasheet(HTML) 2 Page - Schurter Inc.

  1301.2209 Datasheet HTML 1Page - Schurter Inc. 1301.2209 Datasheet HTML 2Page - Schurter Inc. 1301.2209 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Heavy current
SEV-G2 500V
www.schurter.com /PG13_14_15
other products
Time-Current-Curves
SEV G2 - G6
0.1
0.001
0.01
1
10
100
1000
10'000
10
1
100
10'000
1000
100'000
Current in Amperes
All Variants
Rated current
Style
Power Loss
Order Number
E-No
[A]
[Compact]
[W]
40
-
-
1301.2201
840110149
50
-
-
1301.2202
840110159
63
-
-
1301.2203
840110179
80
-
-
1301.2204
840110199
100
-
-
1301.2205
840110209
125
-
-
1301.2206
840110219
160
-
-
1301.2207
840110239
200
-
-
1301.2208
840110249
250
-
-
1301.2209
840110269
Most Popular.


Similar Part No. - 1301.2209

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1301.2871 SCHURTER-1301.2871 Datasheet
130Kb / 1P
   D-SICHERUNGSMATERIAL / MATERIEL DE COUPE-CIRCUIT D
1301.2876 SCHURTER-1301.2876 Datasheet
130Kb / 1P
   D-SICHERUNGSMATERIAL / MATERIEL DE COUPE-CIRCUIT D
1301.2880 SCHURTER-1301.2880 Datasheet
130Kb / 1P
   D-SICHERUNGSMATERIAL / MATERIEL DE COUPE-CIRCUIT D
1301.2884 SCHURTER-1301.2884 Datasheet
130Kb / 1P
   D-SICHERUNGSMATERIAL / MATERIEL DE COUPE-CIRCUIT D
1301.2885 SCHURTER-1301.2885 Datasheet
130Kb / 1P
   D-SICHERUNGSMATERIAL / MATERIEL DE COUPE-CIRCUIT D
More results

Similar Description - 1301.2209

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
SEV-G2500V SCHURTER-SEV-G2500V Datasheet
301Kb / 4P
   NH-Sicherung, SEV G2
SEV-G2500V SCHURTER-SEV-G2500V_V01 Datasheet
283Kb / 3P
   Fuse link, SEV G2 500V (gG)
04.01.2022
logo
Gilway Technical Lamp
GHB-3M30-G2 GILWAY-GHB-3M30-G2 Datasheet
3Mb / 3P
   GHB-3M30-G2
logo
Pulse A Technitrol Comp...
JTH-0024NL PULSE-JTH-0024NL Datasheet
314Kb / 4P
   CONN,RJ45,1X1,10G,G2
logo
Kingston Technology Far...
DTEG2 KINGSTON-DTEG2 Datasheet
269Kb / 2P
   DataTraveler Elite G2
logo
Ledil, Inc.
C17539 LEDIL-C17539 Datasheet
1Mb / 3P
   Colour mixing sublens for BARBARA-G2 and BROOKE-G2
logo
List of Unclassifed Man...
IW-SMG2N1 ETC2-IW-SMG2N1 Datasheet
1Mb / 25P
   Nano WiReach G2 N1
logo
Cree, Inc
XP-G2 CREE-XP-G2 Datasheet
2Mb / 30P
   Cree XLamp XP-G2 LEDs
logo
Ledil, Inc.
C14658 LEDIL-C14658 Datasheet
5Mb / 3P
   Colour mixing sublens for BARBARA-PF, BARBARA-G2 and BROOKE-G2
logo
Cooper Bussmann, Inc.
SD00-D COOPER-SD00-D Datasheet
421Kb / 8P
   NH bases
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com