Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0034.6918 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 0034.6918
Description  Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0034.6918 Datasheet(HTML) 1 Page - Schurter Inc.

  0034.6918 Datasheet HTML 1Page - Schurter Inc. 0034.6918 Datasheet HTML 2Page - Schurter Inc. 0034.6918 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Non resettable fuses
MXT 250
www.schurter.com /PG01_2
Fuses
Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
IEC 60127-3 · 250VAC · Time-Lag T
Description
- Directly solderable on printed circuit boards
- High breaking capacity
Standards
- IEC 60127-3/4
- UL 248-14
- CSA C22.2 no. 248.14
Approvals
- VDE Certificate Number: 40008838
- UL File Number: E41599
- CSA File Number: 51172
Applications
- Primary Protection on PCB
- Power Supply Adapter for e.g. laptops
- SMPS (Switching Mode Power Supply) for TV's and DVD's
References
Packaging Details
Corresponding Fuseholder FMS (250V)
Weblinks
pdf-datasheet, html-datasheet, General Product Information, Packaging
details, Approvals, CE declaration of conformity, RoHS, CHINA-RoHS,
REACH, Distributor-Stock-Check, Detailed request for product
Technical Data
Rated Voltage
250 VAC
Rated current
0.8 - 10 A
Breaking Capacity
100 A
Characteristic
Time-Lag T
Mounting
PCB,THT
Admissible Ambient Air Temp. -40 °C to 85 °C
Climatic Category
40/085/21 acc. to IEC 60068-1
Material: Housing
Thermoplastic, UL 94V-0
Material: Terminals
Tin-Plated Copper
Unit Weight
0.78 g
Storage Conditions
0 °C to 40 °C, max. 70% r.h.
Product Marking
, Type, Rated current, Rated Voltage,
Characteristic, Approvals
Soldering Methods
Wave, Iron
Soldering Profile
Solderability
235 °C / 2 sec acc. to IEC 60068-2-20,
Test Ta
Resistance to Soldering Heat
260 °C / 10 sec acc. to IEC 60068-2-20,
Test Tb
Resistance to Vibration
acc. to IEC 60068-2-6, test Fc
Life Test
1000h @ 0.60 x In @ 70°C
(acc. to EIA/IS-722, Test 4.4.1)
Load Humidity Test
MIL-STD-202, Method 103B
0.1 x In @ 0.85 r.H. @ 85°C
Moisture Resistance Test
MIL-STD-202, Method 106E
(50 cycles in a temp./mister chamber)
Terminal Strength
Tensile load min. 9 N
(acc. to EIA/IS-722, Test 4.5.5)
Case Resistance
acc. to EIA/IS-722, Test 4.7
>100 M
Ω (between leeds and body)
Mechanical Shock
MIL-STD-202, Method 213B
(Shock 50g, half sine wave, 11 ms)
Resistance to Solvents
MIL-STD-202, Method 215A
Flammability
UL 94V-0
(acc. to EIA/IS-722, Test 4.12)
Dimension
8.5 mm
ø 8.5
3.2
ø 0.64
5.08
3.2
ø 0.64
5.08
ø 8.5
1
+0.1
0
5.08
Drilling diagram


Similar Part No. - 0034.6918

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0034.6918 SCHURTER-0034.6918 Datasheet
516Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
0034.6918 SCHURTER-0034.6918 Datasheet
394Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
0034.6918 SCHURTER-0034.6918 Datasheet
394Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
04.01.2022
More results

Similar Description - 0034.6918

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
00346914 SCHURTER-00346914 Datasheet
516Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
MXT250 SCHURTER-MXT250_V01 Datasheet
394Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
MXT250 SCHURTER-MXT250_18 Datasheet
386Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
MXT250 SCHURTER-MXT250_V02 Datasheet
394Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
04.01.2022
00346602 SCHURTER-00346602 Datasheet
565Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 35 A
MSTU250 SCHURTER-MSTU250_18 Datasheet
291Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
MSTU250 SCHURTER-MSTU250_V01 Datasheet
302Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
MSTU250 SCHURTER-MSTU250 Datasheet
259Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
00347103 SCHURTER-00347103 Datasheet
471Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
MSTU250 SCHURTER-MSTU250_V02 Datasheet
302Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
04.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com