Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS1161 Datasheet(PDF) 1 Page - Schurter Inc.

Part # PS1161
Description  PS 1161 Test Probe, 2 mm, 6.3 A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

PS1161 Datasheet(HTML) 1 Page - Schurter Inc.

  PS1161 Datasheet HTML 1Page - Schurter Inc. PS1161 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Test Jacks & Probes
PS 1161
www.schurter.com /PG08
Appliance inlet
PS 1161 Test Probe, Ø 2 mm, 6.3 A
Description
- Test Probe
- diameter 2.0 mm
Weblinks
pdf-datasheet, html-datasheet, General Product Information, RoHS,
CHINA-RoHS, REACH, Distributor-Stock-Check, Accessories, Detailed
request for product
Technical Data
Diameter
2 mm
Rated current
6.3 A
Admissible switching power
@ 250 Insertions:
220 W / max. 5 A or 75 VDC
440 W / max. 5 A or 50 VAC
@ 1000 Insertions:
100 W / max. 2 A or 75 VDC
150 W / max. 5 A or 50 VAC
Contact resistance
< 7 m
Ω at 20 mV
Allowable Operation Temp.
-25 °C to 70 °C
Resistance to Soldering Heat
260 °C / 5 sec acc. to IEC 60068-2-
20 , Test Tb, method 1A
Weight
1.1 g
Material: Housing
Thermoplastic (PC), UL 94V-2
Surface of contacts
gold plated , Thickness 2.0 µm
Dimensions
12.7
15.3
28
4
Diagrams


Similar Part No. - PS1161

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
PS1161 SCHURTER-PS1161 Datasheet
286Kb / 2P
   PS 1161 Test Probe, 횠 2 mm, 6.3 A
04.01.2022
PS1161 SCHURTER-PS1161_V01 Datasheet
286Kb / 2P
   PS 1161 Test Probe, 횠 2 mm, 6.3 A
04.01.2022
More results

Similar Description - PS1161

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
PS1161 SCHURTER-PS1161_V01 Datasheet
286Kb / 2P
   PS 1161 Test Probe, 횠 2 mm, 6.3 A
04.01.2022
PS1061 SCHURTER-PS1061 Datasheet
210Kb / 2P
   PS 1061 Test Probe, 2 mm, 10 A
PS1061 SCHURTER-PS1061_V01 Datasheet
218Kb / 2P
   PS 1061 Test Probe, 횠 2 mm, 10 A
04.01.2022
PB1021 SCHURTER-PB1021_V01 Datasheet
267Kb / 2P
   PB 1021 Test Jack, PCB Mounting, 횠 2 mm, 6.3 A
PB1151 SCHURTER-PB1151_V01 Datasheet
268Kb / 2P
   PB 1151 Test Jack, PCB Mounting, 횠 2 mm, 6.3 A
04.01.2022
PB1021 SCHURTER-PB1021_V02 Datasheet
267Kb / 2P
   PB 1021 Test Jack, PCB Mounting, 횠 2 mm, 6.3 A
04.01.2022
PB1151 SCHURTER-PB1151 Datasheet
269Kb / 2P
   PB 1151 Test Jack, PCB Mounting, 횠 2 mm, 6.3 A
PBD1211 SCHURTER-PBD1211 Datasheet
268Kb / 2P
   PBD 1211 Test Jack, PCB Mounting, 횠 2 mm, 6.3 A, flux-proof
logo
Tyco Electronics
582118 MACOM-582118 Datasheet
122Kb / 1P
   ASSEMBLY, TEST PROBE
logo
Pomona Electronics
5144 POMONA-5144 Datasheet
30Kb / 1P
   SMD Test Probe
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com