Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4435.0056 Datasheet(PDF) 5 Page - Schurter Inc.

Part # 4435.0056
Description  Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4435.0056 Datasheet(HTML) 5 Page - Schurter Inc.

  4435.0056 Datasheet HTML 1Page - Schurter Inc. 4435.0056 Datasheet HTML 2Page - Schurter Inc. 4435.0056 Datasheet HTML 3Page - Schurter Inc. 4435.0056 Datasheet HTML 4Page - Schurter Inc. 4435.0056 Datasheet HTML 5Page - Schurter Inc. 4435.0056 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Thermal (T- and TA-Line)
TA35 Rocker 1Pole
www.schurter.com /PG17_20
Circuit Breakers
Rated current
Configuration
key
without thermal overload protection / temporarily without VDE approval
C00
0.05 A
Z05
0.1 A
J01
0.2 A
J02
0.3 A
J03
0.4 A
J04
0.5 A
J05
0.8 A
J08
1.0 A
J10
1.2 A
J12
1.5 A
J15
2.0 A
J20
2.5 A
J25
3.0 A
030
3.5 A
035
4.0 A
040
5.0 A
050
6.0 A
060
7.0 A
070
8.0 A
080
10.0 A
100
12.0 A
120
Other rated currents on request
Rated current
Configuration
key
13.0 A
130
14.0 A
140
15.0 A
150
16.0 A
160
18.0 A
180
20.0 A
200
Other rated currents on request
TA35
|-|CBD|B|F|120|C0|-|CZMXX| = Reserve
Reserve
Configuration
key
reserve
C0
TA35
|-|CBD|B|F|120|C0|-|CZMXX| = Accessories
Factory mounted accessories
Configuration
key
Without cover
For subsequent fitting accessories see:
http://www.schurter.ch/accessory_cbe
All Variants
Basic function
Rocker colour
Legend
Rated current
Accessories
Config. Code
Order Number
1-pole, 1 bimetal, without illumination
White
black printed
2.0 A
Without cover
TA35-CFTWKJ20C0
4435.0029
1-pole, 1 bimetal, without illumination
White
embossed
3.0 A
Without cover
TA35-CFTWF030C0
4435.0019
1-pole, 1 bimetal, without illumination
White
black printed
3.0 A
Without cover
TA35-CFTWM030C0
4435.0082
1-pole, 1 bimetal, illuminated 120 V
Red transparent
white printed
3.0 A
Without cover
TA35-C4F3H030C0
4435.0431
1-pole, 1 bimetal, without illumination
Red
black printed
3.0 A
Without cover
TA35-CFTRM030C0
4435.0481
1-pole, 1 bimetal, without illumination
Black
embossed
4.0 A
Without cover
TA35-CFTBF040C0
4435.0028
1-pole, 1 bimetal, without illumination
Black
embossed
5.0 A
Without cover
TA35-CFTBF050C0
4435.0173
1-pole, 1 bimetal, without illumination
Black
white printed
5.0 A
Without cover
TA35-CFTBH050C0
4435.0204
1-pole, 1 bimetal, without illumination
Black
white printed
6.0 A
Without cover
TA35-CFTBH060C0
4435.0205
1-pole, 1 bimetal, without illumination
Red
embossed
10.0 A
Without cover
TA35-CFTRF100C0
4435.0056
1-pole, 1 bimetal, without illumination
Black
embossed
10.0 A
Without cover
TA35-CFTBF100C0
4435.0174
1-pole, 1 bimetal, momentary switch,
without illumination
Black
embossed
10.0 A
Without cover
TA35-CGTBF100C0
4435.0471
1-pole, 1 bimetal, without illumination
White
embossed
13.0 A
Without cover
TA35-CFTWF130C0
4435.0049
1-pole, 1 bimetal, without illumination
White
embossed
15.0 A
Without cover
TA35-CFTWF150C0
4435.0037
1-pole, 1 bimetal, without illumination
Black
embossed
15.0 A
Without cover
TA35-CFTBF150C0
4435.0137
1-pole, 1 bimetal, without illumination
Black
white printed
16.0 A
Without cover
TA35-CFTBH160C0
4435.0209
1-pole, 1 bimetal, without illumination
Black
embossed
16.0 A
Without cover
TA35-CFTBF160C0
4435.0300
1-pole, 1 bimetal, without illumination
Black
white printed
20.0 A
Without cover
TA35-CFTBL200C0
4435.0256
1-pole, whithout bimetal, without
illumination
Black
white printed
without thermal
overload protection
/ temporarily wit-
hout VDE approval
Without cover
TA35-CFCBLC00C0
4435.0007


Similar Part No. - 4435.0056

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4435.0050 SCHURTER-4435.0050 Datasheet
568Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 3 poles
4435.0052 SCHURTER-4435.0052 Datasheet
291Kb / 3P
   Screw-on collar with cover, IP65
09.12.2021
4435.0053 SCHURTER-4435.0053 Datasheet
291Kb / 3P
   Screw-on collar with cover, IP65
09.12.2021
4435.0054 SCHURTER-4435.0054 Datasheet
291Kb / 3P
   Screw-on collar with cover, IP65
09.12.2021
More results

Similar Description - 4435.0056

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TA35ROCKER1POLE SCHURTER-TA35ROCKER1POLE Datasheet
506Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
TA45 SCHURTER-TA45_V01 Datasheet
1Mb / 14P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
14.04.2022
TA45-2R SCHURTER-TA45-2R Datasheet
601Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
TA45-3R SCHURTER-TA45-3R Datasheet
474Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE Datasheet
1,007Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE_18 Datasheet
992Kb / 8P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
TA45-2R SCHURTER-TA45-2R_18 Datasheet
603Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
TA45-2RU SCHURTER-TA45-2RU Datasheet
707Kb / 10P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with undervoltage
TA45-3RU SCHURTER-TA45-3RU Datasheet
465Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with undervoltage
4435.0229 SCHURTER-4435.0229 Datasheet
568Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 3 poles
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com