Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC6112JI2A-100.0000 Datasheet(PDF) 4 Page - Microchip Technology

Part # DSC6112JI2A-100.0000
Description  Ultra-Small, Ultra-Low Power MEMS Oscillator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC6112JI2A-100.0000 Datasheet(HTML) 4 Page - Microchip Technology

  DSC6112JI2A-100.0000 Datasheet HTML 1Page - Microchip Technology DSC6112JI2A-100.0000 Datasheet HTML 2Page - Microchip Technology DSC6112JI2A-100.0000 Datasheet HTML 3Page - Microchip Technology DSC6112JI2A-100.0000 Datasheet HTML 4Page - Microchip Technology DSC6112JI2A-100.0000 Datasheet HTML 5Page - Microchip Technology DSC6112JI2A-100.0000 Datasheet HTML 6Page - Microchip Technology DSC6112JI2A-100.0000 Datasheet HTML 7Page - Microchip Technology DSC6112JI2A-100.0000 Datasheet HTML 8Page - Microchip Technology DSC6112JI2A-100.0000 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
DSC61XX
DS20005624A-page 4
 2016 Microchip Technology Inc.
Output Transition Time
Rise Time/Fall Time
tRX/tFX
1
1.5
ns
DSC61X2
High Drive,
20% to 80%
CL=15 pF
VDD = 1.8V
0.5
1.0
ns
VDD = 2.5V/3.3V
tRY/tFY
1.2
2.0
ns
DSC61X1
Std Drive,
20% to 80%
CL=10 pF
VDD = 1.8V
1.5
2.2
ns
VDD = 2.5V/3.3V
Frequency
f0
0.002
100
MHz
Output on Pin 1 for < 1 MHz
Output Duty Cycle
SYM
45
55
%
Period Jitter, RMS
JPER
9.5
11
psRMS
FOUT =
27 MHz
VDD = 1.8V
7.5
9
VDD = 2.5V/3.3V
Cycle-to-Cycle Jitter
(peak)
JCy–Cy
—50
70
ps
FOUT =
27 MHz
VDD = 1.8V
—35
60
VDD = 2.5V/3.3V
DSC61XX ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, VDD= 1.8V –5% to 3.3V +10%, TA= –40°C to 85°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1: Pin 4 VDD should be filtered with 0.1 uf capacitor.
2: Not including current through pull-up resistor on EN pin (if configured). Higher standby current seen at
>3.3V VDD.
3: Includes frequency variations due to initial tolerance, temp. and power supply voltage.
4: Input waveform must be monotonic with rise/fall time < 10 ms
5: Output Disable time takes up to 1 Period of the output waveform + 200 ns.
6: For parts configured with OE, not Standby.
7: Output is enabled if pad is floated or not connected.


Similar Part No. - DSC6112JI2A-100.0000

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC6112JI2B-B MICROCHIP-DSC6112JI2B-B Datasheet
330Kb / 24P
   Ultra-Small, Ultra-Low Power MEMS Oscillator
08/15/18
DSC6112JI2B-T MICROCHIP-DSC6112JI2B-T Datasheet
330Kb / 24P
   Ultra-Small, Ultra-Low Power MEMS Oscillator
08/15/18
More results

Similar Description - DSC6112JI2A-100.0000

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC60XXB MICROCHIP-DSC60XXB Datasheet
335Kb / 26P
   Ultra-Small, Ultra-Low Power MEMS Oscillator
08/15/18
DSC60XX MICROCHIP-DSC60XX Datasheet
308Kb / 26P
   Ultra-Small, Ultra-Low Power MEMS Oscillator
06/23/16
DSC61XXB MICROCHIP-DSC61XXB Datasheet
330Kb / 24P
   Ultra-Small, Ultra-Low Power MEMS Oscillator
08/15/18
DSC63XX MICROCHIP-DSC63XX Datasheet
457Kb / 28P
   Ultra-Small, Ultra-Low Power MEMS Oscillator with Spread Spectrum
11/07/16
DSC63XXB MICROCHIP-DSC63XXB Datasheet
479Kb / 26P
   Ultra-Small, Ultra-Low Power MEMS Oscillator with Spread Spectrum
08/15/18
DSA61XX MICROCHIP-DSA61XX Datasheet
416Kb / 24P
   Ultra-Small, Low Power MEMS Oscillator for Automotive
05/14/19
DSA60XX MICROCHIP-DSA60XX Datasheet
429Kb / 26P
   Ultra-Small, Low Power MEMS Oscillator for Automotive
05/14/19
logo
Abracon Corporation
ASTMTXK ABRACON-ASTMTXK Datasheet
3Mb / 6P
   Ultra-miniature, Low Power, 32.768kHz MEMS Oscillator
06.30.15
ASTMK ABRACON-ASTMK Datasheet
3Mb / 7P
   Ultra-miniature, Low Power, 32.768kHz MEMS Oscillator
06.17.2017
logo
Raltron Electronics Cor...
CMC203 RALTRON-CMC203 Datasheet
735Kb / 6P
   Ultra Performance MEMS Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com