Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4303.2114.20 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 4303.2114.20
Description  Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4303.2114.20 Datasheet(HTML) 1 Page - Schurter Inc.

  4303.2114.20 Datasheet HTML 1Page - Schurter Inc. 4303.2114.20 Datasheet HTML 2Page - Schurter Inc. 4303.2114.20 Datasheet HTML 3Page - Schurter Inc. 4303.2114.20 Datasheet HTML 4Page - Schurter Inc. 4303.2114.20 Datasheet HTML 5Page - Schurter Inc. 4303.2114.20 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Accessories
Fusedrawer 3
www.schurter.com /PGZ01
Connectors
Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
Fuse drawer "Fingergrip" with voltage selector
(Fuse links not enclosed)
Fuse drawer "Extrasafe" without voltage se-
lector
(Fuse links not enclosed)
Standard or Medical Fuse drawer
Description
- Component :
Snap-in , Rear Mounting
- 2 Functions :
Fuseholder for Fuse-links 5x20 mm or 6.3x32 mm , Voltage selector
insert
- Approved together with power entry module
Characteristics
- Fuse drawer meets requirements of medical standard IEC/EN 60601-1
- Suitable for use in equipment according to IEC/UL 60950
Other versions on request
- Fuse drawer with other voltage values
References
Fits to type: CD; CD-Bowdencable; KD; KD-Bowdenca-
ble; KEC; KFC
Weblinks
pdf-datasheet, html-datasheet, General Product Information, RoHS,
CHINA-RoHS, REACH, Distributor-Stock-Check, Accessories, Detailed
request for product
Voltage Selector Inserts
Index
Marking on Voltage Selector Insert / Terminal No.
yy
KEC
1
2
3
4
KD
3
4
5
6
4303.2014.00
-
-
-
-
4303.2014.01
100
120
220
240
4303.2014.02
110
150
220
-
4303.2014.03
110
-
220
-
4303.2014.04
110
220
240
-
4303.2014.05
115
-
230
-
4303.2014.06
117
220
240
-
4303.2014.08
110 V
-
220 V
-
4303.2014.09
220
-
240
-
4303.2014.11
110
120
220
240
4303.2014.12
115
230
240
-
4303.2014.13
100
110
220
240
4303.2014.14
100
117
220
240
4303.2014.15
100
115
230
-
4303.2014.16
100
120
230
240
4303.2014.17
115
120
230
240
4303.2014.19
220
120
240
230
4303.2014.20
100
120
230
-
4303.2014.21
100
-
220
-
4303.2014.22
100
120
220
230
4303.2014.24
200
220
240
-
4303.2014.27
115
200
230
-
4303.2014.32
100
110
230
240
4303.2014.34
110
115
230
240
4303.2014.35
100
115
230
240
4303.2014.36
100
110
200
230
4303.2014.42
100
115
120
230


Similar Part No. - 4303.2114.20

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4303.2114.01 SCHURTER-4303.2114.01 Datasheet
398Kb / 7P
   Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm7
04.01.2022
4303.2114.01 SCHURTER-4303.2114.01_V01 Datasheet
398Kb / 7P
   Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm7
04.01.2022
More results

Similar Description - 4303.2114.20

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FUSEDRAWER3 SCHURTER-FUSEDRAWER3_V01 Datasheet
398Kb / 7P
   Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
4305.0006 SCHURTER-4305.0006 Datasheet
162Kb / 1P
   Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
FUSEDRAWER1 SCHURTER-FUSEDRAWER1_V02 Datasheet
206Kb / 2P
   Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
04.01.2022
FUSEDRAWER3 SCHURTER-FUSEDRAWER3 Datasheet
384Kb / 7P
   Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
FUSEDRAWER1 SCHURTER-FUSEDRAWER1 Datasheet
192Kb / 2P
   Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
FUSEDRAWER1 SCHURTER-FUSEDRAWER1_V01 Datasheet
206Kb / 2P
   Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
4303.2114.01 SCHURTER-4303.2114.01_V01 Datasheet
398Kb / 7P
   Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm7
04.01.2022
FUSEDRAWER2 SCHURTER-FUSEDRAWER2_V01 Datasheet
371Kb / 6P
   Fusedrawer for Fuse Links 5x20 mm, with or without Voltage Selector Insert
FUSEDRAWER2 SCHURTER-FUSEDRAWER2_V02 Datasheet
371Kb / 6P
   Fusedrawer for Fuse Links 5x20 mm, with or without Voltage Selector Insert
04.01.2022
FUSEDRAWER2 SCHURTER-FUSEDRAWER2 Datasheet
336Kb / 5P
   Fusedrawer f체r Fuse Links 5x20 mm, with or without Voltage Selector Insert
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com