Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5825 Datasheet(PDF) 3 Page - Rohm

Part # 2SC5825
Description  Power transistor (60V, 3A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC5825 Datasheet(HTML) 3 Page - Rohm

  2SC5825 Datasheet HTML 1Page - Rohm 2SC5825 Datasheet HTML 2Page - Rohm 2SC5825 Datasheet HTML 3Page - Rohm 2SC5825 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5825
Transistors
3/3
COLLECTOR CURRENT : IC (A)
Fig.7 Base-Emitter Saturation
Voltage vs.Collecter Current
0.001
10
1
0.1
0.01
0.1
1
10
IC / IB
=10 / 1
Ta
=125°C
Ta
=25°C
Ta
= −40°C
0.1
10
1
0.01
0.1
1
10
VCE
=2V
BASE TO EMITTER VOLTAGE : VBE (V)
Fig.8 Grounded Emitter
Propagation Characteristics
Ta
=125°C
Ta
=25°C
Ta
= −40°C
EMITTER CURRENT : IE (A)
Fig.9 Transition Frequency
0.001
10
1
0.1
0.01
1
10
100
1000
Ta
=25°C
VCE
=10V
0.1
1
10
100
1
10
100
BASE TO COLLECTOR VOLTAGE : VCB (V)
Fig.10 Collector Output Capacitance
Ta
=25°C
f
=1MHz
!
!
!
!Switching characteristics measurement circuits
Collector current
waveform
Base current
waveform
IB1
IB1
90%
10%
IB2
IB2
IC
VIN
PW
IC
RL
=8.3Ω
VCC
25V
PW
50 S
Duty cycle
1%
Ton
Tstg Tf


Similar Part No. - 2SC5825

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5825 ROHM-2SC5825 Datasheet
99Kb / 4P
   Power transistor (60V, 3A)
2SC5825 ROHM-2SC5825 Datasheet
160Kb / 4P
   Power transistor (60V, 3A)
2SC5825 ROHM-2SC5825 Datasheet
183Kb / 4P
   Power transistor (60V, 3A)
2SC5825 ROHM-2SC5825 Datasheet
173Kb / 4P
   Power transistor
2SC5825 ROHM-2SC5825_07 Datasheet
99Kb / 4P
   Power transistor (60V, 3A)
More results

Similar Description - 2SC5825

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1184 ROHM-2SB1184 Datasheet
129Kb / 3P
   Power Transistor (-60V, -3A)
2SA2071 ROHM-2SA2071 Datasheet
44Kb / 4P
   Power transistor (-60V, -3A)
2SC5826 ROHM-2SC5826_11 Datasheet
939Kb / 4P
   Power transistor (60V, 3A)
2SC5825 ROHM-2SC5825_07 Datasheet
99Kb / 4P
   Power transistor (60V, 3A)
2SC5824 ROHM-2SC5824_1 Datasheet
135Kb / 4P
   Power transistor (60V, 3A)
2SC5824 ROHM-2SC5824 Datasheet
46Kb / 4P
   Power transistor (60V, 3A)
2SA2071P5 ROHM-2SA2071P5 Datasheet
1Mb / 10P
   Power transistor (-60V, -3A)
2SB1184 ROHM-2SB1184_10 Datasheet
172Kb / 4P
   Power Transistor (-60V, -3A)
2SC5824 ROHM-2SC5824_2 Datasheet
95Kb / 4P
   Power transistor (60V, 3A)
2SD2576 ROHM-2SD2576 Datasheet
43Kb / 1P
   Power Transistor (60V, 3A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com