Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF5410 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF5410
Description  LTE MMMB PA Module
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5410 Datasheet(HTML) 2 Page - RF Micro Devices

  RF5410 Datasheet HTML 1Page - RF Micro Devices RF5410 Datasheet HTML 2Page - RF Micro Devices RF5410 Datasheet HTML 3Page - RF Micro Devices RF5410 Datasheet HTML 4Page - RF Micro Devices RF5410 Datasheet HTML 5Page - RF Micro Devices RF5410 Datasheet HTML 6Page - RF Micro Devices RF5410 Datasheet HTML 7Page - RF Micro Devices RF5410 Datasheet HTML 8Page - RF Micro Devices RF5410 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS20160809
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
RFMD + TriQuint = Qorvo
2 of 33
Absolute Maximum Rating
Parameter
Rating
Unit
Supply Voltage VBATT
-1.2 to 6.0
V
Supply Voltage VCC
0 to 4.6
V
VIO and Digital control signals (SCLK, SDATA)
2.0
V
RF Input Power
+10
dBm
Output Load VSWR (Ruggedness)
10:1
See Note 1
Operating Temperature
-30 to +85
°C
Storage Temperature
-40 to +150
°C
ESD (HBM)
1000
V
Note 1:
Ruggedness is guaranteed with closed loop condition, constant forward POUT = Pmax
Over all conditions: VCC = 3.1 to 4.6V, Temperature = -20 to +85°C.
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of
antimony trioxide in polymeric materials
and red phosphorus as a flame retardant,
and <2% antimony in solder.
Exceeding any one or a combination of the
Absolute Maximum Rating conditions may cause
permanent damage to the device. Extended
application of Absolute Maximum Rating
conditions to the device may reduce device
reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Power vs Modulation Table
Band
Band
Freq
Freq
R99
HSDPA ST 1,2
HSUPA ST 1,5
HSDPA ST 3,4
HSUPA ST 3
HSUPA ST 2,4
TDS
5 MHZ / 8 RB
10 MHz / 12 RB
20 MHz / 18 RB
5 MHZ / 25 RB
10 MHz / 50 RB
20 MHz / 100 RB
5 MHZ / 8 RB
10 MHz / 12 RB
20 MHz / 18 RB
5 MHZ / 25 RB
10 MHz / 50 RB
20 MHz / 100 RB
1
MB
1920
1980
28.0
27.0
26.5
26.0
25.0
NA
27.0
26.0
26.0
25.0
2
MB
1850
1910
28.5
27.5
27.0
26.5
25.5
NA
27.5
26.5
26.5
25.5
3
MB
1710
1785
28.5
27.5
27.0
26.5
25.5
NA
27.5
26.5
26.5
25.5
4
MB
1710
1755
28.0
27.0
26.5
26.0
25.0
NA
27.0
26.0
26.0
25.0
34
MB
2010
2025
28.0
39
MB
1880
1920
28.0
27.0
26.0
26.0
25.0
5
LB
824
849
28.5
28.0
27.5
27.0
26.0
NA
27.5
26.5
26.5
25.5
8
LB
880
915
28.5
28.0
27.5
27.0
26.0
NA
27.5
26.5
26.5
25.5
20
LB
832
862
NA
27.5
26.5
26.5
25.5
7
HB
2500
2570
NA
27.5
26.5
26.5
25.5
38
HB
2570
2620
NA
27.5
26.5
26.5
25.5
40
HB
2300
2400
28.0
27.5
26.5
26.5
25.5
41
HB
2496
2690
NA
27.5
26.5
26.5
25.5
Power vs Modulation Table
WCDMA
LTE
Modulation: WCDMA
Modulation: QPSK
Modulation: 16 QAM
NA
NA
NA
TD-SCDMA
NA
NA
NA
NA
NA


Similar Part No. - RF5410

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
RF5 WILLOW-RF5 Datasheet
868Kb / 2P
   Series, High Frequency Power Resistors Thick film,Non-Inductive
logo
Adam Technologies, Inc.
RF5-01-T-06-50 ADAM-TECH-RF5-01-T-06-50 Datasheet
67Kb / 1P
   N MALE CRIMP FOR
RF5-02-D-01-50 ADAM-TECH-RF5-02-D-01-50 Datasheet
65Kb / 1P
   909 Rahway Avenue
RF5-11-T-25-50 ADAM-TECH-RF5-11-T-25-50 Datasheet
88Kb / 1P
   N MALE RIGHT ANGLE CRIMP
RF5-12-T-02-50 ADAM-TECH-RF5-12-T-02-50 Datasheet
70Kb / 1P
   N MALE RIGHT ANGLE CRIMP
More results

Similar Description - RF5410

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM700013 TRIQUINT-TQM700013_15 Datasheet
708Kb / 10P
   Band 13 LTE PA Module
TQM700017 TRIQUINT-TQM700017 Datasheet
143Kb / 1P
   Band 17 LTE PA Module
TQM700017 TRIQUINT-TQM700017_15 Datasheet
707Kb / 10P
   Band 17 LTE PA Module
TQM700013 TRIQUINT-TQM700013 Datasheet
140Kb / 1P
   Band 13 LTE PA Module
logo
RF Micro Devices
RF7317A RFMD-RF7317A Datasheet
205Kb / 2P
   3V LTE BAND 17 LINEAR PA MODULE
logo
Qorvo, Inc
RF7320 QORVO-RF7320 Datasheet
199Kb / 2P
   3V LTE Band 20 Linear PA Module
logo
RF Micro Devices
RF7320 RFMD-RF7320 Datasheet
199Kb / 2P
   3V LTE Band 20 Linear PA Module
logo
Qorvo, Inc
RF7317A QORVO-RF7317A Datasheet
205Kb / 2P
   3V LTE BAND 17 LINEAR PA MODULE
logo
RF Micro Devices
RF7321DS RFMD-RF7321DS Datasheet
671Kb / 10P
   3V LTE Band 11, 21 Linear PA Module
logo
Qorvo, Inc
RF7321DS QORVO-RF7321DS Datasheet
671Kb / 10P
   3V LTE Band 11, 21 Linear PA Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com