Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN91C111i-NS Datasheet(PDF) 10 Page - Microchip Technology

Part # LAN91C111i-NS
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111i-NS Datasheet(HTML) 10 Page - Microchip Technology

Back Button LAN91C111i-NS Datasheet HTML 6Page - Microchip Technology LAN91C111i-NS Datasheet HTML 7Page - Microchip Technology LAN91C111i-NS Datasheet HTML 8Page - Microchip Technology LAN91C111i-NS Datasheet HTML 9Page - Microchip Technology LAN91C111i-NS Datasheet HTML 10Page - Microchip Technology LAN91C111i-NS Datasheet HTML 11Page - Microchip Technology LAN91C111i-NS Datasheet HTML 12Page - Microchip Technology LAN91C111i-NS Datasheet HTML 13Page - Microchip Technology LAN91C111i-NS Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 125 page
background image
LAN91C111
DS00002276A-page 10
 2011-2016 Microchip Technology Inc.
4.0
SIGNAL DESCRIPTIONS
TABLE 4-1:
LAN91C111 PIN REQUIREMENTS (128 PIN QFP AND 1.0MM TQFP PACKAGE)
Function
Pin Symbols
Number of Pins
System Address Bus
A1-A15, AEN, nBE0-nBE3
20
System Data Bus
D0-D31
32
System Control Bus
RESET, nADS, LCLK, ARDY,
nRDYRTN, nSRDY, INTR0, nLDEV,
nRD, nWR, nDATACS, nCYCLE, W/nR,
nVLBUS
14
Serial EEPROM
EEDI, EEDO, EECS, EESK, ENEEP,
IOS0-IOS2
8
LEDs
nLEDA, nLEDB
2
PHY
TPO+, TPO-, TPI+, TPI-, nLNK, LBK,
nCNTRL, RBIAS
8
Crystal Oscillator
XTAL1, XTAL2
2
Power
VDD, AVDD
10
Ground
GND, AGND
12
Physical Interface (MII)
TXEN100, CRS100, COL100, RX_DV,
RX_ER, TXD0-TXD3, RXD0-RXD3,
MDI, MDO, MCLK, RX25, TX25
18
MISC
nCSOUT, X25OUT
2
TOTAL
128


Similar Part No. - LAN91C111i-NS

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN91C111I-NS SMSC-LAN91C111I-NS Datasheet
1Mb / 142P
   10/100 Non-PCI Ethernet Single Chip MAC PHY
LAN91C111i-NS SMSC-LAN91C111i-NS Datasheet
1Mb / 133P
   10/100 Non-PCI Ethernet Single Chip MAC PHY
More results

Similar Description - LAN91C111i-NS

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN91C111 SMSC-LAN91C111 Datasheet
1Mb / 142P
   10/100 Non-PCI Ethernet Single Chip MAC PHY
LAN91C111 SMSC-LAN91C111_11 Datasheet
1Mb / 133P
   10/100 Non-PCI Ethernet Single Chip MAC PHY
logo
Teridian Semiconductor ...
78Q8430 TERIDIAN-78Q8430 Datasheet
1Mb / 88P
   10/100 Ethernet MAC and PHY
logo
List of Unclassifed Man...
IP100ALF ETC2-IP100ALF Datasheet
1Mb / 97P
   Integrated 10/100 Ethernet MAC PHY
logo
Maxim Integrated Produc...
78Q8430 MAXIM-78Q8430 Datasheet
1Mb / 88P
   78Q8430 10/100 Ethernet MAC and PHY
Rev. 1.2
logo
Micrel Semiconductor
KSZ8851MQL MICREL-KSZ8851MQL Datasheet
59Kb / 2P
   Single Port MAC/PHY Controller with Non PCI Interface
logo
SMSC Corporation
LAN9117 SMSC-LAN9117_08 Datasheet
1Mb / 136P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
logo
Microchip Technology
LAN9116 MICROCHIP-LAN9116 Datasheet
1,016Kb / 109P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
logo
SMSC Corporation
LAN9116 SMSC-LAN9116_08 Datasheet
1Mb / 132P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9116 SMSC-LAN9116 Datasheet
1Mb / 126P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com