Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN8700iC-AEZG Datasheet(PDF) 11 Page - Microchip Technology

Part # LAN8700iC-AEZG
Description  짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8700iC-AEZG Datasheet(HTML) 11 Page - Microchip Technology

Back Button LAN8700iC-AEZG Datasheet HTML 7Page - Microchip Technology LAN8700iC-AEZG Datasheet HTML 8Page - Microchip Technology LAN8700iC-AEZG Datasheet HTML 9Page - Microchip Technology LAN8700iC-AEZG Datasheet HTML 10Page - Microchip Technology LAN8700iC-AEZG Datasheet HTML 11Page - Microchip Technology LAN8700iC-AEZG Datasheet HTML 12Page - Microchip Technology LAN8700iC-AEZG Datasheet HTML 13Page - Microchip Technology LAN8700iC-AEZG Datasheet HTML 14Page - Microchip Technology LAN8700iC-AEZG Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 74 page
background image
2007-2016 Microchip Technology Inc.
DS00002260A-page 11
LAN8700/LAN8700i
Note 3-1
On nRST transition high, the PHY latches the state of the configuration pins in this table.
TABLE 3-4:
BOOT STRAP CONFIGURATION INPUTS (Note 3-1)
Signal Name
Type
Description
CRS/
PHYAD4
IOPU
PHY Address Bit 4: set the default address of the PHY. This
signal is mux’d with CRS
Note:
This signal is mux’d with CRS
FDUPLEX/
PHYAD3
IOPU
PHY Address Bit 3: set the default address of the PHY.
Note:
This signal is mux’d with FDUPLEX
ACTIVITY/
PHYAD2
IOPU
PHY Address Bit 2: set the default address of the PHY.
Note:
This signal is mux’d with ACTIVITY
LINK/
PHYAD1
IOPU
PHY Address Bit 1: set the default address of the PHY.
Note:
This signal is mux’d with LINK
SPEED100/
PHYAD0
IOPU
PHY Address Bit 0: set the default address of the PHY.
Note:
This signal is mux’d with SPEED100
RXD2/
MODE2
IOPU
PHY Operating Mode Bit 2: set the default MODE of the PHY.
See Section 5.4.9.2, "Mode Bus – MODE[2:0]," on page 46, for the
MODE options.
Note:
This signal is mux’d with RXD2
RXD1/
MODE1
IOPU
PHY Operating Mode Bit 1: set the default MODE of the PHY.
See Section 5.4.9.2, "Mode Bus – MODE[2:0]," on page 46, for the
MODE options.
Note:
This signal is mux’d with RXD1
RXD0/
MODE0
IOPU
PHY Operating Mode Bit 0: set the default MODE of the PHY.
See Section 5.4.9.2, "Mode Bus – MODE[2:0]," on page 46, for the
MODE options.
Note:
This signal is mux’d with RXD0
COL/
RMII/
CRS_DV
IOPD
Digital Communication Mode: set the digital communications
mode of the PHY to RMII or MII. This signal is muxed with the
Collision signal (MII mode) and Carrier Sense/ receive Data Valid
(RMII mode)
• Float for MII mode.
• Pull up with a resistor to VDDIO for RMII mode (see Table 4-3,
“Boot Strapping Configuration Resistors,” on page 25)
RXD3/
nINTSEL
IOPU
nINT pin mode select: set the mode of pin 1.
• Default, left floating pin 1 is nINT, active low interrupt output.
• For nINT mode, tie nINT/TXD4/TXER to VDDIO with a resistor
(see Table 4-3, “Boot Strapping Configuration Resistors,” on
page 25).
• Pulled to VSS by a resistor, (see Table 4-3, “Boot Strapping
Configuration Resistors,” on page 25) pin 1 is TX_ER/TXD4,
Transmit Error or Transmit data 4 (5B mode).
• For TXD4/TXER mode, do not tie nINT/TXD4/TXER to VDDIO
or Ground.


Similar Part No. - LAN8700iC-AEZG

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN8700IC-AEZG MICROCHIP-LAN8700IC-AEZG Datasheet
1Mb / 83P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
Revision 2.3 (04-12-11)
More results

Similar Description - LAN8700iC-AEZG

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN8700IC-AEZG MICROCHIP-LAN8700IC-AEZG Datasheet
1Mb / 83P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
Revision 2.3 (04-12-11)
logo
SMSC Corporation
LAN8187 SMSC-LAN8187_11 Datasheet
1Mb / 78P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX & flexPWR짰 Technology
logo
Microchip Technology
LAN8700C-AEZG-TR MICROCHIP-LAN8700C-AEZG-TR Datasheet
723Kb / 83P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR Technology in a Small Footprint
Revision 2.3 04-12-11
LAN8740A MICROCHIP-LAN8740A Datasheet
1Mb / 136P
   Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8741A MICROCHIP-LAN8741A Datasheet
1,012Kb / 106P
   Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8742A MICROCHIP-LAN8742A Datasheet
1Mb / 124P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
logo
SMSC Corporation
LAN8710 SMSC-LAN8710 Datasheet
1Mb / 79P
   MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
logo
Microchip Technology
LAN8710A MICROCHIP-LAN8710A Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
Revision 1.4 08-23-12
logo
SMSC Corporation
LAN8710A SMSC-LAN8710A Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
LAN8720A SMSC-LAN8720A Datasheet
1Mb / 79P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com