Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLX2G08FMUTCG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NLX2G08FMUTCG
Description  Dual 2-Input AND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLX2G08FMUTCG Datasheet(HTML) 5 Page - ON Semiconductor

  NLX2G08FMUTCG Datasheet HTML 1Page - ON Semiconductor NLX2G08FMUTCG Datasheet HTML 2Page - ON Semiconductor NLX2G08FMUTCG Datasheet HTML 3Page - ON Semiconductor NLX2G08FMUTCG Datasheet HTML 4Page - ON Semiconductor NLX2G08FMUTCG Datasheet HTML 5Page - ON Semiconductor NLX2G08FMUTCG Datasheet HTML 6Page - ON Semiconductor NLX2G08FMUTCG Datasheet HTML 7Page - ON Semiconductor NLX2G08FMUTCG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NLX2G08
www.onsemi.com
5
PACKAGE DIMENSIONS
UDFN8 1.6x1.0, 0.4P
CASE 517BY
ISSUE O
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.15 AND 0.20 MM FROM TERMINAL TIP.
4. PACKAGE DIMENSIONS EXCLUSIVE OF
BURRS AND MOLD FLASH.
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
RECOMMENDED
DIM
MIN
MAX
MILLIMETERS
A
0.45
0.55
A1
0.00
0.05
A3
0.13 REF
b
0.15
0.25
D
1.60 BSC
E
1.00 BSC
e
0.40 BSC
L
0.25
0.35
L1
0.30
0.40
A B
E
D
0.10 C
PIN ONE
REFERENCE
TOP VIEW
0.10 C
A
A1
0.05 C
0.05 C
C SEATING
PLANE
SIDE VIEW
2X
2X
A3
BOTTOM VIEW
b
e
8X
L
7X
L1
1
4
5
8
e/2
0.10
B
0.05
A
C
C NOTE 3
M
M
DIMENSIONS: MILLIMETERS
0.26
7X
0.49
8X
1.24
0.53
PITCH
0.40
1
PKG
OUTLINE


Similar Part No. - NLX2G08FMUTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX2G08 ONSEMI-NLX2G08 Datasheet
130Kb / 5P
   Dual 2-Input AND Gate
April, 2009 ??Rev. 0
NLX2G08 ONSEMI-NLX2G08 Datasheet
87Kb / 8P
   Dual 2-Input AND Gate
June, 2018 ??Rev. 9
NLX2G08DMUTCG ONSEMI-NLX2G08DMUTCG Datasheet
87Kb / 8P
   Dual 2-Input AND Gate
June, 2018 ??Rev. 9
NLX2G08DMUTWG ONSEMI-NLX2G08DMUTWG Datasheet
87Kb / 8P
   Dual 2-Input AND Gate
June, 2018 ??Rev. 9
NLX2G08MUTCG ONSEMI-NLX2G08MUTCG Datasheet
130Kb / 5P
   Dual 2-Input AND Gate
April, 2009 ??Rev. 0
More results

Similar Description - NLX2G08FMUTCG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7W08F TOSHIBA-TC7W08F Datasheet
204Kb / 7P
   DUAL 2-INPUT AND GATE
logo
NXP Semiconductors
74HC2G08 PHILIPS-74HC2G08 Datasheet
85Kb / 16P
   Dual 2-input AND gate
2002 Nov 15
74LVC2G08 NXP-74LVC2G08 Datasheet
102Kb / 16P
   Dual 2-input AND gate
Rev. 08-9 June 2008
logo
Renesas Technology Corp
RD74LVC2G08 RENESAS-RD74LVC2G08 Datasheet
2Mb / 8P
   Dual 2-Input AND Gate
logo
ON Semiconductor
NL27WZ08 ONSEMI-NL27WZ08_12 Datasheet
101Kb / 5P
   Dual 2-Input AND Gate
April, 2012 ??Rev. 10
logo
Nexperia B.V. All right...
74HC2G08-Q100 NEXPERIA-74HC2G08-Q100 Datasheet
213Kb / 13P
   Dual 2-input AND gate
logo
ON Semiconductor
NL27WZ08 ONSEMI-NL27WZ08_V01 Datasheet
330Kb / 13P
   Dual 2-Input AND Gate
October, 2020 ??Rev. 14
logo
NXP Semiconductors
74AHC2G08 PHILIPS-74AHC2G08 Datasheet
90Kb / 17P
   Dual 2-input AND gate
Rev. 02-18 October 2004
logo
Toshiba Semiconductor
TC7WH08FU TOSHIBA-TC7WH08FU Datasheet
195Kb / 6P
   DUAL 2-INPUT AND GATE
TC7W08F TOSHIBA-TC7W08F_01 Datasheet
236Kb / 8P
   DUAL 2-INPUT AND GATE
TC7WG08FK TOSHIBA-TC7WG08FK_09 Datasheet
185Kb / 7P
   Dual 2-Input AND Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com