Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN8742A Datasheet(PDF) 7 Page - Microchip Technology

Part # LAN8742A
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8742A Datasheet(HTML) 7 Page - Microchip Technology

Back Button LAN8742A Datasheet HTML 3Page - Microchip Technology LAN8742A Datasheet HTML 4Page - Microchip Technology LAN8742A Datasheet HTML 5Page - Microchip Technology LAN8742A Datasheet HTML 6Page - Microchip Technology LAN8742A Datasheet HTML 7Page - Microchip Technology LAN8742A Datasheet HTML 8Page - Microchip Technology LAN8742A Datasheet HTML 9Page - Microchip Technology LAN8742A Datasheet HTML 10Page - Microchip Technology LAN8742A Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 124 page
background image
 2013-2015 Microchip Technology Inc.
DS00001989A-page 7
LAN8742A/LAN8742Ai
TABLE 2-1:
RMII SIGNALS
Num Pins
Name
Symbol
Buffer Type
Description
1
Transmit
Data 0
TXD0
VIS
The MAC transmits data to the transceiver using
this signal.
1
Transmit
Data 1
TXD1
VIS
The MAC transmits data to the transceiver using
this signal.
1
Transmit
Enable
TXEN
VIS
(PD)
Indicates that valid transmission data is present on
TXD[1:0].
1
Receive
Data 0
RXD0
VO8
Bit 0 of the 2 data bits that are sent by the trans-
ceiver on the receive path.
PHY Operat-
ing Mode 0
Configuration
Strap
MODE0
VIS
(PU)
Combined with MODE1 and MODE2, this configu-
ration strap sets the default PHY mode.
See Note 1 for more information on configuration
straps.
Note:
Refer to Section 3.7.2, "MODE[2:0]:
Mode Configuration" for additional
details.
1
Receive
Data 1
RXD1
VO8
Bit 1 of the 2 data bits that are sent by the trans-
ceiver on the receive path.
PHY Operat-
ing Mode 1
Configuration
Strap
MODE1
VIS
(PU)
Combined with MODE0 and MODE2, this configu-
ration strap sets the default PHY mode.
See Note 1 for more information on configuration
straps.
Note:
Refer to Section 3.7.2, "MODE[2:0]:
Mode Configuration" for additional
details.
1
Receive Error
RXER
VO8
This signal is asserted to indicate that an error was
detected somewhere in the frame presently being
transferred from the transceiver.
PHY Address 0
Configuration
Strap
PHYAD0
VIS
(PD)
This configuration strap sets the transceiver’s SMI
address.
See Note 1 for more information on configuration
straps.
Note:
Refer to Section 3.7.1, "PHYAD[0]: PHY
Address Configuration" for additional
information.


Similar Part No. - LAN8742A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN8740 MICROCHIP-LAN8740 Datasheet
1Mb / 136P
   Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8740A MICROCHIP-LAN8740A Datasheet
1Mb / 136P
   Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8740A-EN MICROCHIP-LAN8740A-EN Datasheet
1Mb / 136P
   Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8740A-EN-TR MICROCHIP-LAN8740A-EN-TR Datasheet
1Mb / 136P
   Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8740Ai-EN MICROCHIP-LAN8740Ai-EN Datasheet
1Mb / 136P
   Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
More results

Similar Description - LAN8742A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN8740A MICROCHIP-LAN8740A Datasheet
1Mb / 136P
   Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8741A MICROCHIP-LAN8741A Datasheet
1,012Kb / 106P
   Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
logo
SMSC Corporation
LAN8710A SMSC-LAN8710A Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
logo
Microchip Technology
LAN8720AI-CP MICROCHIP-LAN8720AI-CP Datasheet
1Mb / 29P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Revision 1.4 08-23-12
logo
SMSC Corporation
LAN8720A SMSC-LAN8720A Datasheet
1Mb / 79P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
logo
Microchip Technology
LAN8710A MICROCHIP-LAN8710A Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
Revision 1.4 08-23-12
logo
SMSC Corporation
LAN8720 SMSC-LAN8720 Datasheet
1Mb / 79P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
LAN8187 SMSC-LAN8187_11 Datasheet
1Mb / 78P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX & flexPWR짰 Technology
logo
Microchip Technology
LAN8700IC-AEZG MICROCHIP-LAN8700IC-AEZG Datasheet
1Mb / 83P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
Revision 2.3 (04-12-11)
LAN8700 MICROCHIP-LAN8700 Datasheet
939Kb / 74P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com