Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLX2G04 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLX2G04
Description  Dual Inverter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLX2G04 Datasheet(HTML) 1 Page - ON Semiconductor

  NLX2G04 Datasheet HTML 1Page - ON Semiconductor NLX2G04 Datasheet HTML 2Page - ON Semiconductor NLX2G04 Datasheet HTML 3Page - ON Semiconductor NLX2G04 Datasheet HTML 4Page - ON Semiconductor NLX2G04 Datasheet HTML 5Page - ON Semiconductor NLX2G04 Datasheet HTML 6Page - ON Semiconductor NLX2G04 Datasheet HTML 7Page - ON Semiconductor NLX2G04 Datasheet HTML 8Page - ON Semiconductor NLX2G04 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2016
June, 2016 − Rev. 4
1
Publication Order Number:
NLX2G04/D
NLX2G04
Dual Inverter
The NLX2G04 MiniGate
t is an advanced high−speed CMOS dual
inverter in ultra−small footprint.
The NLX2G04 input and output structures provide protection when
voltages up to 7.0 V are applied, regardless of the supply voltage.
Features
High Speed: tPD = 1.8 ns (Typ) @ VCC = 5.0 V
Low Power Dissipation: ICC = 1 mA (Max) at TA = 25°C
Power Down Protection Provided on inputs
Balanced Propagation Delays
Overvoltage Tolerant (OVT) Input and Output Pins
Ultra−Small Packages
These are Pb−Free Devices
OUT Y1
IN A2
IN A1
OUT Y2
GND
1
2
3
5
4
IN A2
OUT Y2
1
Figure 1. Pinout (Top View)
Figure 2. Logic Symbol
6
VCC
IN A1
OUT Y1
1
PIN ASSIGNMENT
1
2
3IN A2
IN A1
GND
4
5VCC
OUT Y2
FUNCTION TABLE
L
H
AY
H
L
6
OUT Y1
www.onsemi.com
See detailed ordering and shipping information on page 5 of
this data sheet.
ORDERING INFORMATION
Q
= Device Marking
M
= Date Code
1
ULLGA6
1.2 x 1.0
CASE 613AE
MARKING
DIAGRAMS
M
UDFN6
1.2 x 1.0
CASE 517AA
UDFN6
1.45 x 1.0
CASE 517AQ
UDFN6
1.0 x 1.0
CASE 517BX
1
M
1
M
1
M


Similar Part No. - NLX2G04

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX2G04 ONSEMI-NLX2G04 Datasheet
93Kb / 8P
   Dual Inverter
March, 2008 - Rev. 0
NLX2G04AMX1TCG ONSEMI-NLX2G04AMX1TCG Datasheet
93Kb / 8P
   Dual Inverter
March, 2008 - Rev. 0
NLX2G04BMX1TCG ONSEMI-NLX2G04BMX1TCG Datasheet
93Kb / 8P
   Dual Inverter
March, 2008 - Rev. 0
NLX2G04CMX1TCG ONSEMI-NLX2G04CMX1TCG Datasheet
93Kb / 8P
   Dual Inverter
March, 2008 - Rev. 0
More results

Similar Description - NLX2G04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2GU04 PHILIPS-74LVC2GU04 Datasheet
95Kb / 15P
   Dual inverter
2004 Sep 21
logo
Unisonic Technologies
U74LVC2G04 UTC-U74LVC2G04_10 Datasheet
163Kb / 5P
   DUAL INVERTER
logo
Nexperia B.V. All right...
74LVC2G04 NEXPERIA-74LVC2G04 Datasheet
252Kb / 16P
   Dual inverter
Rev. 12 - 26 January 2022
logo
ON Semiconductor
NLX2G04 ONSEMI-NLX2G04 Datasheet
93Kb / 8P
   Dual Inverter
March, 2008 - Rev. 0
logo
Toshiba Semiconductor
TC7PA04FU TOSHIBA-TC7PA04FU_07 Datasheet
184Kb / 8P
   Dual Inverter
TC7PG04AFE TOSHIBA-TC7PG04AFE Datasheet
141Kb / 6P
   Dual Inverter
logo
Renesas Technology Corp
HD74LV1GW04A RENESAS-HD74LV1GW04A Datasheet
80Kb / 7P
   Dual Inverter
logo
NXP Semiconductors
74HC2G04 NXP-74HC2G04 Datasheet
79Kb / 14P
   Dual inverter
Rev. 01-15 November 2006
logo
ON Semiconductor
NLU2G04 ONSEMI-NLU2G04 Datasheet
98Kb / 8P
   Dual Inverter
March, 2008 - Rev. 2
logo
Renesas Technology Corp
HD74LV1GW04A RENESAS-HD74LV1GW04A_15 Datasheet
160Kb / 8P
   Dual Inverter
logo
Nexperia B.V. All right...
74HC2G04 NEXPERIA-74HC2G04 Datasheet
194Kb / 15P
   Dual inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com