Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLX1G99DMUTCG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NLX1G99DMUTCG
Description  Configurable Multifunction Gate
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLX1G99DMUTCG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NLX1G99DMUTCG Datasheet HTML 3Page - ON Semiconductor NLX1G99DMUTCG Datasheet HTML 4Page - ON Semiconductor NLX1G99DMUTCG Datasheet HTML 5Page - ON Semiconductor NLX1G99DMUTCG Datasheet HTML 6Page - ON Semiconductor NLX1G99DMUTCG Datasheet HTML 7Page - ON Semiconductor NLX1G99DMUTCG Datasheet HTML 8Page - ON Semiconductor NLX1G99DMUTCG Datasheet HTML 9Page - ON Semiconductor NLX1G99DMUTCG Datasheet HTML 10Page - ON Semiconductor NLX1G99DMUTCG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
NLX1G99
www.onsemi.com
7
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
−0.5 to +7.0
V
VIN
DC Input Voltage
−0.5 to +7.0
V
VOUT
DC Output Voltage
Active Mode (High or Low State)
Tristate Mode (Output at Hi−Z)
Power Down Mode (VCC = 0 V)
−0.5 to VCC + 0.5
−0.5 to +7.0
−0.5 to +7.0
V
IIK
DC Input Diode Current
VIN < GND
−50
mA
IOK
DC Output Diode Current
VOUT < GND
−50
mA
IO
DC Output Source/Sink Current
±50
mA
ICC
DC Supply Current Per Supply Pin
±100
mA
IGND
DC Ground Current per Ground Pin
±100
mA
TSTG
Storage Temperature Range
−65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
°C
TJ
Junction Temperature Under Bias
150
°C
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
VESD
ESD Withstand Voltage
Human Body Model (Note 2)
Machine Model (Note 3)
Charged Device Model (Note 4)
> 2000
> 200
N/A
V
ILATCHUP
Latchup Performance Above VCC and Below GND at 125°C (Note 5)
±500
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Measured with minimum pad spacing on an FR4 board, using 10 mm−by−1 inch, 2 ounce copper trace no air flow.
2. Tested to EIA / JESD22−A114−A.
3. Tested to EIA / JESD22−A115−A.
4. Tested to JESD22−C101−A.
5. Tested to EIA / JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Positive DC Supply Voltage
1.65
5.5
V
VIN
Digital Input Voltage
0
5.5
V
VOUT
Output Voltage
Active Mode (High or Low State)
Tristate Mode (Output at Hi−Z)
Power Down Mode (VCC = 0 V)
0
0
0
VCC
5.5
5.5
V
TA
Operating Free−Air Temperature
−55
+125
°C
Dt /DV
Input Transition Rise or Fall Rate
VCC = 2.5 V $ 0.2 V
VCC = 3.3 V $ 0.3 V
VCC = 5.0 V $ 0.5 V
0
0
0
No Limit
No Limit
No Limit
nS/V
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.


Similar Part No. - NLX1G99DMUTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX1G99DMUTCG ONSEMI-NLX1G99DMUTCG Datasheet
158Kb / 15P
   Configurable Multifunction Gate
November, 2018 ??Rev. 7
More results

Similar Description - NLX1G99DMUTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX1G58 ONSEMI-NLX1G58 Datasheet
108Kb / 10P
   Configurable Multifunction Gate
March, 2008 - Rev. 0
NL7SZ98 ONSEMI-NL7SZ98_V01 Datasheet
331Kb / 13P
   Configurable Multifunction Gate
October, 2020 - Rev. 6
NL7SZ97 ONSEMI-NL7SZ97_14 Datasheet
81Kb / 8P
   Configurable Multifunction Gate
July, 2014 ??Rev. 4
NL7SZ57 ONSEMI-NL7SZ57 Datasheet
148Kb / 8P
   Configurable Multifunction Gate
June, 2009 ??Rev. 2
NL7SZ97 ONSEMI-NL7SZ97 Datasheet
148Kb / 8P
   Configurable Multifunction Gate
November, 2009 ??Rev. 3
NL7SZ98 ONSEMI-NL7SZ98 Datasheet
148Kb / 8P
   Configurable Multifunction Gate
November, 2009 ??Rev. 2
NL7SZ58 ONSEMI-NL7SZ58_V01 Datasheet
322Kb / 13P
   Configurable Multifunction Gate
October, 2020 ??Rev. 5
NLX1G97 ONSEMI-NLX1G97 Datasheet
108Kb / 10P
   Configurable Multifunction Gate
March, 2008 - Rev. 0
NLX1G98 ONSEMI-NLX1G98 Datasheet
109Kb / 10P
   Configurable Multifunction Gate
March, 2008 - Rev. 0
NLX1G99 ONSEMI-NLX1G99_18 Datasheet
158Kb / 15P
   Configurable Multifunction Gate
November, 2018 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com