Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLU1GT86MUTCG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NLU1GT86MUTCG
Description  Single 2-Input Exclusive OR Gate, TTL Level
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLU1GT86MUTCG Datasheet(HTML) 3 Page - ON Semiconductor

  NLU1GT86MUTCG Datasheet HTML 1Page - ON Semiconductor NLU1GT86MUTCG Datasheet HTML 2Page - ON Semiconductor NLU1GT86MUTCG Datasheet HTML 3Page - ON Semiconductor NLU1GT86MUTCG Datasheet HTML 4Page - ON Semiconductor NLU1GT86MUTCG Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NLU1GT86
www.onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Conditions
VCC (V)
TA = 25 5C
TA = +855C
TA = −555C
to +1255C
Unit
Min
Typ
Max
Min
Max
Min
Max
VIH
Low−Level Input
Voltage
3.0
4.5 to 5.5
1.4
2.0
1.4
2.0
1.4
2.0
V
VIL
Low−Level Input
Voltage
3.0
4.5 to 5.5
0.53
0.8
0.53
0.8
0.53
0.8
V
VOH
High−Level Output
Voltage
VIN = VIH or VIL
IOH = −50 mA
3.0
4.5
2.9
4.4
3.0
4.5
2.9
4.4
2.9
4.4
V
VIN = VIH or VIL
IOH = −4 mA
IOH = −8 mA
3.0
4.5
2.58
3.94
2.48
3.80
2.34
3.66
VOL
Low−Level Output
Voltage
VIN = VIH or VIL
IOL = 50 mA
3.0
4.5
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN = VIH or VIL
IOL = 4 mA
IOL = 8 mA
3.0
4.5
0.36
0.36
0.44
0.44
0.52
0.52
IIN
Input Leakage
Current
0 v VIN v 5.5 V
0 to 5.5
±0.1
±1.0
±1.0
mA
ICC
Quiescent Supply
Current
0 v VIN v VCC
5.5
1.0
20
40
mA
ICCT
Quiescent Supply
Current
VIN = 3.4 V
5.5
1.35
1.50
1.65
mA
IOPD
Output Leakage
Current
VOUT = 5.5 V
0.0
0.5
5.0
10
mA
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 ns)
Symbol
Parameter
VCC
(V)
Test
Condition
TA = 25 5C
TA = +855C
TA = −555C
to +1255C
Unit
Min
Typ
Max
Min
Max
Min
Max
tPLH,
tPHL
Propagation Delay, Input A to
Output Y
3.0 to
3.6
CL = 15 pF
5.0
11.0
13.0
15.5
ns
CL = 50 pF
6.2
14.5
16.5
19.5
4.5 to
5.5
CL = 15 pF
3.1
6.8
6.0
10.0
CL = 50 pF
4.2
8.8
10.0
12.0
CIN
Input Capacitance
5.5
10
10
10.0
pF
CPD
Power Dissipation
Capacitance (Note 6)
5.0
11
pF
6. CPD is defined as the value of the internal equivalent capacitance which is calculated from the dynamic operating current consumption without
load. Average operating current can be obtained by the equation ICC(OPR) = CPD • VCC • fin + ICC. CPD is used to determine the no−load
dynamic power consumption: PD = CPD • VCC2 • fin + ICC • VCC.


Similar Part No. - NLU1GT86MUTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU1GT86MUTCG ONSEMI-NLU1GT86MUTCG Datasheet
101Kb / 8P
   Single 2-Input Exclusive OR Gate, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 2
More results

Similar Description - NLU1GT86MUTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU1GT86 ONSEMI-NLU1GT86 Datasheet
101Kb / 8P
   Single 2-Input Exclusive OR Gate, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 2
NLU1GT32 ONSEMI-NLU1GT32 Datasheet
147Kb / 8P
   Single 2-Input OR Gate, TTL Level
July, 2009 ??Rev. 4
NLU1GT32 ONSEMI-NLU1GT32_16 Datasheet
144Kb / 7P
   Single 2-Input OR Gate, TTL Level
June, 2016 ??Rev. 7
logo
Texas Instruments
SN74LVC1G86 TI-SN74LVC1G86_08 Datasheet
535Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AHCT1G86DBVR TI1-SN74AHCT1G86DBVR Datasheet
832Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
NLU1G86 ONSEMI-NLU1G86 Datasheet
100Kb / 8P
   Single 2-Input Exclusive OR Gate
March, 2008 - Rev. 1
logo
Texas Instruments
SN74AHC1G86-Q1 TI1-SN74AHC1G86-Q1 Datasheet
583Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AUC1G86 TI-SN74AUC1G86 Datasheet
358Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE OR GATE
SN74AHCT1G86 TI-SN74AHCT1G86 Datasheet
70Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
MC74VHC1G86 ONSEMI-MC74VHC1G86_V01 Datasheet
179Kb / 16P
   Single 2-Input Exclusive OR Gate
April, 2022 ??Rev. 23
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com