Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5716 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC5716
Description  TOSHIBA Transistor Silicon NPN Triple Diffused Mesa Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5716 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC5716 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5716 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5716 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5716 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5716 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC5716
2001-11-27
1
TOSHIBA Transistor Silicon NPN Triple Diffused Mesa Type
2SC5716
Horizontal Deflection Output for High Resolution Display,
Color TV
· High voltage: VCBO = 1700 V
· High speed: tf (2) = 0.2 µs (typ.)
· Collector metal (fin) is fully covered with mold resin.
Maximum Ratings (Tc
==== 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
1700
V
Collector-emitter voltage
VCEO
700
V
Emitter-base voltage
VEBO
5
V
DC
IC
8
Collector current
Pulse
ICP
16
A
Base current
IB
4
A
Collector power dissipation
PC
55
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
-55~150
°C
Equivalent Circuit
Electrical Characteristics (Tc
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 1700 V, IE = 0
¾
¾
1
mA
Emitter cut-off current
IEBO
VEB = 5 V, IC = 0
83
¾
250
mA
Emitter-base breakdown voltage
V (BR) EBO
IE = 400 mA, IB = 0
5
¾
¾
V
hFE (1)
VCE = 5 V, IC = 1 A
6
¾
20
DC current gain
hFE (2)
VCE = 5 V, IC = 6 A
3.8
¾
9
¾
Collector-emitter saturation voltage
VCE (sat)
IC = 6 A, IB = 1.5 A
¾
¾
5
V
Base-emitter saturation voltage
VBE (sat)
IC = 6 A, IB = 1.5 A
¾
0.9
1.2
V
Forward voltage (damper diode)
VF
IF = 6 A
¾
1.3
1.8
V
Transition frequency
fT
VCE = 10 V, IC = 0.1 A
¾
2
¾
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
¾
180
¾
pF
Storage time
tstg (1)
¾
6
8
Fall time
tf (1)
ICP = 6 A, IB1 (end) = 1.2 A,
fH = 15.75 kHz
¾
0.3
0.6
Storage time
tstg (2)
3.5
5
Switching time
Fall time
tf (2)
ICP = 5.5 A, IB1 (end) = 1.1 A,
fH = 31.5 kHz
¾
0.2
0.35
ms
Unit: mm
JEDEC
JEITA
TOSHIBA
2-16E3A
Weight: 5.5 g (typ.)
1. Base
40
W (typ.)
3. Emitter
2. Collector


Similar Part No. - 2SC5716

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5710 SANYO-2SC5710 Datasheet
37Kb / 5P
   DC / DC Converter Applications
logo
Toshiba Semiconductor
2SC5712 TOSHIBA-2SC5712 Datasheet
182Kb / 5P
   TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC5712 TOSHIBA-2SC5712 Datasheet
169Kb / 5P
   High-Speed Switching Applications
2SC5712 TOSHIBA-2SC5712 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SC5712 TOSHIBA-2SC5712_06 Datasheet
169Kb / 5P
   High-Speed Switching Applications
More results

Similar Description - 2SC5716

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD2638 TOSHIBA-2SD2638 Datasheet
139Kb / 5P
   TOSHIBA Transistor Silicon NPN Triple Diffused Mesa Type
2SC6041 TOSHIBA-2SC6041 Datasheet
200Kb / 5P
   TOSHIBA Transistor Silicon NPN Triple-Diffused Mesa Type
2SC5859 TOSHIBA-2SC5859 Datasheet
200Kb / 5P
   TOSHIBA TRANSISTOR SILICON NPN TRIPLE DIFFUSED MESA TYPE
logo
GTM CORPORATION
GE13007 GTM-GE13007 Datasheet
304Kb / 3P
   NPN SILICON TRIPLE DIFFUSED MESA TYPE TRANSISTOR
logo
Toshiba Semiconductor
2SC5446 TOSHIBA-2SC5446 Datasheet
243Kb / 5P
   Transistor Silicon NPN Triple Diffused Mesa Type
logo
GTM CORPORATION
GE13005 GTM-GE13005 Datasheet
327Kb / 3P
   NPN SILICON TRIPLE DIFFUSED MESA TYPE TRANSISTOR
logo
Toshiba Semiconductor
2SC5279 TOSHIBA-2SC5279 Datasheet
134Kb / 3P
   TOSHIBA TRANSISTOR SILICON NPN TRIPLE DIFFUSED TYPE
2SD525 TOSHIBA-2SD525 Datasheet
196Kb / 3P
   TOSHIBA TRANSISTOR SILICON NPN TRIPLE DIFFUSED TYPE
2SD1279 TOSHIBA-2SD1279 Datasheet
96Kb / 3P
   SILICON NPN TRIPLE DIFFUSED MESA TYPE
logo
Tiger Electronic Co.,Lt...
2SD2553 TGS-2SD2553 Datasheet
138Kb / 1P
   SILICON NPN TRIPLE DIFFUSED MESA TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com