Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL17SZ08XV5T2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NL17SZ08XV5T2G
Description  Single 2-Input AND Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SZ08XV5T2G Datasheet(HTML) 1 Page - ON Semiconductor

  NL17SZ08XV5T2G Datasheet HTML 1Page - ON Semiconductor NL17SZ08XV5T2G Datasheet HTML 2Page - ON Semiconductor NL17SZ08XV5T2G Datasheet HTML 3Page - ON Semiconductor NL17SZ08XV5T2G Datasheet HTML 4Page - ON Semiconductor NL17SZ08XV5T2G Datasheet HTML 5Page - ON Semiconductor NL17SZ08XV5T2G Datasheet HTML 6Page - ON Semiconductor NL17SZ08XV5T2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2015
November, 2015 − Rev. 20
1
Publication Order Number:
NL17SZ08/D
NL17SZ08
Single 2-Input AND Gate
The NL17SZ08 is a single 2−input AND Gate in three tiny footprint
packages. The device performs much as LCX multi−gate products in
speed and drive. They should be used wherever the need for higher
speed and drive are needed.
Features
Tiny SOT−353, SOT−553 and SOT−953 Packages
2.7 ns TPD at 5.0 V (typ)
Source/Sink 24 mA at 3.0 V
Overvoltage Tolerant Inputs
Pin For Pin with NC7SZ08P5X, TC7SZ08FU and TC7SZ08AFE
Chip Complexity: FETs = 20
Designed for 1.65 V to 5.5 V VCC Operation
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
&
OUT Y
IN A
IN B
VCC
IN B
IN A
1
2
3
5
4
GND
OUT Y
SOT−353/SC70−5/
SC−88A/SOT−553
VCC
A
GND
BY
1
2
3
5
4
SOT−953
Figure 1. Pinout (Top View)
Figure 2. Logic Symbol
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
www.onsemi.com
SC−88A
(SC−70−5/SOT−353)
DF SUFFIX
CASE 419A
1
5
MARKING
DIAGRAMS
L2 M
G
G
SOT−553
XV5 SUFFIX
CASE 463B
1
5
L2
= Specific Device Marking
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation and/or position may
vary depending upon manufacturing location.
L2 M
G
G
SOT−953
CASE 527AE
Y
= Specific Device Code
M
= Month Code
Y M
1


Similar Part No. - NL17SZ08XV5T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ08XV5T2G ONSEMI-NL17SZ08XV5T2G Datasheet
115Kb / 6P
   Single 2?묲nput AND Gate
March, 2006 ??Rev. 7
NL17SZ08XV5T2G ONSEMI-NL17SZ08XV5T2G Datasheet
456Kb / 15P
   Single 2-Input AND Gate
May, 2022 - Rev. 27
NL17SZ08XV5T2G-L22087 ONSEMI-NL17SZ08XV5T2G-L22087 Datasheet
456Kb / 15P
   Single 2-Input AND Gate
May, 2022 - Rev. 27
More results

Similar Description - NL17SZ08XV5T2G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1T08 STMICROELECTRONICS-74V1T08_04 Datasheet
108Kb / 9P
   SINGLE 2-INPUT AND GATE
74V1G08STR STMICROELECTRONICS-74V1G08STR Datasheet
202Kb / 9P
   SINGLE 2-INPUT AND GATE
July 2001
logo
New Japan Radio
NL17SV08XV5T2 NJRC-NL17SV08XV5T2 Datasheet
42Kb / 6P
   Single 2-Input AND Gate
logo
ON Semiconductor
NLU1G08 ONSEMI-NLU1G08 Datasheet
98Kb / 8P
   Single 2-Input AND Gate
March, 2008 - Rev. 2
NL17SV08 ONSEMI-NL17SV08 Datasheet
85Kb / 5P
   Single 2-Input AND Gate
May, 2014 ??Rev. 7
MC74VHC1G08DTT1G ONSEMI-MC74VHC1G08DTT1G Datasheet
122Kb / 6P
   Single 2-Input AND Gate
February, 2013 ??Rev. 20
MC74HC1G08 ONSEMI-MC74HC1G08_18 Datasheet
172Kb / 9P
   Single 2-Input AND Gate
November, 2018 ??Rev. 15
MC74VHC1G08 ONSEMI-MC74VHC1G08_15 Datasheet
80Kb / 6P
   Single 2-Input AND Gate
May, 2015 ??Rev. 21
MC74VHC1G08 ONSEMI-MC74VHC1G08_18 Datasheet
206Kb / 14P
   Single 2-Input AND Gate
November, 2018 ??Rev. 22
NL17SZ08 ONSEMI-NL17SZ08_18 Datasheet
189Kb / 13P
   Single 2-Input AND Gate
November, 2018 ??Rev. 22
logo
NXP Semiconductors
74LVC1G08 NXP-74LVC1G08_13 Datasheet
354Kb / 19P
   Single 2-input AND gate
Rev. 10-29 June 2012
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com