Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL17SZ08 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NL17SZ08
Description  Single 2-Input AND Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SZ08 Datasheet(HTML) 3 Page - ON Semiconductor

  NL17SZ08 Datasheet HTML 1Page - ON Semiconductor NL17SZ08 Datasheet HTML 2Page - ON Semiconductor NL17SZ08 Datasheet HTML 3Page - ON Semiconductor NL17SZ08 Datasheet HTML 4Page - ON Semiconductor NL17SZ08 Datasheet HTML 5Page - ON Semiconductor NL17SZ08 Datasheet HTML 6Page - ON Semiconductor NL17SZ08 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NL17SZ08
www.onsemi.com
3
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Units
VCC
DC Supply Voltage
1.65
5.5
V
VIN
DC Input Voltage
0
5.5
V
VOUT
DC Output Voltage (SOT−353/SC70−5/SC−88A/SOT−553 Packages)
0
5.5
V
VOUT
DC Output Voltage (SOT−953 Package)
0
VCC
V
TA
Operating Temperature Range
−55
+125
°C
tr, tf
Input Rise and Fall Time
VCC = 3.0 V ±0.3 V
VCC = 5.0 V ±0.5 V
0
0
100
20
ns/V
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Condition
VCC
(V)
TA = 255C
−55
5C 3 TA 3 1255C
Units
Min
Typ
Max
Min
Max
VIH
High−Level Input Voltage
1.65 to 1.95
2.3 to 5.5
0.75 VCC
0.7 VCC
0.75 VCC
0.7 VCC
V
VIL
Low−Level Input Voltage
1.65 to 1.95
2.3 to 5.5
0.25 VCC
0.3 VCC
0.25 VCC
0.3 VCC
V
VOH
High−Level Output Voltage
VIN = VIL or VIH
IOH = −100 mA
IOH = −3 mA
IOH = −8 mA
IOH = −12 mA
IOH = −16 mA
IOH = −24 mA
IOH = −32 mA
1.65 to 5.5
1.65
2.3
2.7
3.0
3.0
4.5
VCC − 0.1
1.29
1.9
2.2
2.4
2.3
3.8
VCC
1.52
2.1
2.4
2.7
2.5
4.0
VCC − 0.1
1.29
1.9
2.2
2.4
2.3
3.8
V
VOL
Low−Level Output Voltage
VIN = VIH or VOH
IOL = 100 mA
IOL = 3 mA
IOL = 8 mA
IOL = 12 mA
IOL = 16 mA
IOL = 24 mA
IOL = 32 mA
1.65 to 5.5
1.65
2.3
2.7
3.0
3.0
4.5
0.08
0.20
0.22
0.28
0.38
0.42
0.1
0.24
0.3
0.4
0.4
0.55
0.55
0.1
0.24
0.3
0.4
0.4
0.55
0.55
V
IIN
Input Leakage Current
VIN = 5.5 V or
GND
0 to 5.5
±0.1
±1.0
mA
ICC
Quiescent Supply Current
VIN = 5.5 V or
GND
5.5
1
10
mA
IOFF
Power Off Leakage Current
(SOT−353/SC70−5/
SC−88A/SOT−553
Packages)
VIN = 5.5 V or
VOUT = 5.5 V
0
1
10
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - NL17SZ08

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ08 ONSEMI-NL17SZ08 Datasheet
78Kb / 8P
   Single 2-Input AND Gate
February, 2003 - Rev. 3
NL17SZ08 ONSEMI-NL17SZ08 Datasheet
115Kb / 6P
   Single 2?묲nput AND Gate
March, 2006 ??Rev. 7
NL17SZ08 ONSEMI-NL17SZ08 Datasheet
189Kb / 13P
   Single 2-Input AND Gate
November, 2018 ??Rev. 22
NL17SZ08 ONSEMI-NL17SZ08 Datasheet
456Kb / 15P
   Single 2-Input AND Gate
May, 2022 - Rev. 27
NL17SZ08DBVT1G ONSEMI-NL17SZ08DBVT1G Datasheet
456Kb / 15P
   Single 2-Input AND Gate
May, 2022 - Rev. 27
More results

Similar Description - NL17SZ08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1T08 STMICROELECTRONICS-74V1T08_04 Datasheet
108Kb / 9P
   SINGLE 2-INPUT AND GATE
74V1G08STR STMICROELECTRONICS-74V1G08STR Datasheet
202Kb / 9P
   SINGLE 2-INPUT AND GATE
July 2001
logo
New Japan Radio
NL17SV08XV5T2 NJRC-NL17SV08XV5T2 Datasheet
42Kb / 6P
   Single 2-Input AND Gate
logo
ON Semiconductor
NLU1G08 ONSEMI-NLU1G08 Datasheet
98Kb / 8P
   Single 2-Input AND Gate
March, 2008 - Rev. 2
NL17SV08 ONSEMI-NL17SV08 Datasheet
85Kb / 5P
   Single 2-Input AND Gate
May, 2014 ??Rev. 7
MC74VHC1G08DTT1G ONSEMI-MC74VHC1G08DTT1G Datasheet
122Kb / 6P
   Single 2-Input AND Gate
February, 2013 ??Rev. 20
MC74HC1G08 ONSEMI-MC74HC1G08_18 Datasheet
172Kb / 9P
   Single 2-Input AND Gate
November, 2018 ??Rev. 15
MC74VHC1G08 ONSEMI-MC74VHC1G08_15 Datasheet
80Kb / 6P
   Single 2-Input AND Gate
May, 2015 ??Rev. 21
MC74VHC1G08 ONSEMI-MC74VHC1G08_18 Datasheet
206Kb / 14P
   Single 2-Input AND Gate
November, 2018 ??Rev. 22
NL17SZ08 ONSEMI-NL17SZ08_18 Datasheet
189Kb / 13P
   Single 2-Input AND Gate
November, 2018 ??Rev. 22
logo
NXP Semiconductors
74LVC1G08 NXP-74LVC1G08_13 Datasheet
354Kb / 19P
   Single 2-input AND gate
Rev. 10-29 June 2012
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com