Electronic Components Datasheet Search |
|
NL17SZ08 Datasheet(PDF) 3 Page - ON Semiconductor |
|
NL17SZ08 Datasheet(HTML) 3 Page - ON Semiconductor |
3 / 7 page NL17SZ08 www.onsemi.com 3 RECOMMENDED OPERATING CONDITIONS Symbol Parameter Min Max Units VCC DC Supply Voltage 1.65 5.5 V VIN DC Input Voltage 0 5.5 V VOUT DC Output Voltage (SOT−353/SC70−5/SC−88A/SOT−553 Packages) 0 5.5 V VOUT DC Output Voltage (SOT−953 Package) 0 VCC V TA Operating Temperature Range −55 +125 °C tr, tf Input Rise and Fall Time VCC = 3.0 V ±0.3 V VCC = 5.0 V ±0.5 V 0 0 100 20 ns/V Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond the Recommended Operating Ranges limits may affect device reliability. DC ELECTRICAL CHARACTERISTICS Symbol Parameter Condition VCC (V) TA = 255C −55 5C 3 TA 3 1255C Units Min Typ Max Min Max VIH High−Level Input Voltage 1.65 to 1.95 2.3 to 5.5 0.75 VCC 0.7 VCC 0.75 VCC 0.7 VCC V VIL Low−Level Input Voltage 1.65 to 1.95 2.3 to 5.5 0.25 VCC 0.3 VCC 0.25 VCC 0.3 VCC V VOH High−Level Output Voltage VIN = VIL or VIH IOH = −100 mA IOH = −3 mA IOH = −8 mA IOH = −12 mA IOH = −16 mA IOH = −24 mA IOH = −32 mA 1.65 to 5.5 1.65 2.3 2.7 3.0 3.0 4.5 VCC − 0.1 1.29 1.9 2.2 2.4 2.3 3.8 VCC 1.52 2.1 2.4 2.7 2.5 4.0 VCC − 0.1 1.29 1.9 2.2 2.4 2.3 3.8 V VOL Low−Level Output Voltage VIN = VIH or VOH IOL = 100 mA IOL = 3 mA IOL = 8 mA IOL = 12 mA IOL = 16 mA IOL = 24 mA IOL = 32 mA 1.65 to 5.5 1.65 2.3 2.7 3.0 3.0 4.5 0.08 0.20 0.22 0.28 0.38 0.42 0.1 0.24 0.3 0.4 0.4 0.55 0.55 0.1 0.24 0.3 0.4 0.4 0.55 0.55 V IIN Input Leakage Current VIN = 5.5 V or GND 0 to 5.5 ±0.1 ±1.0 mA ICC Quiescent Supply Current VIN = 5.5 V or GND 5.5 1 10 mA IOFF Power Off Leakage Current (SOT−353/SC70−5/ SC−88A/SOT−553 Packages) VIN = 5.5 V or VOUT = 5.5 V 0 1 10 mA Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be indicated by the Electrical Characteristics if operated under different conditions. |
Similar Part No. - NL17SZ08_15 |
|
Similar Description - NL17SZ08_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |