Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL17SG08P5T5G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NL17SG08P5T5G
Description  Single 2-Input AND Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SG08P5T5G Datasheet(HTML) 3 Page - ON Semiconductor

  NL17SG08P5T5G Datasheet HTML 1Page - ON Semiconductor NL17SG08P5T5G Datasheet HTML 2Page - ON Semiconductor NL17SG08P5T5G Datasheet HTML 3Page - ON Semiconductor NL17SG08P5T5G Datasheet HTML 4Page - ON Semiconductor NL17SG08P5T5G Datasheet HTML 5Page - ON Semiconductor NL17SG08P5T5G Datasheet HTML 6Page - ON Semiconductor NL17SG08P5T5G Datasheet HTML 7Page - ON Semiconductor NL17SG08P5T5G Datasheet HTML 8Page - ON Semiconductor NL17SG08P5T5G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NL17SG08
www.onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Conditions
VCC (V)
TA = 255C
TA =
-55
5C to +1255C
Min
Max
Min
Max
Unit
VIH
High-Level Input
Voltage
0.9
VCC
VCC
V
1.1 to 1.3
0.7xVCC
0.7xVCC
1.4 to 1.6
0.65xVCC
0.65xVCC
1.65 to 1.95
0.65xVCC
0.65xVCC
2.3 to 2.7
1.7
1.7
3.0 to 3.6
2.0
2.0
VIL
Low-Level Input
Voltage
0.9
GND
GND
V
1.1 to 1.3
0.3xVCC
0.3xVCC
1.4 to 1.6
0.35xVCC
0.35xVCC
1.65 to 1.95
0.35xVCC
0.35xVCC
2.3 to 2.7
0.7
0.7
3.0 to 3.6
0.8
0.8
VOH
High-Level
Output Voltage
VIN =
VIH or
VIL
IOH = −20 mA
0.9
0.75
0.75
V
IOH = -0.3 mA
1.1 to 1.3
0.75xVCC
0.75xVCC
IOH = -1.7 mA
1.4 to 1.6
0.75xVCC
0.75xVCC
IOH = -3.0 mA
1.65 to 1.95
Vcc-0.45
Vcc-0.45
IOH = -4.0 mA
2.3 to 2.7
2.0
2.0
IOH = -8.0 mA
3.0 to 3.6
2.48
2.48
VOL
Low-Level
Output Voltage
VIN =
VIH or
VIL
IOL = 20 mA
0.9
0.1
0.1
V
IOL = 1.1 mA
1.1 to 1.3
0.25xVCC
0.25xVCC
IOL = 1.7 mA
1.4 to 1.6
0.25xVCC
0.25xVCC
IOL = 3.0 mA
1.65 to 1.95
0.45
0.45
IOL = 4.0 mA
2.3 to 2.7
0.4
0.4
IOL = 8.0 mA
3.0 to 3.6
0.4
0.4
IIN
Input Leakage
Current
0
≤ VIN ≤ 3.6 V
0 to 3.6
$0.1
$1.0
mA
ICC
Quiescent
Supply Current
VIN = VCC or GND
3.6
0.5
10.0
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - NL17SG08P5T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SG08P5T5G ONSEMI-NL17SG08P5T5G Datasheet
133Kb / 9P
   Single 2-Input AND Gate
April, 2013 ??Rev. 3
NL17SG08P5T5G ONSEMI-NL17SG08P5T5G Datasheet
92Kb / 9P
   Single 2-Input AND Gate
November, 2014 ??Rev. 6
More results

Similar Description - NL17SG08P5T5G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1T08 STMICROELECTRONICS-74V1T08_04 Datasheet
108Kb / 9P
   SINGLE 2-INPUT AND GATE
74V1G08STR STMICROELECTRONICS-74V1G08STR Datasheet
202Kb / 9P
   SINGLE 2-INPUT AND GATE
July 2001
logo
New Japan Radio
NL17SV08XV5T2 NJRC-NL17SV08XV5T2 Datasheet
42Kb / 6P
   Single 2-Input AND Gate
logo
ON Semiconductor
NLU1G08 ONSEMI-NLU1G08 Datasheet
98Kb / 8P
   Single 2-Input AND Gate
March, 2008 - Rev. 2
NL17SV08 ONSEMI-NL17SV08 Datasheet
85Kb / 5P
   Single 2-Input AND Gate
May, 2014 ??Rev. 7
MC74VHC1G08DTT1G ONSEMI-MC74VHC1G08DTT1G Datasheet
122Kb / 6P
   Single 2-Input AND Gate
February, 2013 ??Rev. 20
MC74HC1G08 ONSEMI-MC74HC1G08_18 Datasheet
172Kb / 9P
   Single 2-Input AND Gate
November, 2018 ??Rev. 15
MC74VHC1G08 ONSEMI-MC74VHC1G08_15 Datasheet
80Kb / 6P
   Single 2-Input AND Gate
May, 2015 ??Rev. 21
MC74VHC1G08 ONSEMI-MC74VHC1G08_18 Datasheet
206Kb / 14P
   Single 2-Input AND Gate
November, 2018 ??Rev. 22
NL17SZ08 ONSEMI-NL17SZ08_18 Datasheet
189Kb / 13P
   Single 2-Input AND Gate
November, 2018 ??Rev. 22
logo
NXP Semiconductors
74LVC1G08 NXP-74LVC1G08_13 Datasheet
354Kb / 19P
   Single 2-input AND gate
Rev. 10-29 June 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com