Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHCT86A Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74VHCT86A
Description  Quad 2-Input XOR Gate / CMOS Logic Level Shifter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT86A Datasheet(HTML) 4 Page - ON Semiconductor

  MC74VHCT86A Datasheet HTML 1Page - ON Semiconductor MC74VHCT86A Datasheet HTML 2Page - ON Semiconductor MC74VHCT86A Datasheet HTML 3Page - ON Semiconductor MC74VHCT86A Datasheet HTML 4Page - ON Semiconductor MC74VHCT86A Datasheet HTML 5Page - ON Semiconductor MC74VHCT86A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC74VHCT86A
http://onsemi.com
4
MARKING DIAGRAMS
(Top View)
14−LEAD SOIC
D SUFFIX
CASE 751A
14−LEAD TSSOP
DT SUFFIX
CASE 948G
13
14
12
11
10
9
8
2
1
3
4567
13
14
12 11 10
9
8
2
1
345
67
14−LEAD SOEIAJ
M SUFFIX
CASE 965
13
14
12
11
10
9
8
2
1
3
4567
VHCT86AG
AWLYWW*
*See Applications Note #AND8004/D for date code and traceability information.
74VHCT86A
ALYWG*
VHCT
86A
ALYW
G
G
A
= Assembly Location
WL, L
= Wafer Lot
Y
= Year
WW, W = Work Week
G or
G
= Pb−Free Package


Similar Part No. - MC74VHCT86A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT86A ONSEMI-MC74VHCT86A Datasheet
170Kb / 8P
   Quad 2?묲nput XOR Gate / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
March, 2006 ??Rev. 1
MC74VHCT86AD ONSEMI-MC74VHCT86AD Datasheet
170Kb / 8P
   Quad 2?묲nput XOR Gate / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
March, 2006 ??Rev. 1
MC74VHCT86ADT ONSEMI-MC74VHCT86ADT Datasheet
170Kb / 8P
   Quad 2?묲nput XOR Gate / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
March, 2006 ??Rev. 1
MC74VHCT86AM ONSEMI-MC74VHCT86AM Datasheet
170Kb / 8P
   Quad 2?묲nput XOR Gate / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
March, 2006 ??Rev. 1
More results

Similar Description - MC74VHCT86A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT32A ONSEMI-MC74VHCT32A Datasheet
150Kb / 8P
   QUAD 2 INPUT OR GATE CMOS LOGIC LEVEL SHIFTER
October, 1999 ??Rev. 0.0
MC74VHCT32A ONSEMI-MC74VHCT32A_19 Datasheet
129Kb / 7P
   Quad 2-Input OR Gate CMOS Logic Level Shifter
January, 2019 ??Rev. 5
MC74VHCT32A ONSEMI-MC74VHCT32A_11 Datasheet
133Kb / 7P
   Quad 2-Input OR Gate / CMOS Logic Level Shifter
May, 2011 ??Rev. 4
MC74VHCT86A ONSEMI-MC74VHCT86A Datasheet
170Kb / 8P
   Quad 2?묲nput XOR Gate / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
March, 2006 ??Rev. 1
MC74VHC1GT32DFT1G ONSEMI-MC74VHC1GT32DFT1G Datasheet
129Kb / 6P
   2-Input OR Gate/CMOS Logic Level Shifter
July, 2013 ??Rev. 12
logo
Renesas Technology Corp
HD74LV1GT08A RENESAS-HD74LV1GT08A Datasheet
86Kb / 11P
   2-input AND Gate / CMOS Logic Level Shifter
logo
ON Semiconductor
NL17SHT32 ONSEMI-NL17SHT32 Datasheet
104Kb / 5P
   2-Input OR Gate CMOS Logic Level Shifter
August, 2011 ??Rev. 0
MC74VHC1GT08 ONSEMI-MC74VHC1GT08 Datasheet
90Kb / 8P
   2-Input AND Gate/CMOS Logic Level Shifter
March, 2002 ??Rev. 5
logo
Renesas Technology Corp
HD74LV1GT08A RENESAS-HD74LV1GT08A_08 Datasheet
101Kb / 7P
   2.input AND Gate / CMOS Logic Level Shifter
HD74LV1GT32A RENESAS-HD74LV1GT32A Datasheet
101Kb / 7P
   2-input OR Gate / CMOS Logic Level Shifter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com