Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHCT14A Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC74VHCT14A
Description  Hex Schmitt Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT14A Datasheet(HTML) 2 Page - ON Semiconductor

  MC74VHCT14A_15 Datasheet HTML 1Page - ON Semiconductor MC74VHCT14A_15 Datasheet HTML 2Page - ON Semiconductor MC74VHCT14A_15 Datasheet HTML 3Page - ON Semiconductor MC74VHCT14A_15 Datasheet HTML 4Page - ON Semiconductor MC74VHCT14A_15 Datasheet HTML 5Page - ON Semiconductor MC74VHCT14A_15 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MC74VHCT14A
www.onsemi.com
2
Figure 1. Logic Diagram
Y1
A1
A2
A3
A4
A5
A6
Y2
Y3
Y4
Y5
Y6
1
3
5
9
11
13
2
4
6
8
10
12
Y = A
13
14
12
11
10
9
8
2
1
3
4
567
VCC
A6
Y6
A5
Y5
A4
Y4
A1
Y1
A2
Y2
A3
Y3
GND
Pinout: 14−Lead Packages (Top View)
MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
DC Supply Voltage
VCC
−0.5 to +7.0
V
DC Input Voltage
VIN
−0.5 to +7.0
V
DC Output Voltage
Output in HIGH or LOW State (Note 1)
VOUT
−0.5 to VCC +0.5 V
V
VCC = 0 V
VOUT
−0.5 to 7.0
V
DC Input Diode Current
IIK
−20
mA
DC Output Diode Current
IOK
$20
mA
DC Output Source/Sink Current
IO
$25
mA
DC Supply Current per Supply Pin
ICC
$50
mA
DC Ground Current per Ground Pin
IGND
$50
mA
Storage Temperature Range
TSTG
−65 to +150
°C
Lead Temperature, 1 mm from Case for 10 Seconds
TL
260
°C
Junction Temperature under Bias
TJ
+150
°C
Thermal Resistance
SOIC
TSSOP
qJA
125
170
°C/W
Power Dissipation in Still Air
SOIC
TSSOP
PD
500
450
mW
ESD Withstand Voltage
Human Body Model (Note 2)
Machine Model (Note 3)
Charged Device Model (Note 4)
VESD
>2000
>200
2000
V
Latchup Performance
Above VCC and Below GND at 85°C (Note 5)
ILatchup
$300
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. IO absolute maximum rating must be observed.
2. Tested to EIA/JESD22−A114−A.
3. Tested to EIA/JESD22−A115−A.
4. Tested to JESD22−C101−A.
5. Tested to EIA/JESD78.


Similar Part No. - MC74VHCT14A_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT14A ONSEMI-MC74VHCT14A_17 Datasheet
93Kb / 6P
   Hex Schmitt Inverter
August, 2017 ??Rev. 8
More results

Similar Description - MC74VHCT14A_15

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Toshiba Semiconductor
TC74VHCT14AF TOSHIBA-TC74VHCT14AF Datasheet
211Kb / 5P
   HEX SCHMITT INVERTER
TC74VHC14F TOSHIBA-TC74VHC14F_07 Datasheet
255Kb / 9P
   Hex Schmitt Inverter
logo
STMicroelectronics
M74HC14 STMICROELECTRONICS-M74HC14_08 Datasheet
320Kb / 14P
   Hex Schmitt inverter
logo
ON Semiconductor
74VHCT14A ONSEMI-74VHCT14A Datasheet
223Kb / 8P
   Hex Schmitt Inverter
December 2007 Rev. 1.5.0
MC74VHC14 ONSEMI-MC74VHC14_11 Datasheet
124Kb / 7P
   Hex Schmitt Inverter
May, 2011 ??Rev. 10
logo
Toshiba Semiconductor
TC74LVX14F TOSHIBA-TC74LVX14F Datasheet
242Kb / 7P
   HEX SCHMITT INVERTER
logo
STMicroelectronics
74AC14 STMICROELECTRONICS-74AC14 Datasheet
174Kb / 7P
   HEX SCHMITT INVERTER
74ACT14 STMICROELECTRONICS-74ACT14_01 Datasheet
178Kb / 8P
   HEX SCHMITT INVERTER
logo
Fairchild Semiconductor
74VHC14 FAIRCHILD-74VHC14_99 Datasheet
78Kb / 6P
   Hex Schmitt Inverter
logo
Toshiba Semiconductor
TC74AC14F TOSHIBA-TC74AC14F Datasheet
255Kb / 6P
   HEX SCHMITT INVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com