Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHCT04A Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74VHCT04A
Description  Hex Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT04A Datasheet(HTML) 4 Page - ON Semiconductor

  MC74VHCT04A Datasheet HTML 1Page - ON Semiconductor MC74VHCT04A Datasheet HTML 2Page - ON Semiconductor MC74VHCT04A Datasheet HTML 3Page - ON Semiconductor MC74VHCT04A Datasheet HTML 4Page - ON Semiconductor MC74VHCT04A Datasheet HTML 5Page - ON Semiconductor MC74VHCT04A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC74VHCT04A
http://onsemi.com
4
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0ns)
Symbol
Parameter
Test Conditions
TA = 25°C
TA = − 40 to 85°C
Unit
Min
Typ
Max
Min
Max
tPLH,
tPHL
Maximum Propagation
Delay, A to Y
VCC = 5.0 ± 0.5V
CL = 15pF
CL = 50pF
4.7
5.5
6.7
7.7
1.0
1.0
7.5
8.5
ns
Cin
Maximum Input Capacitance
4
10
10
pF
CPD
Power Dissipation Capacitance (Note 1)
Typical @ 25
°C, VCC = 5.0V
pF
11
1. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC/6 (per buffer). CPD is used to determine the
no−load dynamic power consumption; PD = CPD  VCC2  fin + ICC  VCC.
NOISE CHARACTERISTICS (Input tr = tf = 3.0ns, CL = 50pF, VCC = 5.0V)
Symbol
Characteristic
TA = 25°C
Unit
Typ
Max
VOLP
Quiet Output Maximum Dynamic VOL
0.8
1.0
V
VOLV
Quiet Output Minimum Dynamic VOL
−0.8
−1.0
V
VIHD
Minimum High Level Dynamic Input Voltage
2.0
V
VILD
Maximum Low Level Dynamic Input Voltage
0.8
V
Figure 3. Switching Waveforms
*Includes all probe and jig capacitance
Figure 4. Test Circuit
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
3V
GND
1.5V
1.5V
A
Y
tPHL
tPLH
VOH
VOL


Similar Part No. - MC74VHCT04A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT04A ONSEMI-MC74VHCT04A Datasheet
130Kb / 5P
   Hex Inverter
1997 REV 0
MC74VHCT04A ONSEMI-MC74VHCT04A Datasheet
154Kb / 8P
   Hex Inverter
March, 2006 ??Rev. 3
MC74VHCT04AD ONSEMI-MC74VHCT04AD Datasheet
130Kb / 5P
   Hex Inverter
1997 REV 0
MC74VHCT04AD ONSEMI-MC74VHCT04AD Datasheet
154Kb / 8P
   Hex Inverter
March, 2006 ??Rev. 3
MC74VHCT04ADT ONSEMI-MC74VHCT04ADT Datasheet
130Kb / 5P
   Hex Inverter
1997 REV 0
More results

Similar Description - MC74VHCT04A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com