Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHC86DTR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74VHC86DTR2G
Description  Quad 2-Input XOR Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC86DTR2G Datasheet(HTML) 5 Page - ON Semiconductor

  MC74VHC86DTR2G Datasheet HTML 1Page - ON Semiconductor MC74VHC86DTR2G Datasheet HTML 2Page - ON Semiconductor MC74VHC86DTR2G Datasheet HTML 3Page - ON Semiconductor MC74VHC86DTR2G Datasheet HTML 4Page - ON Semiconductor MC74VHC86DTR2G Datasheet HTML 5Page - ON Semiconductor MC74VHC86DTR2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MC74VHC86
http://onsemi.com
5
PACKAGE DIMENSIONS
SOIC−14
CASE 751A−03
ISSUE K
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE PROTRUSION
SHALL BE 0.13 TOTAL IN EXCESS OF AT
MAXIMUM MATERIAL CONDITION.
4. DIMENSIONS D AND E DO NOT INCLUDE
MOLD PROTRUSIONS.
5. MAXIMUM MOLD PROTRUSION 0.15 PER
SIDE.
H
14
8
7
1
M
0.25
B M
C
h
X 45
SEATING
PLANE
A1
A
M
_
S
A
M
0.25
B S
C
b
13X
B
A
E
D
e
DETAIL A
L
A3
DETAIL A
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
D
8.55
8.75
0.337
0.344
E
3.80
4.00
0.150
0.157
A
1.35
1.75
0.054
0.068
b
0.35
0.49
0.014
0.019
L
0.40
1.25
0.016
0.049
e
1.27 BSC
0.050 BSC
A3
0.19
0.25
0.008
0.010
A1
0.10
0.25
0.004
0.010
M
0
7
0
7
H
5.80
6.20
0.228
0.244
h
0.25
0.50
0.010
0.019
__
__
6.50
14X
0.58
14X
1.18
1.27
DIMENSIONS: MILLIMETERS
1
PITCH
SOLDERING FOOTPRINT*
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.


Similar Part No. - MC74VHC86DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC86DT ONSEMI-MC74VHC86DT Datasheet
136Kb / 5P
   Quad 2-Input XOR Gate
1997 REV 0
More results

Similar Description - MC74VHC86DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX86 ONSEMI-MC74LVX86_14 Datasheet
105Kb / 5P
   Quad 2-Input XOR Gate
August, 2014 ??Rev. 4
MC74VHC86 ONSEMI-MC74VHC86 Datasheet
136Kb / 5P
   Quad 2-Input XOR Gate
1997 REV 0
MC74LCX86 ONSEMI-MC74LCX86_12 Datasheet
157Kb / 7P
   Low-Voltage CMOS Quad 2-Input XOR Gate
October, 2012 ??Rev. 8
74LVC86A ONSEMI-74LVC86A Datasheet
98Kb / 9P
   Low-Voltage CMOS Quad 2-Input XOR Gate
October, 2015 ??Rev. 0
74LVC125A ONSEMI-74LVC125A Datasheet
101Kb / 9P
   Low-Voltage CMOS Quad 2-Input XOR Gate
October, 2015 ??Rev. 0
MC74LCX86 ONSEMI-MC74LCX86 Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT XOR GATE
REV 1
logo
Motorola, Inc
MC74LCX86 MOTOROLA-MC74LCX86 Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT XOR GATE
logo
ON Semiconductor
NL17SG86 ONSEMI-NL17SG86 Datasheet
93Kb / 9P
   Single 2-Input XOR Gate
September, 2014 ??Rev. 5
NL17SG86 ONSEMI-NL17SG86_18 Datasheet
92Kb / 9P
   Single 2-Input XOR Gate
January, 2018 ??Rev. 6
MC74VHCT86A ONSEMI-MC74VHCT86A_14 Datasheet
87Kb / 6P
   Quad 2-Input XOR Gate / CMOS Logic Level Shifter
November, 2014 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com