Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M74VHC1GT02DFT2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # M74VHC1GT02DFT2G
Description  Single 2-Input NOR Gate/ CMOS Logic Level Shifter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

M74VHC1GT02DFT2G Datasheet(HTML) 4 Page - ON Semiconductor

  M74VHC1GT02DFT2G Datasheet HTML 1Page - ON Semiconductor M74VHC1GT02DFT2G Datasheet HTML 2Page - ON Semiconductor M74VHC1GT02DFT2G Datasheet HTML 3Page - ON Semiconductor M74VHC1GT02DFT2G Datasheet HTML 4Page - ON Semiconductor M74VHC1GT02DFT2G Datasheet HTML 5Page - ON Semiconductor M74VHC1GT02DFT2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC74VHC1GT02
www.onsemi.com
4
3.0 V
GND
50%
50% VCC
A or B
Y
tPHL
tPLH
VOH
VOL
Figure 4. Switching Waveforms
*Includes all probe and jig capacitance
CL*
INPUT
Figure 5. Test Circuit
OUTPUT
TEST POINT
ORDERING INFORMATION
Device
Package
Shipping
M74VHC1GT02DFT1G
SC70−5/SC−88A/SOT−353
(Pb−Free)
3000 / Tape & Reel
M74VHC1GT02DFT2G
NLVVHC1GT02DFT2G*
M74VHC1GT02DTT1G
SOT23−5/TSOP−5/SC59−5
(Pb−Free)
NLV74VHC1GT02DTT1G*
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NLV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable.


Similar Part No. - M74VHC1GT02DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
M74VHC1GT02DFT2G ONSEMI-M74VHC1GT02DFT2G Datasheet
73Kb / 6P
   Single 2?묲nput NOR Gate/CMOS Logic Level Shifter LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 11
M74VHC1GT02DFT2G ONSEMI-M74VHC1GT02DFT2G Datasheet
206Kb / 14P
   Single 2-Input NOR Gate
November, 2018 ??Rev. 19
M74VHC1GT02DFT2G ONSEMI-M74VHC1GT02DFT2G Datasheet
183Kb / 14P
   Single 2-Input NOR Gate
March, 2022 ??Rev. 22
More results

Similar Description - M74VHC1GT02DFT2G

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1GT02A RENESAS-HD74LV1GT02A Datasheet
102Kb / 7P
   2-input NOR Gate / CMOS Logic Level Shifter
logo
E-Tech Electronics LTD
MC74VHC1GT02 ETL-MC74VHC1GT02 Datasheet
558Kb / 4P
   2-Input NOR Gate / CMOS Logic Level Shifter
logo
ON Semiconductor
MC74VHC1GT02 ONSEMI-MC74VHC1GT02 Datasheet
188Kb / 8P
   2-Input NOR Gate/CMOS Logic Level Shifter
December, 1999 ??Rev. 2
logo
Texas Instruments
SN74LV1T02_1809 TI1-SN74LV1T02_1809 Datasheet
1Mb / 23P
[Old version datasheet]   Single Power Supply 2-Input Positive NOR Gate CMOS Logic Level Shifter
SN74LV1T02 TI1-SN74LV1T02 Datasheet
899Kb / 18P
[Old version datasheet]   Single Power Supply 2-Input Positive NOR Gate CMOS Logic Level Shifter
logo
Renesas Technology Corp
HD74LV1GT02A RENESAS-HD74LV1GT02A_15 Datasheet
137Kb / 9P
   2?밿nput NOR Gate / CMOS Logic Level Shifter
logo
Texas Instruments
SN74LV1T02 TI1-SN74LV1T02_18 Datasheet
1Mb / 20P
[Old version datasheet]   Single Power Supply 2-Input Positive NOR Gate CMOS Logic Level Shifter
logo
ON Semiconductor
MC74VHC1GT00DTT1G ONSEMI-MC74VHC1GT00DTT1G Datasheet
116Kb / 6P
   Single 2-Input NAND Gate CMOS Logic Level Shifter
May, 2011 ??Rev. 12
MC74VHC1GT00DFT2G ONSEMI-MC74VHC1GT00DFT2G Datasheet
116Kb / 6P
   Single 2-Input NAND Gate/ CMOS Logic Level Shifter
May, 2011 ??Rev. 12
NL17SHT00 ONSEMI-NL17SHT00 Datasheet
103Kb / 5P
   Single 2-Input NAND Gate CMOS Logic Level Shifter
August, 2011 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com