Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-1827864-6 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 2-1827864-6
Description  DYNAMIC D1200D 2.5mm PITCH REC HSG 4-20 POS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2-1827864-6 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  2-1827864-6 Datasheet HTML 1Page - TE Connectivity Ltd 2-1827864-6 Datasheet HTML 2Page - TE Connectivity Ltd 2-1827864-6 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image


Similar Part No. - 2-1827864-6

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2-1827873-5 TEC-2-1827873-5 Datasheet
201Kb / 2P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
2-1827875-0 TEC-2-1827875-0 Datasheet
419Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
2-1827875-2 TEC-2-1827875-2 Datasheet
419Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
2-1827875-3 TEC-2-1827875-3 Datasheet
419Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
2-1827875-4 TEC-2-1827875-4 Datasheet
419Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 2-1827864-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1827876-3 MACOM-1-1827876-3 Datasheet
249Kb / 3P
   DYNAMIC D1200D 2.5mm PITCH HDR ASSY
178289-8 MACOM-178289-8 Datasheet
251Kb / 2P
   REC HSG FOR DYNAMIC DPUBLE ROW DYNAMIC D-3100 REC HSG
178289-3 MACOM-178289-3 Datasheet
251Kb / 2P
   REC HSG FOR DYNAMIC DPUBLE ROW DYNAMIC D-3100 REC HSG
1-1827875-6 MACOM-1-1827875-6 Datasheet
419Kb / 3P
   DYNAMIC D1200D 2.5mm PITCH HDR ASSY (V-TYPE) 4-20POS
1-178288-3 MACOM-1-178288-3 Datasheet
485Kb / 2P
   REC HSG FOR DYNAMIC. SINGLE ROW
logo
TE Connectivity Ltd
2345284 TEC-2345284 Datasheet
851Kb / 1P
   2 POS,MCON 1.2 REC HSG ASSY, SLD
Rev. A2
logo
Molex Electronics Ltd.
10-01-5042 MOLEX11-10-01-5042 Datasheet
69Kb / 1P
   KK5.08 REC HSG
10-63-3064 MOLEX11-10-63-3064 Datasheet
55Kb / 1P
   SPOX 5/7.5 PITCH REC HSG
09-50-1023 MOLEX11-09-50-1023 Datasheet
76Kb / 1P
   SPOX 7.92 / 3.96 REC HSG
logo
Harwin Plc
P20-0445R HARWIN-P20-0445R Datasheet
74Kb / 1P
   PITCH 2.5mm HEIGHT 4.2mm 4-POS POGO PIN CONNECTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com