Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCWMVSG.EC-AZBZ-4R9T-1 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LCWMVSG.EC-AZBZ-4R9T-1
Description  Automotive Interior Lighting
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWMVSG.EC-AZBZ-4R9T-1 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LCWMVSG.EC-AZBZ-4R9T-1 Datasheet HTML 3Page - OSRAM GmbH LCWMVSG.EC-AZBZ-4R9T-1 Datasheet HTML 4Page - OSRAM GmbH LCWMVSG.EC-AZBZ-4R9T-1 Datasheet HTML 5Page - OSRAM GmbH LCWMVSG.EC-AZBZ-4R9T-1 Datasheet HTML 6Page - OSRAM GmbH LCWMVSG.EC-AZBZ-4R9T-1 Datasheet HTML 7Page - OSRAM GmbH LCWMVSG.EC-AZBZ-4R9T-1 Datasheet HTML 8Page - OSRAM GmbH LCWMVSG.EC-AZBZ-4R9T-1 Datasheet HTML 9Page - OSRAM GmbH LCWMVSG.EC-AZBZ-4R9T-1 Datasheet HTML 10Page - OSRAM GmbH LCWMVSG.EC-AZBZ-4R9T-1 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Version 1.0
LCW MVSG.EC
2014-02-21
7
7C
0.3028
0.3304
8K
0.3642
0.3805
7T
0.4386
0.4047
0.3041
0.3240
0.3659
0.3899
0.4430
0.4138
0.3087
0.3363
0.3736
0.3874
0.4467
0.4076
0.3098
0.3296
0.3758
0.3973
0.4515
0.4168
8C
0.3015
0.3368
4L
0.3648
0.3479
8T
0.4430
0.4138
0.3028
0.3304
0.3670
0.3578
0.4474
0.4228
0.3076
0.3430
0.3719
0.3522
0.4515
0.4168
0.3087
0.3363
0.3746
0.3624
0.4562
0.4260
4D
0.3119
0.3162
5L
0.3670
0.3578
9T
0.4474
0.4228
0.3130
0.3095
0.3692
0.3677
0.4518
0.4319
0.3170
0.3212
0.3746
0.3624
0.4562
0.4260
0.3178
0.3142
0.3773
0.3726
0.4609
0.4352
5D
0.3108
0.3229
6L
0.3692
0.3677
4U
0.4326
0.3801
0.3119
0.3162
0.3714
0.3775
0.4373
0.3893
0.3162
0.3282
0.3773
0.3726
0.4379
0.3813
0.3170
0.3212
0.3799
0.3828
0.4428
0.3906
6D
0.3098
0.3296
7L
0.3714
0.3775
5U
0.4373
0.3893
0.3108
0.3229
0.3736
0.3874
0.4420
0.3985
0.3154
0.3352
0.3799
0.3828
0.4428
0.3906
0.3162
0.3282
0.3826
0.3931
0.4477
0.3998
7D
0.3087
0.3363
8L
0.3736
0.3874
6U
0.4420
0.3985
0.3098
0.3296
0.3758
0.3973
0.4467
0.4076
0.3146
0.3422
0.3826
0.3931
0.4477
0.3998
0.3154
0.3352
0.3853
0.4033
0.4526
0.4090
8D
0.3076
0.3430
4M
0.3719
0.3522
7U
0.4467
0.4076
0.3087
0.3363
0.3746
0.3624
0.4515
0.4168
0.3138
0.3492
0.3791
0.3564
0.4526
0.4090
0.3146
0.3422
0.3822
0.3670
0.4576
0.4182
4E
0.3170
0.3212
5M
0.3746
0.3624
8U
0.4515
0.4168
0.3178
0.3142
0.3773
0.3726
0.4562
0.4260
0.3221
0.3262
0.3822
0.3670
0.4576
0.4182
0.3226
0.3189
0.3853
0.3776
0.4625
0.4275
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy


Similar Part No. - LCWMVSG.EC-AZBZ-4R9T-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCWMVSG.EC OSRAM-LCWMVSG.EC Datasheet
1Mb / 26P
   Small size high-flux LED for slim designs
More results

Similar Description - LCWMVSG.EC-AZBZ-4R9T-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWG6SP-EAFA-JKQL-1 OSRAM-LWG6SP-EAFA-JKQL-1 Datasheet
678Kb / 23P
   Automotive Interior Lighting
LWM673 OSRAM-LWM673 Datasheet
648Kb / 23P
   Automotive Interior Lighting
KODELPS1.22 OSRAM-KODELPS1.22 Datasheet
696Kb / 22P
   Automotive Interior Lighting
LGT671 OSRAM-LGT671 Datasheet
439Kb / 19P
   Automotive Interior Lighting
LCBM67S-N2R1-4R6T OSRAM-LCBM67S-N2R1-4R6T Datasheet
603Kb / 22P
   Automotive Interior Lighting
LWG6CP-EAFA-JKQL-1 OSRAM-LWG6CP-EAFA-JKQL-1 Datasheet
673Kb / 23P
   Automotive Interior Lighting
LWT6SC OSRAM-LWT6SC Datasheet
793Kb / 23P
   Automotive Interior Lighting
LTTTSD OSRAM-LTTTSD Datasheet
737Kb / 22P
   Automotive Interior Lighting
LSG6SP-CADB-1-1 OSRAM-LSG6SP-CADB-1-1 Datasheet
610Kb / 21P
   Automotive Interior Lighting
LYT670 OSRAM-LYT670 Datasheet
443Kb / 19P
   Automotive Interior Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com