Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCWG6CP-DAFA-4R9T Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LCWG6CP-DAFA-4R9T
Description  Automotive Interior Lighting
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWG6CP-DAFA-4R9T Datasheet(HTML) 4 Page - OSRAM GmbH

  LCWG6CP-DAFA-4R9T Datasheet HTML 1Page - OSRAM GmbH LCWG6CP-DAFA-4R9T Datasheet HTML 2Page - OSRAM GmbH LCWG6CP-DAFA-4R9T Datasheet HTML 3Page - OSRAM GmbH LCWG6CP-DAFA-4R9T Datasheet HTML 4Page - OSRAM GmbH LCWG6CP-DAFA-4R9T Datasheet HTML 5Page - OSRAM GmbH LCWG6CP-DAFA-4R9T Datasheet HTML 6Page - OSRAM GmbH LCWG6CP-DAFA-4R9T Datasheet HTML 7Page - OSRAM GmbH LCWG6CP-DAFA-4R9T Datasheet HTML 8Page - OSRAM GmbH LCWG6CP-DAFA-4R9T Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
2015-08-20
4
Version 1.2
LCW G6CP
Characteristics (T
S = 25 °C; IF = 140 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Chromaticity coordinates acc. to CIE 1931 2) page 27
Farbkoordinaten nach CIE 1931 2) Seite 27
(typ.)
(typ.)
Cx
Cy
0.42
0.4
-
-
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
120
°
Forward voltage 3) page 27
Durchlassspannung 3) Seite 27
(min.)
(typ.)
(max.)
V
F
V
F
V
F
2.90
3.30
4.10
V
V
V
Reverse current
Sperrstrom
I
R
not designed for
reverse operation
Real thermal resistance junction / solder point
4) page 27
Realer Wärmewiderstand Sperrschicht / Lötpad
4) Seite 27
(typ.)
(max.)
R
th JS real
R
th JS real
35
40
K/W
K/W


Similar Part No. - LCWG6CP-DAFA-4R9T

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCWG6CP OSRAM-LCWG6CP Datasheet
805Kb / 28P
   white SMT package, colorless clear silicone resin
More results

Similar Description - LCWG6CP-DAFA-4R9T

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWG6SP-EAFA-JKQL-1 OSRAM-LWG6SP-EAFA-JKQL-1 Datasheet
678Kb / 23P
   Automotive Interior Lighting
LWM673 OSRAM-LWM673 Datasheet
648Kb / 23P
   Automotive Interior Lighting
LCWMVSG.EC-AZBZ-4U9X OSRAM-LCWMVSG.EC-AZBZ-4U9X Datasheet
1Mb / 26P
   Automotive Interior Lighting
KODELPS1.22 OSRAM-KODELPS1.22 Datasheet
696Kb / 22P
   Automotive Interior Lighting
LGT671 OSRAM-LGT671 Datasheet
439Kb / 19P
   Automotive Interior Lighting
LCBM67S-N2R1-4R6T OSRAM-LCBM67S-N2R1-4R6T Datasheet
603Kb / 22P
   Automotive Interior Lighting
LWG6CP-EAFA-JKQL-1 OSRAM-LWG6CP-EAFA-JKQL-1 Datasheet
673Kb / 23P
   Automotive Interior Lighting
LWT6SC OSRAM-LWT6SC Datasheet
793Kb / 23P
   Automotive Interior Lighting
LTTTSD OSRAM-LTTTSD Datasheet
737Kb / 22P
   Automotive Interior Lighting
LSG6SP-CADB-1-1 OSRAM-LSG6SP-CADB-1-1 Datasheet
610Kb / 21P
   Automotive Interior Lighting
LYT670 OSRAM-LYT670 Datasheet
443Kb / 19P
   Automotive Interior Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com